Part Number Hot Search : 
B400C 39K50 UN211T AVR750U P3N60FI HCC4068 A102M DV16275
Product Description
Full Text Search
 

To Download TGHHV100RJE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Due to their non-inductive design, these resistors are ideally suited for highfrequency and pulse-load applications. Available in 120or 200-watt sizes, this resistor is designed for direct mounting onto a heatsink. Popular applications include variable speed drives, power supplies, control devices, telecom, robotics, motor controls, and other switching designs.
120 and 200 Watt SOT227Package Thick Film Power
TGH Series
SPECIFICATIONS
Material Heat Sink: Nickel-plated copper Contacts: Nickel-plated copper Substrate: Al203 (96%) Molding Compound: High-performance epoxy, compliant to UL94-V0 Terminal Nuts: American standard 303 stainless steel Electrical Resistance Range: 0.1 to 1M Tolerance: 5% Temperature coefficient: 250ppm (at +105C ref. to +25C) Max. Work.Voltage: 500V (up to 1,000V on special request) Power Rating at 85C: 120W (see derating) Partial Discharge: up to 2,000Vrms/80 pC Voltage Proof: Dielectric Strength up to 4,000V DC against ground
1.501" 0.004 (38.1mm 0.1) 1.235" 0.014 (31.35mm 0.35) 0.315" 0.008 (8.0mm 0.2) 3 0.158" (4.0mm) 4
0.473" 0.008 (12.0mm 0.2) 0.355" 0.004 (9.0mm 0.1) 0.079" 0.002 (2.00mm 0.05) 0.165" 0.004 (4.2mm 0.1) 0.980" 0.021 (24.9mm 0.5) 0.032" 0.002 (0.80mm 0.05) 0.500" 0.004 (12.7mm 0.1)
0.165" 0.004 (4.2mm 0.1)
1
2 M4 0.591" 0.004 (15.0mm 0.1) 1.190" 0.004 (30.2mm 0.1) 0.209" (5.3mm)
Heat Resistance to Cooling Plate: Rth <0.35 K/W Capacitance/Mass: 45pF Working Temp. Range: -55C to +155C Max. Torque for Base Plate (static): 1.5 Nm Max. Torque for Contacts (static): 1.3 Nm. M4 screws (not included) Derating (thermal resistance): 2.86W/K (0.35K/W)
DERATING
100 Percent Rated Power 80 60 40 20 0 0 25 50 85 100 125 150 175 Bottom-case Temperature, C
CONFIGURATIONS
Type: H L 120 200
Rated Power, W
(per package)
Config. 1 Config. 2 2
96 160 72 120 48 24 0
80 40 0
4
1
1
Best results can be reached by using a thermal transfer compound with a heat conductivity of better than 1W/mK
S TA N D A R D PA RT N U M B E R S
Ohms 120 Watt TGHH 0.1 0.5 1 5 10 25 33 50 100 150 500 680 1K 5K 10K TGHHVR100JE TGHHV1R00JE TGHHV5R00JE TGHHV10R0JE TGHHV33R0JE TGHHV50R0JE TGHHV100RJE TGHHV150RJE TGHHV500RJE TGHHV680RJE TGHHV1K00JE TGHHV5K00JE TGHHV10K0JE 200 Watt TGHL TGHLVR100JE TGHLVR500JE TGHLV1R00JE TGHLV10R0JE TGHLV25R0JE TGHLV33R0JE TGHLV100RJE TGHLV150RJE TGHLV500RJE TGHLV680RJE TGHLV1K00JE TGHLV5K00JE TGHLV10K0JE
O R D E R I N G I N F O R M AT I O N
Configuration V = config. 1 X = config. 2 E = RoHS compliant
TGHHV1R00JE
SOT 227 Series Wattage Resistance Value Tolerance J = 5% H = 120W Example: L = 200W R500 = 0.500 1R00 = 1 250R = 250 1K00 = 1,000 10K0 = 10,000
Check product availability at www.ohmite.com
Subscribe to our New Product Bulletin at ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
61


▲Up To Search▲   

 
Price & Availability of TGHHV100RJE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X