Part Number Hot Search : 
CD6322C SF161 UPD703 HD7279A 2SK1535 MLL961A MS6334TR RTL8305S
Product Description
Full Text Search
 

To Download TCX302U030L3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type TCX 105 C, Axial Leaded Aluminum Electrolytic Capacitors
Extended Life Computer Grade Capacitor
Type TCX is an axial leaded, 105 C, 2000 h extended life industrial and computer grade quality aluminum electrolytic capacitor with low DCL and ESR and is suitable for computer applications.
Highlights
* * * 105 C rated Computer grade Low DCL and ESR
Specifications
Capacitance Range: 27 to 12,000 F Voltage Range: 10 to 150 WVdc Capacitance Tolerance: 10 to 75 WVdc, -10 +75% 100 to 150 WVdc, -10 +50% Operating Temperature Range: -55 C to 105 C DC Leakage Current: I= 2 CV after 5 minutes Not to exceed 2 mA @ 25 C I = leakage current in A C = Capacitance in F V = Rated voltage Ripple Current Multipliers: Rated Ripple Multipliers
WVdc 0 to 150 Ambient Temp. Ripple Multiplier 60 Hz 0.8 400 Hz 1.05 1000 Hz 1.10 2400 Hz 1.14
+45 C +55 C +65 C +75 C +85 C +95 C 1.7 1.58 1.4 1.2 1.0 0.7
QA Stability Test: Apply WVdc for 2,000 h at 105 C * Capacitance change 15% from initial limits * DC leakage current meets initial limits * ESR 150% of initial measured value
Outline Drawing
1/32 Approx d Vent 2.500 .250 L .031 2.500 .250
Molded Plastic Seal
+
D .015
Parts are supplied with PVC insulating sleeve.
Add .010" to diameter and .125" max
to length to allow for insulation.
(Inches)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TCX 105 C, Axial Leaded Aluminum Electrolytic Capacitors
Ratings
Cap (F) Catalog Part Number Max ESR 120 Hz 25 C () Size Max Ripple 120 Hz Diameter Length Lead 85 C D L Wire (A) (Inches) (Inches) (d) Cap (F) Catalog Part Number Size Max ESR Max Ripple 120 Hz 120 Hz Diameter Length Lead 25 C 85 C D L Wire () (A) (Inches) (Inches) (d) 40 WVdc ( 50 Vdc Surge ) 0.875 3.125 0.040 4,200 TCX422U040N3L 0.028 6.361 1.000 3.625 0.040
10 WVdc ( 12 Vdc Surge ) 10,000 TCX103U010L3C 0.024 5.952
15 WVdc ( 20 Vdc Surge ) 1,000 TCX102U015J1C 2,100 TCX212U015J1L 8,200 TCX822U015N2L 12,000 TCX123U015N3L 0.145 0.071 0.025 0.019 1.394 2.337 5.796 7.589 0.750 0.750 1.000 1.000 1.125 1.625 2.625 3.625 0.040 0.040 0.040 0.040 250 370 500 710 950 1.000 0.875 1.000 0.875 1.000 1.125 1.625 1.625 2.625 3.625 0.040 0.040 0.040 0.040 0.040 65 100 0.625 0.750 0.750 0.875 0.875 1.125 1.125 2.125 2.625 3.125 0.032 0.040 0.040 0.040 0.040 110 150 0.750 0.875 0.750 0.875 1.125 1.625 2.625 2.625 0.040 0.040 0.040 0.040 27 150 560 740
50 WVdc ( 65 Vdc Surge ) TCX251U050G1G TCX371U050L1C TCX501U050G2C TCX711U050N1G TCX951U050N1L 0.306 0.216 0.155 0.118 0.089 0.061 0.047 0.035 0.947 1.250 1.624 1.989 2.456 3.436 4.170 5.655 0.625 0.875 0.625 1.000 1.000 0.875 1.000 1.000 1.375 1.125 2.125 1.375 1.625 2.625 2.625 3.625 0.032 0.040 0.032 0.040 0.040 0.040 0.040 0.040
25 WVdc ( 30 Vdc Surge ) 1,200 TCX122U025N1C 1,800 TCX182U025L1L 2,400 TCX242U025N1L 3,700 TCX372U025L2L 7,200 TCX722U025N3L 0.109 0.071 0.057 0.037 0.023 1.899 2.557 3.081 4.370 6.882
1,400 TCX142U050L2L 1,900 TCX192U050N2L 2,800 TCX282U050N3L
75 WVdc ( 95 Vdc Surge ) TCX650U075G1C TCX101U075J1C TCX561U075L2L TCX741U075N2L 2.961 1.932 0.115 0.090 0.084 0.419 0.574 2.491 3.033 3.633 0.625 0.750 0.875 1.000 1.000 1.125 1.125 2.625 2.625 3.625 0.032 0.040 0.040 0.040 0.040
30 WVdc ( 40 Vdc Surge ) 310 470 TCX311U030G1C TCX471U030J1C 0.316 0.214 0.075 0.043 0.039 0.852 1.149 2.583 4.091 4.643
1,400 TCX142U030J2C 2,700 TCX272U030L2L 3,000 TCX302U030L3C
1,100 TCX112U075N3L
100 WVdc ( 125 Vdc Surge ) TCX111T100L1G TCX151T100L1L .404 0.297 0.996 1.248 0.875 0.875 1.375 1.625 0.040 0.040
40 WVdc ( 50 Vdc Surge ) 360 TCX361U040J1C 0.230 0.088 0.063 0.045 1.107 2.290 3.107 3.975
150 WVdc ( 175 Vdc Surge ) TCX270T150G1C TCX151T150J2L 5.720 0.404 0.322 1.224 0.625 0.750 1.125 2.625 0.032 0.040
1,000 TCX102U040L1L 1,400 TCX142U040J2L 2,100 TCX212U040L2L
Case Code Format for Type TCX
Case Code Chart
Case Code E1G E2C G1C G1G G1L G2C G2L G3C G3L J1C J1G J1L J2C J2L J3C D 0.500 0.500 0.625 0.625 0.625 0.625 0.625 0.625 0.625 0.750 0.750 0.750 0.750 0.750 0.750 Inches L 1.375 2.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 Millimeters D 12.7 12.7 15.9 15.9 15.9 15.9 15.9 15.9 15.9 19.1 19.1 19.1 19.1 19.1 19.1 L 34.9 53.9 28.6 34.9 41.3 53.9 66.7 79.4 92.1 28.6 34.9 41.3 53.9 66.7 79.4 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.040 0.040 0.040 0.040 0.040 0.040 d Inches AWG #20 #20 #20 #20 #20 #20 #20 #20 #20 #18 #18 #18 #18 #18 #18 Case Code J3L L1C L1G L1L L2C L2L L3C L3L N1C N1G N1L N2C N2L N3C N3L D 0.750 0.875 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000
Case Code Chart
Inches L 3.625 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 3.625 Millimeters D 19.1 22.2 22.2 22.2 22.2 22.2 22.2 22.2 25.4 25.4 25.4 25.4 25.4 25.4 25.4 L 92.1 28.6 34.9 41.3 53.9 66.7 79.4 92.1 28.6 34.9 41.3 53.9 66.7 79.4 92.1 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 d Inches AWG #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of TCX302U030L3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X