Part Number Hot Search : 
DS1866 ZT207E ZTX65802 BCR39 ON1403A 60100 013TR 835LG
Product Description
Full Text Search
 

To Download TA3050PA4K50FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Chip(R) Thick Film on Alumina Substrate
3, 5, 7.5 & 10 watt
H typical PC board 0.07"/1.78mm P L 0.02" x 0.015" Pins
TA Series
0.17"/4.32mm 0. 0"/2.54mm 1
10, 25, 50 & 100 watt
0.040" / 1.02 mm L
H
0.240" / 6.10 mm 0.300" / 7.62 mm 0.020" / 0.51 mm typ. P 0.200" / 5.08 mm 0.050" / 1.27 mm dia. finished pins 0.070" / 1.78 mm
0.150" / 3.8 mm ref.
0.040" / 1.02 mm typ.
Ohmite's original Power Chip resistors feature our thick film on alumina substrate technology. These planar packages yield space saving, 10W/in2 power densities that require over 50% less board space than other radial packages. Convection cooling is maximized by the planar package configuration which dissipates heat well above board level. Ohmite's power chip resistors have a 125% higher operating temperature range than competitive product of similar design. High temperature solder and in-process plating keep terminations secure under self-heating effects by preventing re-flow from full power operation. Flexible packaging schemes make these resistors ideal for power supplies, audio amplifiers, video fly-back, and other power control applications.
SPeCiFiCATiONS
Material Substrate: Alumina Resistor: Thick Film Coating: Glass Terminals: Solder Plated Phosphor Bronze Thermal Conductivity: 20 Watts/Meter/C Temperature Coefficient: 1 ohm 450 ppm/C 1 to 100 100 ppm/C 101 and up 50 ppm/C Electrical Tolerance: 1%, 5% and 10% Power Rating: Based on 25C free air Resistance Range: 0.25 ohm to 10M ohm. Consult factory for other values Maximum Operating Voltage: 350 VAC, 500 VDC through glass, 1000 VAC, 1500 VDC through substrate Overload: Five times rated power, as long as the one second average dissipation does not exceed the wattage rating. R: 2%, 2000 hours Derating: 100% @ 25C to 0% @ 350C.
Solder-coated phosphor bronze
FeATureS
* High-Temp Terminal Construction * Wide Resistance Range * Low Inductance (50nH-100nH) * High Power Density * Easy to install. PC-mountable
Series
Wattage
P
Dimensions (.020 in. / .508mm) Length L Height H
TA203 TA303 TA205 TA305 TA605 TA805 TA207 TA307 TA310 TA810 TA025 TA050 TA100
3.0 3.0 5.0 5.0 5.0 5.0 7.5 7.5 10.0 10.0 25.0 50.0 100.0
0.200 / 5.08 0.300 / 7.62 0.200 / 5.08 0.300 / 7.62 0.600 / 15.24 0.800 / 20.32 0.200 / 5.08 0.300 / 7.62 0.300 / 7.62 0.800 / 20.32 1.90 / 48.3 1.90 / 48.3 4.10 / 104.1
0.50 / 12.70 0.50 / 12.70 0.50 / 12.70 0.50 / 12.70 1.00 / 25.40 1.00 / 25.40 0.75 / 19.05 0.75 / 19.05 1.00 / 25.40 1.00 / 25.40 2.220 / 56.39 2.220 / 56.39 4.420 / 112.27
0.60 / 15.24 0.60 / 15.24 1.00 / 25.40 1.00 / 25.40 0.50 / 12.70 0.50 / 12.70 1.00 / 25.40 1.00 / 25.40 1.00 / 25.40 1.00 / 25.40 1.170 / 29.70 2.270 / 57.60 2.270 / 57.60
o r d e r i n G i n f o r m at i o n
Pin spacing (on 3-10W models only) 2 = .2" 3 = .3" 8 = .8" Tolerance K = 10% J = 5% F = 1%
RoHS compliant
Series Resistance Value () Power Rating: Package: PA = pin terminals, R250 = 0.25 03 = 3 W std. for 3-10 W 10R0 = 10.0 05 = 5 PW = wraparound, 2K00 = 2,000 07 = 7.5 std. for 25-100 W 45K0 = 45,000 10 = 10 025 = 25 050 = 50 Check product availability at 100 = 100
www.ohmite.com
S ta n d a r d pa rt n u m b e r S f o r ta S e r i e S
Ohmic value Ohmic value TA810PW TA025PW TA050PW TA100PW TA810PW TA025PW TA050PW TA100PW TA810PW TA025PW TA050PW TA100PW Part No. Prefix Suffix ---R250J ---1R00J ---1R50J ---2R00J ---4R70J ---5R00J ---5R10J ---7R50J ---8R20J ---10ROJ ---11R0J ---12R0J ---15R0J ---20R0J ---24R0J ---27R0J ---33R0J ---47R0J Part No. Prefix Suffix ---50R0J ---62R0J ---68R0J ---75R0J ---100RJ ---150RJ ---200RJ ---250RJ ---270RJ ---300RJ ---470RJ ---560 ---620RJ ---680RJ ---1K00J ---1K50J ---1K80J ---2K00J Ohmic value Part Number TA203PA TA303PA TA205PA TA305PA TA207PA TA310PA Part Number TA203PA TA303PA TA205PA TA305PA TA207PA TA310PA Part Number TA203PA TA303PA TA205PA TA305PA TA207PA TA310PA Part No. Prefix Suffix ---2K50J ---3K00J ---4K00J ---4K70J ---5K00J ---5K10J ---7K50J ---10K0J ---15K0J ---18K0J ---20K0J ---30K0J ---39K0J ---50K0J ---75K0J ---100KJ ---150KJ ---200KJ
0.25 1.00 1.50 2.00 4.70 5.00 5.10 7.50 8.20 10.00 11.00 12.00 15.00 20.00 24.00 27.00 33.00 47.00










50.00 62.00 68.00 75.00 100.00 150.00 200.00 250.00 270.00 300.00 470.00 500.00 620.00 680.00 1,000.00 1,500.00 1,800.00 2,000.00










2,500.00 3,000.00 4,000.00 4,700.00 5,000.00 5,100.00 7,500.00 10,000.00 15,000.00 18,000.00 20,000.00 30,000.00 39,000.00 50,000.00 75,000.00 100,000 150,000 200,000




= Most popular standard values, = Stock values, = 54
Non-standard values subject to minimum handling charge per item
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of TA3050PA4K50FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X