Part Number Hot Search : 
GL3UR43 1N4737AE R5F3650 67040 1108HTSN L6388 250211B HD26C31
Product Description
Full Text Search
 

To Download SWTC614A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Window Single Mode Wideband Tree/Star Coupler (nxm)
SWTC Series
Features Best Uniformity Low Insertion Loss and PDL High Directivity Highly Stable & Reliable
Single Window Single Mode Wideband Tree/Star Coupler (nxm)
Oplink's single window, single mode wideband tree and star couplers are high port count bi-directional products with excellent performance over a wide bandwidth. They have very good uniformity, low excess loss and very low polarization sensitivity. All devices are tested according to industry standard test procedures and are supplied with all pertinent measurement data. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full functionmodule or subsystem.
Applications Telecommunications CATV Fiber Optic Links Fiber Amplifier System Fiberoptic Instruments
Performance Specifications
SWTC Series (NxM) Nx4 Nx5 Nx6 Nx8 Nx16 Nx32 Nx40 Unit
Standard Configuration Grade Operating Wavelength Operating Temperature Storage Temperature Maximum Insertion Loss Max Uniformity Polarization Dependent Loss Directivity Maximum Power Handling Package Dimension *
N=1,2,4 N=1 P/A P/A 1310 nm 1270 ~ 1350
6.7/7.4 0.8/1.0 0.3
P1
N=1,2,8 N=1,2,16 N=1,2 N=1,2 N=1,2 P/A P/A P/A P/A P/A L Band C Band C+L Band 1528 ~ 1565 1570 ~ 1650 1528 ~ 1610 nm -40 to +70 C -40 to +85 C 8.3/8.7 9.2/9.6 10.2/11.2 13.5/14.5 17.5/18.5 18.8/20.0 dB 1.0/1.2 1.2/1.8 1.5/2.0 2.8/3.5 dB 1.2/1.4 2.5/3.0 dB 0.4 0.3 0.5 0.6 0.8 0.8 > 55 dB 500 mW mm P1 P2 P3* P2 P4 P4 P1: (L)100 x (W)80 x (H)7 P2: (L)130 x (W)90 x (H)9 P3: (L)160 x (W)110 x (H)11 P4: (L)210 x (W)160 x (H)13 * Except for 16x16 which uses P4 package
* The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified. ** The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified, does not include contribution from connectors.
Oplink Communications, Inc.
R1.20070926
Single Window Single Mode Wideband Tree/Star Coupler (nxm)
SWTC Series
Mechanical Drawing / Package Dimensions (dimension in mm)
P1
100.0
P2
130.0
80.0
76.0
90.0 VIEW B
86.0
VIEW B
20.0
60.0
35.0
60.0
7.0
3.5
TYP 4.0
9.0
5.5 TYP 4.0
R2.5 2.0
R1.5
R2.5 2.0 NOTES: (UNLESS OTHERWISE SPECIFIED) 1. ALL DIMENSION ARE IN MILLIMETER. 2. MAT'L AND FINISH: AL6061, BLACK ANODIZE. 3. TOL: .X = 0.2, .XX = 0.1.
R1.5
3.0 5.0 DETAIL B
3.0 5.0 DETAIL B
NOTES: (UNLESS OTHERWISE SPECIFIED) 1. ALL DIMENSION ARE IN MILLIMETER. 2. MAT'L AND FINISH: AL6061, BLACK ANODIZE. 3. TOL: .X = 0.2, .XX = 0.1.
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
SWTC
0
0
0
Wavelength
1310nm= 3 C band= 5 L band= 6 C+L band =1
Type
1x4=14, 1x16=1A 2x4=24, 2x16=2A 4x4=44, 16x16=AA 1x5=15, 1x32=1B 1x6=16, 2x32=2B 1x8=18, 1x40=1C 2x8=28, 2x40=2C 8x8=88
Grade
P Grade= P A Grade= A
PackageType
P1=1 P2=2 P3=3 P4=4
Fiber Length
1.0 1.5 2.0 0.5 meter= 1* meter= 5 meter= 2 meter= H
Connector Type
None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
Fiber Type
900m loose tube= 2 3mm cable= 3
* 1 meter is standard. The lead time for special fiber length will be longer.
R1.20070926
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of SWTC614A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X