Part Number Hot Search : 
BU4221G ZPY30 OPR5013 30KP200A NCP5623 ATR2809 BC847BP X2N4351
Product Description
Full Text Search
 

To Download STF23NM60ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB23NM60ND-STF23NM60ND STI23NM60ND-STP/W23NM60ND
N-channel 600 V - 0.150 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmeshTM II Power MOSFET (with fast diode)
Preliminary Data
Features
Type STB23NM60ND STI23NM60ND STF23NM60ND STP23NM60ND STW23NM60ND VDSS (@Tjmax) 650 V 650 V 650 V 650 V 650 V RDS(on) max < 0.180 < 0.180 < 0.180 < 0.180 < 0.180 ID
1 3
3 12
20 A 20 A 20 A(1) 20 A 20 A
DPAK
2 1 3
IPAK
TO-247
3 1 2
1 2 3
1. Limited by wire bonding
The worldwide best RDS(on) * area amongst the fast recovery diode devices 100% avalanche tested Low input capacitance and gate charge Low gate input resistance High dv/dt and avalanche capabilities
TO-220
TO-220FP
Figure 1.
Internal schematic diagram
Application
Switching applications
Description
The FDmeshTM II series belongs to the second generation of MDmeshTM technology. This revolutionary Power MOSFET associates a new vertical structure to the company's strip layout and associates all advantages of reduced onresistance and fast switching with an intrinsic fastrecovery body diode.It is therefore strongly recommended for bridge topologies, in particular ZVS phase-shift converters. Table 1. Device summary
Order codes STB23NM60ND STI23NM60ND STF23NM60ND STP23NM60ND STW23NM60ND January 2008 Marking 23NM60ND 23NM60ND 23NM60ND 23NM60ND 23NM60ND Rev 1 Package DPAK IPAK TO-220FP TO-220 TO-247 Packaging Tape & reel Tube Tube Tube Tube 1/15
www.st.com 15
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Contents
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Contents
1 2 3 4 5 6 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Test circuit ................................................ 6
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Electrical ratings
1
Electrical ratings
Table 2.
Symbol
Absolute maximum ratings
Value Parameter DPAK/IPAK TO-220FP TO-220/TO-247 600 25 20 12.6 80 150 40 --55 to 150 150 2500 20 (1) 12.6 (1) 80 (1) 35 Unit
VDS VGS ID ID IDM (2) PTOT dv/dt (3) VISO Tstg Tj
Drain-source voltage (VGS=0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s; TC = 25 C) Storage temperature Max. operating junction temperature
V V A A A W V/ns V C C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 20 A, di/dt 600 A/s, VDD =80% V(BR)DSS
Table 3.
Symbol Rthj-case Rthj-amb Tl
Thermal data
Parameter Thermal resistance junction-case max Thermal resistance junction-amb max Maximum lead temperature for soldering purposes DPAK/IPAK TO-247 TO-220 0.83 62.5 50 300 TO-220FP 3.6 62.5 Unit C/W C/W C
Table 4.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj= 25 C, ID = IAS, VDD = 50 V) Max value 9 700 Unit A mJ
3/15
Electrical characteristics
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS dv/dt(1)
On/off states
Parameter Drain-source breakdown voltage Drain-source voltage slope Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1 mA, VGS= 0 VDD = 480 V,ID = 20 A, VGS = 10 V VDS = Max rating, VDS = Max rating,@125 C VGS = 20 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 10 A 3 4 Min. 600 30 1 100 100 5 Typ. Max. Unit V V/ns A A nA V
IDSS IGSS VGS(th) RDS(on)
1.
0.150 0.180
Characteristic value at turn off on inductive load
Table 6.
Symbol gfs(1) Ciss Coss Crss Coss eq.(2)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Gate input resistance Test conditions VDS =15 V, ID= 10 A VDS = 50 V, f =1 MHz, VGS = 0 Min. Typ. 17 2050 140 8 260 Max. Unit S pF pF pF pF
VGS = 0, VDS = 0 to 480 V f=1 MHz Gate DC Bias=0 Test signal level=20 mV open drain VDD = 480 V, ID = 20 A VGS = 10 V (see Figure 3)
Rg
4
nC nC nC
Qg Qgs Qgd
1.
Total gate charge Gate-source charge Gate-drain charge
60 10 30
Pulsed: pulse duration = 300 s, duty cycle 1.5%
2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Electrical characteristics
Table 7.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 300 V, ID = 10 A, RG = 4.7 , VGS = 10 V (see Figure 2) Min. Typ. 25 45 90 36 Max. Unit ns ns ns ns
Table 8.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 20 A, VGS=0 ISD = 20 A, di/dt =100 A/s, VDD = 100 V (see Figure 4) VDD = 100 V di/dt =100 A/s, ISD = 20 A Tj = 150 C (see Figure 4) 140 0.85 12 TBD TBD TBD Test conditions Min. Typ. Max. Unit 20 80 1.3 A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration = 300s, duty cycle 1.5%
5/15
Test circuit
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
3
Figure 2.
Test circuit
Switching times test circuit for resistive load Figure 3. Gate charge test circuit
Figure 4.
Test circuit for inductive load Figure 5. switching and diode recovery times
Unclamped inductive load test circuit
Figure 6.
Unclamped inductive waveform
Figure 7.
Switching time waveform
6/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
7/15
Package mechanical data
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
8/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Package mechanical data
TO-220FP mechanical data
mm. Min. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 Typ. Max. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1
E H
F2
L2
L5
123
L4
G
9/15
Package mechanical data
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
TO-262 (I2PAK) mechanical data
mm. DIM. Min. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ. Max. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 Typ. Max. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
10/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Package mechanical data
DPAK mechanical data
mm Dim Min A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10 8.5 4.88 15 1.27 1.4 2.4 0.4 0 4 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.50 0.055 0.094 10.4 0.393 Typ Max 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 Min 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352
inch Typ Max 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 0.315 0.409 0.334 0.208 0.625 0.55 0.68 0.126 0.015
11/15
Package mechanical data
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
TO-247 mechanical data
mm. Min. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 14.80 4.30 Typ Max . 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75
Dim. A A1 b b1 b2 c D E e L L1 L2 oP oR S
12/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Packaging mechanical data
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
13/15
Revision history
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
6
Revision history
Table 9.
Date 22-Jan-2008
Document revision history
Revision 1 First release Changes
14/15
STB23NM60ND-STF/I23NM60ND-STP23NM60ND-STW23NM60ND
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of STF23NM60ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X