Part Number Hot Search : 
836B419 SY10EP PTB20170 IRFM460 100EL12 KA2821D RF23171 SP804TEP
Product Description
Full Text Search
 

To Download SSG9575 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSG9575
-4A, -60V,RDS(ON) 90m[ Elektronische Bauelemente
P-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
SOP-8
Description
The SSG9575 provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
The SOP-8 is universally preferred for all commercial industrial surface mount application and suited for low voltage applications such as DC/DC converters.
0.35 0.49 1.27Typ. 4.80 5.00 0.100.25 3.80 4.00 6.20 5.80 0.25 0.40 0.90 0.19 0.25
45
o
0.375 REF
Features
* Low on-resistance * Simple drive requirement
D 8 D 7 D 6 D 5
0 o 8
o
1.35 1.75
Dimensions in millimeters
D
* Fast switching characteristic
9575SC
Date Code
G
1 S 2 S 3 S 4 G
S
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings
-60
25 -4 -3.2 -20 3 0.02
Unit
V V A A A W
W / oC
o
3
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient Max.
Symbol
Rthj-a
Ratings
50
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SSG9575
Elektronische Bauelemente -6A, -60V,RDS(ON) 90m[ P-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 oC) Static Drain-Source On-Resistance
2 o
o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
-60
_
Typ.
_
Max.
_ _
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=-250uA Reference to 25 C,ID=-1mA VDS=VGS, ID=-250uA VGS= 25V VDS=-60V,VGS=0 VDS=-48V,VGS=0 VGS=-10V, ID=-4A VGS=-4.5V, ID=-3A
o
-0.04
_ _ _ _
-1.0
_ _ _ _
-3.0
100
-1 -25 90 120
28
_ _
_ _ 18 5 7 12 5 68 32
1745
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _ _ _ _ _ _ _ _
m[
Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
2
nC
ID=-4A VDS=-48V VGS=-4.5V
_
_ _ _
VDD=-30V ID=-1A nS VGS=-10V RG=3.3[ RD=30 [
2790
_ _
165 125 7
pF
VGS=0V VDS=-25V f=1.0MHz
_
_
S
VDS=-10V, ID=-4A
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD
Min.
_
Typ.
_
56 146
Max.
-1.2
Unit
V
Test Condition
IS=-2A, VGS=0V.
Is=-4A, VGS=0V dl/dt=100A/us
Reverse Recovery Time
2
Trr Qrr
_ _
_ _
nS nC
Reverse Recovery Charge
Notes: 1.Pulse width limited by safe operating area. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board; 135OC/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SSG9575
Elektronische Bauelemente -4A, -60V,RDS(ON) 90m[ P-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 4
SSG9575
Elektronische Bauelemente -4A, -60V,RDS(ON) 90m [ P-Channel Enhancement Mode Power Mos.FET
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SSG9575

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X