Part Number Hot Search : 
2SK240 RODUCTS MT8804AP NTS353 76650 IRFI630 D16801 10100C
Product Description
Full Text Search
 

To Download SR260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
SR220 --- SR2A0
VOLTAGE RANGE: 20 --- 100 V CURRENT: 2.0 A
SCHOTTKY BARRIER RECTIFIER
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
DO - 15
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic Terminals: Axial lead ,solderable per MIL- STD-750,Method 2026 Polarity: Color band denotes cathode Weight: 0.014ounces,0.39 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR220 SR230 SR240
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
SR250
50 35 50 2.0
SR260
60 42 60
SR280 SR2A0 UNITS
80 56 80 100 70 100 V V V A
VRRM VRMS VDC IF(AV)
20 14 20
30 21 30
40 28 40
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
50.0
A
Maximum instantaneous forw ard voltage @ 2.0A (Note 1) Maximum reverse current @TA=25
VF IR CJ RJA TJ TSTG
0.55 1.0 10.0 170 35
0.7
0.85
V
mA
at rated DC blocking voltage @TA=100 Typical junction capacitance Typical thermal resistance (Note2) (Note3)
pF
Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test:300us pulse width,1% duty cy cle.
- 55 ---- + 125 - 55 ---- + 150
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient
Document Number 0266009
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
SR220 --- SR2A0
FIG.1 -- FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT
FIG.2 -- PEAK FORWARD SURGE CURRENT
2.0
PEAK FORWARD SURGE CURRENT
50 40
1.5
AMPERES
1.0
0.5
Resistive or Inductive Load 0.375"(9.5mm) Lead Length
AMPERES
30 20 10 0
TJ=TJMAX 8.3ms Single Half Sine-Wave
0 0 25 50 75 100 125 150 175
1
10
100
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD XXXXXXXXX----CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT
50
SR220 - SR240
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
400
CAPACITANCE,pF
10
AMPERES
SR280 - SR2A0
100
1
SR250 - SR260
0.1
Pulse Width=300s 1% DUTY CYCLE
TJ=25ae f=1.0MHz Vsig=50mVp-p
10 0.1 1 10 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0266009
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SR260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X