Part Number Hot Search : 
MB141 SEMIC 23100 LMX331H Z5237 4FCT2 ADG3245 0T120
Product Description
Full Text Search
 

To Download SFR201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFR201 THRU SFR207
2.0 AMPS. Soft Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability Fast switching for high efficiency
DO-15
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.40 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SFR SFR Type Number 201 202 Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=75 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Operating Temperature Range Storage Temperature Range
SFR 203
SFR 204
SFR 205
SFR 206
SFR Units 207
200 140 200
400 280 400 2.0 60 1.2 5.0 100
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA nS pF
O
I(AV) IFSM VF IR Trr Cj
RJA TJ TSTG
120
200 20 60 -65 to +150 -65 to +150
350
C/W

Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
- 426 -
RATINGS AND CHARACTERISTIC CURVES (SFR201 THRU SFR207)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
2.0 70
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
60 50 40 30 20 10 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave JEDEC Method
1.5
1.0
.5
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375 (9.5mm) Lead Length
0 25 50 75 100
o
0
125
150
175
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
20 10 90 70
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
INSTANTANEOUS FORWARD CURRENT. (A)
50
3.0
30
Tj=25 0C
20 10
1.0
0.3
0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
1 1 2 4 6 10 20 40 60 100 REVERSE VOLTAGE. (V)
.03
.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 FORWARD VOLTAGE. (V)
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
- 427 -


▲Up To Search▲   

 
Price & Availability of SFR201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X