Part Number Hot Search : 
S0150 5N50N 20020 HC08D 74466300 20020 1SMB60A 20020
Product Description
Full Text Search
 

To Download SCS1100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCS120P THRU SCS1100P
Elektronische Bauelemente VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
High Current Capability Extremely Low Thermal Resistance For Surface Mount Application Higher Temp Soldering : 250C for 10 Seconds at Terminals Low Forward Voltage
PACKAGE DIMENSIONS
SOD-123 PLASTIC PACKAGE
A B C E
MECHANICAL DATA
Case: Molded Plastic Epoxy: UL 94V-0 Rate Flame Retardant Lead: Axial Leads, Solderable per MIL-STD-202 method 208 Guaranteed Polarity: Color Band Denotes Cathode End Mounting Position: Any
H
D
G
J
DIM A B C D E G H J
MILLMETERS MIN MAX 3.55 3.85 2.55 2.85 1.40 1.80 -----1.25 0.30 0.78 0.15 ---------0.25 ----0.15
INCHES MIN MAX 0.140 0.152 0.100 0.112 0.550 0.071 -----0.049 0.120 0.031 0.006 ------------0.001 ------0.006
MARKING CODE
SCS120P SCS140P SCS160P SCS1100P BR BM XG XH
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER
Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Average Forward Current @TJ=25C Peak Forward Current @ 8.3 ms Half Sine Maximum Instantaneous Forward Voltage VF @ IFM = 1.0 A, TA = 25C Maximum DC Reverse Current At Rated DC Blocking Voltage @ TJ = 25C Typical Junction Capacitance Operating Temperature Range Storage temperature
SYMBOL
VRRM VRWM VR IF(AV) IFSM VF IR CJ TJ TSTG
SCS120P 20
SCS140P 40
SCS160P 60 1.0 10
SCS1100P 100
UNITS
V A A
0.45
0.55 0.3
0.66
0.83
V mA pF C C
30 - 50 ~ + 150 - 65 ~ + 175
NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C. 2. Thermal Resistance Junction to Ambient.
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
01-June-2008 Rev. E
Page 1 of 2
SCS120P THRU SCS1100P
Elektronische Bauelemente VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
RATINGS AND CHARACTERISTIC CURVES
FIG.1 TYPICAL FORWARD CHARACTERISTICS
FIG.2-JUNCTION CAPACITANCE
20
40
S1
60
P
10 6 4 2
20
P
60
P
SC
S1
S1
10
0P
40 20 pF 10 6 4 2 1
SC
SC
Amps 1
.6 .4 .2 .1 .06 .04 .02 .01 0 .4 .6 .8 1.0 1.2
SC
S1
.1
2
4
1
10 20 40 TJ =25 C Volts
100 200 400 1000
Volts Instantaneous Forward Current - Ampsperes versus Instantaneous Forward Voltage - Volts
FIG.3-FORWARD DERATING CURVE
1.2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 1.0 50 40 .8 Amps .6 .4 .2 30 20 10 0 1 2 4 8 10 20 40 60 80 100
1.4
FIG.4-PEAK FORWARD SURGE CURRENT
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 0 0 150 100 125 175 C Average Forward Rectified Current - Amperes versus Juntion Temperature - C 50 75
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
01-June-2008 Rev. E
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SCS1100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X