Part Number Hot Search : 
D0G6B5 MC74HC1 HF50ACB PD100 MAX6496 2N6287 DS751 D2N103LX
Product Description
Full Text Search
 

To Download SCD0803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCD0803 THRU SCD0806
Elektronische Bauelemente
VOLTAGE 200V ~800V
0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
A suffix of "-C" indicates halogen-free & RoHS Compliant
1206-S
0.067 (1.71) 0.059 (1.50) 0.059 (1.50)
FEATURES
* * * * * * * * * * RoHS Compliant Product Leadless chip form , no lead damage Lead-free solder Joint , No Wire bond & Lead Frame Low profile package For surface mounted applications Built-in strain relief Low power loss , High efficiency High current capability High surge capacity Plastic package has Underwriters Laboratory Flammability Classification 94V-0
0.138 (3.50) 0.130 (3.30)
0.002 (0.05)
6 (0 .40)
01 R0.
0.035 (0.90) 0.020 (0.50)
0.035 (0.90) 0.020 (0.50)
0.039(0.98)
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser marking Weight : 0.012 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (SEE FIG.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load Maximum instantaneous forward voltage at 0.8 A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Operating junction and storage temperature range TA=25 C TA=125 C
o o o
SYMBOLS VRRM VRMS VDC I (AV)
SCD0803
200 140 200
SCD0804
400 280 400
0.035(0.88)
SCD0805
600 420 600
SCD0806
800 560 800
UNITS Volts Volts Volts Amps
0.8
IFSM
15
Amps
VF
0.96
1.30 5 50 35 10 -65 to +175
1.70
2.50
Volts
IR trr CJ TJ,TSTG
uA nS pF
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 1 of 2
SCD0803 THRU SCD0806
Elektronische Bauelemente
VOLTAGE 200V ~800V
0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
Characteristics Curve
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 20
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.8
15
0.6
10
0.4
0.2
5
0
0
50
75
100
125
o
150
175
0
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
TJ=150 C
o
1.00
10
TJ=125 C
o
0.10
1
0.01 0.2 0.4 0.8 1.2 1.6
SCD0803 SCD0804 SCD0805 SCD0806
TJ=25 C
o
2.0
2.4 2.5
0.1
0
20
40
60
80
100
110
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, pF 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
TJ=25 C
o
http://www .SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SCD0803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X