Part Number Hot Search : 
APT10M 5HTP2 NCV3064B 2802A DBL1035 C8051F33 1820A UF3004
Product Description
Full Text Search
 

To Download SBM37PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 70 - 100 Volts CURRENT 3.0 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * For surface mounted applications * Low profile package * Built-in strain relief * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * High current capability, low forward voltage drop * High surge capability * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 260oC/10 seconds at terminals
SBM37PT THRU SBM310PT
SMB
0.155 (3.94) 0.130 (3.30)
(1) (2)
0.083 (2.11) 0.077 (1.96)
MECHANICAL DATA
Case: JEDEC SMB molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.003 ounce 0.093 gram
0.190 (4.75) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.008 (0.203)(max) 0.220 (5.59) 0.205 (5.21)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
SMB
SBM310PT 100 70 100 UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO SBM37PT 70 49 70 SBM38PT 80 56 80 3.0 SBM39PT 90 63 90
IFSM CJ R
JL
50 110 17 -65 to +150
Amps pF
o
C/W
o
TJ,TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @ TA = 25oC IR @ TA = 100 C
o
SYMBOL VF
SBM37PT
SBM38PT 0.75 0.5 10
SBM39PT
SBM310PT 0.80
UNITS Volts mAmps mAmps 2002-5
NOTES : 1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.2 X 0.2" ( 5 X 5mm ) copper pad area. 2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts.
RATING CHARACTERISTIC CURVES ( SBM37PT THRU SBM310PT )
INSTANTANEOUS FORWARD CURRENT, ( A ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 3.0 FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10
1.5
SB 9PT M3
T~ 37P SBM T 38P SBM
1.0
SBM37PT~3PT8
SBM39PT~310PT
B ~S 10P M3
1.0
0.5
Single Half Wave 60HZ Resistive or Inductive Load
T
0 0 25 50 75 100 125
o
150
175
0.1
TJ =25oC Pulse Width=300us 1% Duty Cycle
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
LEAD TEMPERATURE, ( C ) FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (mA) 10
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG. 4 - MAXIMUM NON-REPETIVE FORWARD SURGE CURRENT 60
PEAK FORWARD SURGE CURRETN(A)
50
8.3ms Single Half Sine-Wave (JEDEC Method)
1.0
TJ = 150oC
40
30
.10
20
.01
TJ = 25 C
o
10
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0 1 2 4 6 8 10 20 40 80 100 NUMBER OF CYCLES AT 60 Hz
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 400 JUNCTION CAPACITANCE, ( pF ) 200 100 80 60 40 20 10 .1 .4 1.0 4 10 40 80 REVERSE VOLTAGE, ( V )
TJ = 25oC


▲Up To Search▲   

 
Price & Availability of SBM37PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X