Part Number Hot Search : 
AD7824 P8P08 TEVAL MBR3045 PP1DD MA3J745D AT54C OP20BJ
Product Description
Full Text Search
 

To Download SBL2550CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
SBL2530CT - - - SBL25100CT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 25 A
TO-220AB
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.08ounce, 2.24 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL 2530CT 2535CT 2540CT 2545CT 2550CT 2560CT 2580CT 25100CT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=95 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load TJ=125 Maximum instantaneous forw ard voltage @ 12.5 A Maximum reverse current @TC=25
UNITS
V V V A
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 25
50 35 50
60 42 60
80 56 80
100 70 100
IFSM VF IR RJC TJ TSTG
0.57
250
A
0.75 1.0 50 2.0 -55--- + 150 -55--- + 150
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
www.galaxycn.com
Document Number 0267027
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL2530CT- - -SBL25100CT
FIG.2 -- FORWARD DERATING CURVE
250
25
200
20
AMPERES
8.3ms Single Half Sine Wave TJ=125
15
150
10
100
5
50
0 25 50 75 100 125
0 1
150
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
10 Tc=100 1.0
200 100
SBL2530CT-SBL2545CT
SBL2580CT-SBL25100CT
10
SBL2550CT-SBL2560CT
TC=25 0.1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.1
.3
.5
.7
.9
1 .1
1 .3
1 .5
1 .7
1 .9
2 .1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0267027
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL2550CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X