Part Number Hot Search : 
7N1004 TEA7540 2SD17 MLX908 HN2C10FT K222M STN2222S OFM15
Product Description
Full Text Search
 

To Download SB2550CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET SB2520CT~SB25100CT
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * Both normal and Pb free product are available : Pb free: 98.5% Sn above
.50(12.7)MIN
.419(10.66) .387(9.85) .139(3.55) MIN
20 to 100 Volts
CURRENT
25 Amperes
TO-220AB
Unit : inch (mm)
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87)
Normal : 80~95% Sn, 5~20% Pb
.038(0.96) .019(0.50)
.177(4.5)MAX
.548(13.93)
.025(0.65)MAX
MECHANCEALDATA
Case: TO-220AB Molded plastic Terminals: Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
.1(2.54)
.1(2.54)
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t Tc = 9 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 2 . 5 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt TA = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TA = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e S YM B O L S B 2 5 2 0 C T S B 2 5 3 0 C T S B 2 5 4 0 C T S B 2 5 5 0 C T S B 2 5 6 0 C T S B 2 5 8 0 C T S B 2 5 1 0 0 C T U N I T S V RRM V RMS V DC IAV IFSM VF 0 .5 5 0 .5 100 2 - 5 0 TO + 1 2 5 - 5 0 TO + 1 5 0 20 14 20 30 21 30 40 28 40 50 35 50 2 5 .0 200 0 .7 5 0 .8 5 60 42 60 80 56 80 100 70 100 V V V A A V
IR
mA
O
RJ C TJ TSTG
C/ W C C
O
O
NOTES: Both Bonding and Chip structure are available.
STAD-JUL.01.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, Amps
PEAK FORWARD SURGE CURRENT, Amps
25.0 20.0 15.0 10.0 5.0 0 0
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
50
100
O
150
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
40
20,30,40V
50,60V
TJ=100 C
1.0
O
FORWARD CURRENT, Amps
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
80,100V
0.1
TJ=75 C
O
0.01
TJ=25 OC
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
0.001
.3
20 40 60 80 100 120 140
.4
.5
.6
.7
.8
0.9
1.0
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTICS
STAD-JUL.01.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2550CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X