Part Number Hot Search : 
PT12133 ST1041 01580 32200 ISF0505A A25L16 APT30DQ LA73050
Product Description
Full Text Search
 

To Download S16C30PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 30 - 60 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Metal Silicon junction, majority carrier conduction * Low power loss,high efficiency * High current capability, low forward voltage drop * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering in accordance with CECC 802 / Reflow guaranteed
S16C30PT THRU S16C60PT
CURRENT 16 Amperes
TO-220
.187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2)
.108 (2.75)
.413 (10.5) .374 (9.5)
.153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8)
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Weight: 2.24 grams ( Approximately )
.610 (15.5) .583 (14.8)
.051 (1.3) .043 (1.1) .035 (0.9) .102 (2.6) .091 (2.3)
.157 (4.0) .583 (14.8) .531 (13.5)
.028 (0.7) .020 (0.5) .126 (3.2)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
TO-220
UNITS Volts Volts Volts Amps Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical thermal resistance per leg ( NOTE 1 ) SYMBOL VRRM VRMS VDC IO IFSM
S16C30PT S16C35PT S16C40PT S16C45PT S16C50PT S16C60PT
30 21 30
35 24 35
40 28 40 16.0 150
45 31 45
50 35 50
60 42 60
R
JC
2.5
o
C/W
Operating and Storage Temperature Range
TJ, TSTG
-60 to +125
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0 A DC Maximum instantaneous reverse current at rated DC blocking voltage per leg ( NOTE 2 ) TC = 25oC IR TC = 100 C
o
SYMBOL VF
S16C30PT S16C35PT S16C40PT S16C45PT S16C50PT S16C60PT
UNITS Volts mAmps mAmps 2001-6
0.55 5.0 50
0.70
NOTES : 1. Thermal resistance from junction to case per leg 2. Pulse test : 300 us pulse width, 1% duty cycle 3. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
RATING CHARACTERISTIC CURVES ( S16C30PT THRU S16C60PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 20 16 12 8
Single Half Wave 60HZ Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 200 175 150 125 75 50 25 0
8.3 ms Single Half Sine-Wave (JEDEC Method)
4 0 0
25
50
75
100
125
150
0
2
4
6 8 10
20
40
60 80 100
CASE TEMPERATURE, ( oC ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 20 INSTANTANEOUS FORWARD CURRENT, (A) 10 INSTANTANEOUS REVERSE CURRENT, (mA)
TJ = 25oC
NUMBER OF CYCLES AT 60HZ FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
S16C30PT~S16C45PT
1.0
1.0
0.4
S16C50PT~S16C60PT
0.1
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 2000 JUNCTION CAPACITANCE, ( pF ) 1000 600 400 200 100 60 40 20 10 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
S16C30PT~S16C45PT S16C50PT~S16C60PT
TJ =25oC


▲Up To Search▲   

 
Price & Availability of S16C30PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X