Part Number Hot Search : 
CAT1021 CZD2983 W10N100 A53CW U8000 M5837 L2TVS60A 2812D
Product Description
Full Text Search
 

To Download RX124024C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A) DC or AC-coil
* * * * * *
Features
1 C/O or 1 N/O or 2 C/O contacts DC- or AC-coil 4 kV / 8 mm coil-contact Reinforced insulation (protection class II) Height 15.7 mm transparent cover optional
Applications Domestic appliances, heating control, emergency lighting
VZ
Contact data
Configuration Type of contact Rated current Rated voltage / max.breaking voltage AC Maximum breaking capacity AC Contact material 1 C/O or 1 N/O 12 A single contact
Approvals in process
2 C/O
1pole
16 A 8A 250 Vac / 440 Vac 3000 VA 4000 VA 2000 VA AgNi 90/10
Coil data
Nominal voltage Nominal coil power Operate category
DC coil AC coil DC coil AC coil
5...110 Vdc 24...230 Vac 500 mW 0.75 VA 2
Coil versions, DC-coil Coil Nominal Pull-in Release Maximum Coil code voltage voltage voltage voltage resistance Vdc Vdc Vdc Vdc c 005 5 3.5 0.5 9.8 50+5% 006 6 4.2 0.6 11.8 68+5% 012 12 8.4 1.2 23.5 274+5% 024 24 16.8 2.4 47.0 1095+5% 048 48 33.6 4.8 94.1 4380+5% 060 60 42.0 6.0 117.6 6845+5% 110 110 77.0 11.0 215.6 23010+5% All figures are given for coil without preenergization, at ambient temperature +20C Other coil voltages on request
Edition: 10/2003
Coil current mA 100.0 87.7 43.8 21.9 11.0 8.8 4.8
Rights to change data / design reserved
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A) DC or AC-coil
Coil versions, AC-coil Coil Nominal Pull-in Release Maximum Coil code voltage voltage voltage voltage resistance Vac Vac Vac Vac c 524 24 18.0 3.6 36.0 350+10% 615 115 86.3 17.3 172.5 8100+15% 730 230 172.5 34.5 345.0 32500+15% All figures are given for coil without preenergization, at ambient temperature +20C
Coil current mA 31.6 6.6 3.2
Insulation
Dielectric strength
Clearance / creepage Insulation to IEC 60664 Voltage rating Pollution degree Overvoltage category Insulation dimensions coil-contacts contact-contact across open contacts Tracking resistance of relay base
coil-contacts open contact circuit
4000 Vrms 1000 Vrms 8 / 8 mm 250 V 3 III reinforced insulation basic / functional insulation micro-disconnection CTI 250
Rights to change data / design reserved
Edition: 10/2003
Flammability class according to UL 94 standard / transparent cover V-0 / HB Coil insulation system according to UL 1446 Class F Min. ambient temperature -40 C Max. ambient temperature / mounting distance 1pole 2pole DC-coil 85 C 1) / 2.5 mm 70 C / 2.5 mm AC-coil 70 C / 2.5 mm 70 C / 5 mm Mechanical life DC-coil >5x106 operations AC-coil >1x106 operations Max. switching rate at rated- / minimum load 6 min-1 / 600 min-1 Operate- / release time DC-coil typ. 7 / 2 ms Bounce time N/O contact/N/C contact typ. 1 / 3 ms Vibration resistance N/O 20 g, 10...150 Hz Shock resistance (destruction) 100 g Category of protection (IEC 61810) RT II - flux proof, RT III - wash tight 2) Relay weight 13 g Packaging unit 500 pcs. 1) version with transparent cover: 70C 2) version with transparent cover: RTII only
Other data
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A) DC or AC-coil
Dimensions
Dimensions in mm
S0272-AA
PCB layout / terminal assignment
1 pole 12 A 1 pole 16 A 2 pole 8 A
S0418-BB
S0418-BA
S0418-BA
S0163-BG
S0163-BE
S0163-BJ
View on solder pins Dimensions in mm *) With the recommended PCB hole sizes a grid pattern from 2.5 mm to 2.54 mm can be used.
S0163-BH
S0163-BF
Edition: 10/2003
Rights to change data / design reserved
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A) DC or AC-coil
Rights to change data / design reserved
Edition: 10/2003


▲Up To Search▲   

 
Price & Availability of RX124024C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X