Part Number Hot Search : 
IC16C773 07005 M54581P 74AC1 BL24S64 NJM555V 88E1543 5US25D
Product Description
Full Text Search
 

To Download RS802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS801 THRU RS807
SINGLE-PHASE SILICON BRIDGE RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 8.0 Amperes
Features * Low leakage * Low forward voltage * Mounting position: Any * Surge overload rating: 250 amperes peak * Ideal for printed circuit boards * High forward surge current capability
RS-8
Absolute Maximum Ratings and Characteristics
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave,60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Symbols Maximum recurrent peak reverse voltage Maximum RMS bridge input voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC = 75 OC with heat sink Peak forward surge current 8.3ms single half sine-wave superimposed on rated load Maximum forward voltage drop per element at 8A DC Maximum reverse current at rated DC blocking voltage per element @TA = 25OC IR @TC =100 OC TJ ,TS 0.2 -55 to +150 mAmps
O o
RS 801 50 35 50
RS 802 100 70 100
RS 803 200 140 200
RS 804 400 280 400 8
RS 805 600 420 600
RS 806 800 560 800
RS 807 1000 700 1000
Units Volts Volts Volts Amps
VRRM VRMS VDC IO
IFSM VF
250 1.1 10
Amps Volts Amps
Operating and storage temperature range
C
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/01/2003
RS801 THRU RS807
Typical Instantaneous Forward Characteristics
30
Instantaneous Forward Current - A
Power Dissipation
28 24
Power Dissipation PF (W)
sine wave Tj=150 C
20 10 5 2 1 0.5 0.2 0.1 0.4 0.6 0.8
pulse test per one diode
20 16 12 8 4 0 14 4 2 10 12 8 6 Average Rectified Forward Current - A
TC=150 C(TYP)
TC=25 C(TYP)
1
1.2
Instantaneous Forward Voltage - V
Surge Forward Current Capability
Typical Forward Current Derating Curve
9 8
Average Forward Current (A)
VCE-Collector Emitter Voltage-V
260
0
I FSM
200
8.3ms 8.3ms Sine wave Non- repetitive Tj=25 C 1 cycle
7 6 5 4 3 2 1
100
0
1
2
5
10
20
50
100
0
25
50
75
100
125
150
175
Number Of Cycle
Case Temperature ( C)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/01/2003


▲Up To Search▲   

 
Price & Availability of RS802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X