Part Number Hot Search : 
1414A E152M 0R12KE3 TDA8296 FIR33 715QNV 100000 ER1001AF
Product Description
Full Text Search
 

To Download PWA2412MD-6W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PWA_MD-6W & PWB_MD-6W Series
6W, 4:1 WIDE INPUT, ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER DIP PACKAGE
multi-country patent protection RoHS
FEATURES
High Efficiency up to 86% Operating Temperature: -40C to +85C 1500VDC Isolation Metal Shielding Package No Heat Sink Required Internal SMD construction Industry Standard Pinout MTBF>1,000,000 hours Continuous Short-Circuit Protection RoHS Compliance
PRODUCT PROGRAM
Input Part Number PWA2405MD-6W PWA 2412MD-6W PWA 2415MD-6W PWA 2424MD-6W PWB2403MD-6W PWB2405MD-6W PWB2412MD-6W PWB2415MD-6W PWB2424MD-6W 24 9-36 40 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 12 15 24 3.3 5 12 15 24 5 12 15 24 48 18-72 80 3.3 5 12 15 24 Output Current (mA) Max 600 250 200 125 1500 1200 500 400 250 600 250 200 125 1500 1200 500 400 250 Min 60 25 20 13 150 120 50 40 25 60 25 20 13 150 120 50 40 25 80 83 85 86 78 80 83 85 86 80 83 85 86 78 80 84 85 86 Efficiency (%, Typ)
APPLICATIONS
PWA_MD-6W & PWB_MD-6W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 4:1); 2) Where isolation is necessary between input and output (Isolation Voltage1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
PWA4805MD-6W PWA4812MD-6W PWA4815MD-6W PWA4824MD-6W PWB4803MD-6W PWB4805MD-6W PWB4812MD-6W PWB4815MD-6W PWB4824MD-6W
*Input voltage can't exceed this value, or will cause the permanent damage. Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item Test Conditions See below products program Refer to recommended circuit Refer to recommended circuit From 10% to 100% load Min 0.6 1 3 0.5 0.2 0.02 20 50 300 50 100 KHz Typ Max 6 3 5 2* 0.5 %/C mVp-p % Units W
MODEL SELECTION
PWA2405MD-6W
Rated Power Package Style Output Voltage Input Voltage Product Series
Output Power Positive Voltage accuracy Negative Voltage accuracy Load Regulation
Line Regulation(at full load) Input voltage from low to high Temperature Drift(Vout) Ripple** Noise** Refer to recommended circuit 20MHz bandwidth 20MHz bandwidth 100% load, nominal Input voltage
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Switching Frequency
*Dual output models unbalanced load: 5% **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
MORNSUN reserves the copyright
Specifications subject to change without notice
PWA_MD-6W & PWB_MD-6W
A/1-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage Humidity Operating temperature Storage temperature Temp. rise at full load Lead Temperature Cooling Case material Short circuit protection Isolation voltage Isolation resistance MTBF Weight Tested for 1 minute and 1 mA max Test at 500VDC 1.5mm from case for 10 seconds -40 -55 40 300 Free air convection Copper, Nickel plated Continuous, automatic recovery 1500 1000 1000 17 VDC Test Conditions Min Typ Max 95 85 125 C Units %
Recommended Circuit All the PWA_MD-6W & PWB_MD-6W Series have been tested according to the following recommended testing circuit factory. (See Figure 1).
Vin
Cin
before leaving
+Vout
DC
DC
0V -Vout
GND Single output Vin
Ci n
+Vout
DC
DC
0V
GND
M K hours g (Figure 1) If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General: Cin: 24V&48V 10F-47F
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
TYPICAL CHARECTERISTICS
Temperature Derating Graph
Safe Operating Area
Cout: 10F/100mA Output External Capacitor Table (Table 1) Single Vout Cout Daul Vout Cout (VDC) (uF) (VDC) (uF) 3.3 2200 5 680 5 1000 12 330 12 470 15 220 15 330 24 100 24 220 -
Operating Temp.( C )
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.5 4*2.54mm(0 .1*0.1inch), di ameter:1.00mm(0 .03 9inch )
32.00 (1.260) Dual Output
23 22 16 14
Input Current When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the
20.00 (0.787)
23
9
11 (Bottom View)
23 22
16 14
23
9
11
module standard. Input current of power supply should afford the startup current of this kind of DC/DC module (See figure 2), General:
2.54 (0.100)
5.08 (0.200)
Single Output
23 22 16 14
Ip 1.4*Iin-max
Input Current(A)
10.00 (0.394)
23
11
4.10
Ip
(Side View)
0.50 (0.020)
FOOTPRINT DETAIL S Single Pin Dual 2,3 9 11 14 16 22,23 GND NP NC +Vo 0V Vin GND COM -Vo +Vo COM Vin
Note : Unit:mm(inch) Pin section:0.50*0 .30mm(0.020*0.012in ch) Pin tolerances: 0 .10 mm( 0.004 inch) General tolerances: 0 .25mm( 0.0 10inch)
Input Voltage Range
Input Voltage (V)
NC:No connection
APPLICATION NOTE
Requirement On Output Load In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very sm all, please add an appropriate resistor as extra loading, or contact our company for other lower output power products.
No parallel connection or plug and play.
MORNSUN reserves the copyright
Specifications subject to change without notice
PWA_MD-6W & PWB_MD-6W
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of PWA2412MD-6W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X