Part Number Hot Search : 
AULTI SSF1030D 78E210 HV9308PJ 18629137 LMG6402 ASFLM1 AI4100
Product Description
Full Text Search
 

To Download PS2300AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS2000 Series
OEM silicon stainless steel pressure sensor
FEATURES * 0...5 psi to 0...500 psi gage -15...15 psi to -15...100 psi gage 0...15 psi to 0...500 psi absolute * Calibrated and temperature compensated * Small size * Field interchangeable * Reliable semiconductor technology
SERVICE
Pressure inlet: all media compatible with stainless steel 1.4401 (316)9 stainless steel, protection class IP65, according to DIN40050 respectively NEMA4X1
Scale: 1 cm 1 inch
Housing:
ELECTRICAL CONNECTION
Connector version
1 +Vs
SPECIFICATIONS
Maximum ratings Supply voltage Temperature limits Storage Operating Compensated Humidity limits Vibration (5 Hz to 500 Hz) Mechanical shock Life Insulation resistance at 50 VDC 15 V
3 -Vout
2 4
+Vout -Vs/case
-55C to 100C -40C to 100C 0C to 82C 0 - 98 %RH 10 gRMS 50 g for 11 msec min. 1 million cycles min. 100 M
case
Cable version
+Vs brown -Vout white +Vout green -Vs yellow case shield/case blank
December 2006 / 553
1/5
www.sensortechnics.com
PS2000 Series
OEM silicon stainless steel pressure sensor
PRESSURE RANGE SPECIFICATIONS
Part no. PS2005G... PS2010G... PS2015(A,G)... PS2015V... PS2030(A,G)... PS2030V... PS2050(A,G)... PS2100(A,G)... PS2100V... PS2200(A,G)... PS2300(A,G)... PS2500(A,G)... Pressure range 0 ... 5 psig 0 ... 10 psig 0 ... 15 psi -15 ... 15 psig 0 ... 30 psi -15 ... 30 psig 0 ... 50 psi 0 ... 100 psi -15 ... 100 psig 0 ... 200 psi 0 ... 300 psi 0 ... 500 psi Proof pressure2 1 5 p si g 3 0 p si g 4 5 p si 4 5 p si g 9 0 p si 9 0 p si g 1 5 0 p si 3 0 0 p si 3 0 0 p si g 6 0 0 p si 9 0 0 p si 1 2 0 0 p si Burst pressure3 2 5 p si g 4 5 p si g 7 5 p si g 7 5 p si g 1 5 0 p si 1 5 0 p si g 2 5 0 p si 3 0 0 p si 3 0 0 p si g 1 0 0 0 p si 1 5 0 0 p si 2 4 0 0 p si
PERFORMANCE CHARACTERISTICS unless otherwise noted, VS = 10,00 V, tamb = 25C
Characteristics
Zero pressure offset Full scale span4 Non-linearity5 Pressure hysteresis5 Thermal effects (0C to 82C)6 PS2005G... all other devices Thermal hysteresis (0C to 82C) Repeatability Long term stability of offset and span7 Response time (10 % to 90 %)8 Input impedance Output impedance Common mode output voltage 8.0 3.0 0.3 Offset Span Offset Span PS2005G... all other devices
Min.
-2 48 98
Typ.
0 50 100 0.1 0.015
Max.
2 52 102 0.3 0.030 2.0 2.0 1.0 1.0 0.3 0.030 0.3
Unit
mV
0.5 0.5 0.1 0.010 0.1 0.1 25 4.5
%FSO
ms 50 6.0 5.0 k V
2/5
December 2006 / 553
www.sensortechnics.com
PS2000 Series
OEM silicon stainless steel pressure sensor
Specification notes:
1. 2. 3. 4. 5. 6. 7. 8. 9. IP65 (NEMA4X) protection is given when the connector is locked. For proper function the gage port is vented to the atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure. The maximum pressure that can be applied without changing the transducers performance or accuracy. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case. Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Span is ratiometric to the supply voltage Linearity is based on Best fit Straight Line. Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing pressure. Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25C reading. Long term stability over a one year period. Response time for step change from the zero pressure to the full scale pressure. Other materials on special request. When using devices with optional nickel plated fittings, consider the media compatibility of the fittings also.
RECOMMENDED CABLE / CONNECTOR ACCESSORY (Included in delivery!)
NOM 2 m
36.5
NOM 60
dimensions in inches (mm)
M12 x 1 O 20
Pin 1 2 3 4 NC
PIN CONNECTION
Flying lead end brown green white yellow shield
for additional cable/connector assemblies (for connector version PS...GA) use order number ZK000106, other cable length on special request
December 2006 / 553
3/5
www.sensortechnics.com
PS2000 Series
OEM silicon stainless steel pressure sensor
OPTIONAL PIPE FITTING DRAWINGS
Thread Male Male T1 T2 3/8 NPT 3/8 NPT 3/8 NPT 1/8 NPT 1/4 NPT 1/8 BSP Maximum working pressure (psig) 7200 7200 7200
Part No. SFIT62 SFIT64 SFIT68
W Hex 3/4 3/4 3/4
D in. 1.27 1.45 1.45 mm. 32.3 37.0 37.0 in. 0.56/0.38 0.56 0.56
R mm. 14.2/9.7 14.2 14.2
Material: stainless steel 316
OUTLINE DRAWING
Cable version PS...GC
34.0 1" NOM 67 NOM 50
1m SHIELDED CABLE 4 x 0.25 mm
blank: shield brown: +Vsupply white: -output green: +output
3/8" NPT
WARNING Do not touch diaphragm
WARNING: Do not use case to tighten pressure connection
yellow: -Vsupply
ELECTRICAL CONNECTION
mass: typ. 190 g dimensions in inches (mm) wire color blank brown white green yellow connection shield/case +Vs -Vout +Vout -Vs
4/5
December 2006 / 553
www.sensortechnics.com
PS2000 Series
OEM silicon stainless steel pressure sensor
OUTLINE DRAWING
Connector version PS...GA
34.0 27.0 NOM 64 NOM 50 gage vent hole
4 12.0 1 2 3
3/8" NPT
WARNING Do not touch diaphragm
WARNING: Do not use case to tighten pressure connection
ELECTRICAL CONNECTION
Pin 1 2 3 4 connection +Vs +Vout -Vout -Vs/case
mass: typ. 190 g
dimensions in inches (mm)
ORDERING INFORMATION PS2
PS2000 Series
xxx
x
x
Electrical connections
A: C: connector version cable version
005: 010: 01510: 03010: 050: 10010: 200: 300: 500:
0 ... 5 0 ... 10 0 ... 15 0 ... 30 0 ... 50 0 ... 100 0 ... 200 0 ... 300 0 ... 500
psi (gage only) psi (gage only) psi psi psi psi psi psi Note 10: also available as vacuum/gage version psi
Pressure mode
A: G: V: absolute pressure gage pressure vacuum/gage pressure
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
December 2006 / 553
5/5
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of PS2300AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X