Part Number Hot Search : 
AD8572 AD8572 BSR20A MAX3800 74LS245 PN4028 D0000R HCT138
Product Description
Full Text Search
 

To Download OX-2800-DAE-107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OX-280
Oven Controlled Crystal Oscillator
OX-280
Features
* * * * Surface Mount Package AT-CUT and SC_CUT Crystal Options Low Profile Compact Package Compact Package * * * * *
Applications
Base stations Test equipment Synthesizers Military communication equipment Digital Switching
Performance Specifications
Frequency Stabilities1 (AT-Cut Crystal-Standard 10 to 160 MHz- ) Parameter
vs. operating temperature range (referenced to +25C)
Min
-50 -100 -100 -0.5 -10 -10 -5 -250
Typical
Max
+50 +100 +100 +0.5 +10 +10 +5 +250 5
Units
ppb ppb ppb ppm ppb ppb ppb ppb minutes
Condition
Options5 -20 to +70C -20 to +70C -40 to +85C at time of shipment, nominal EFC VS 5% static Load 5% static after 30 days of operation after 30 days of operation to 100ppb of final frequency (1 hour reading) @ +25C -20 to +70C -20 to +70C -40 to +85C at time of shipment, nominal EFC VS 5% static Load 5% static after 30 days of operation 60 MHz; after 30 days of operation to 100ppb of final frequency (1 hour reading) @ +25C
Initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year Warm-up time
Frequency Stabilities1 (SC-Cut Crystal-Option - 10 to 52 MHz)
vs. operating temperature range (referenced to +25C) Initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year Warm-up time -10 -20 -20 -0.2 -2 -2 -1 -75 +10 +20 +20 +0.2 +2 +2 +1 +75 5 ppb ppb ppb ppm ppb ppb ppb ppb minutes
Page 1 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Specifications
Supply Voltage (Vs) Parameter
Supply voltage (standard)
Min
3.135 4.75 11.4
Typical
3.3 5.0 12.0
Max
3.465 5.25 12.6 3.0 1.0
Units
VDC VDC VDC Watts Watts
Condition
Power consumption
during warm-up steady state @ +25C
RF Output
Signal [standard] Load Signal Level (Vol) Signal Level (Vol) Signal Level (Voh) Signal Level (Voh) Duty Cycle Signal Load Output Power @3,3V Putput Power @ 5.0V Harmonics Tuning Range Tuning Range Linearity Tuning Slope Control Voltage Range 0.0 0.0 0.0 1.4 2.0 2.0 3.0 1.0 10% Positive 2.8 4.0 4.0 VDC VDC with Vs=3.3V with Vs=5.0V with Vs=12.0V 2 5 50 5 8 8 11 -30 Fixed OCXO; No adjust 8 2.5 ppm ppm with AT cut crystal with SC cut crystal 2.4 3.5 45 55 Sine Wave dBm dBm dBm 50 load 50 load 50 load % 15 0.4 0.5 VDC HCMOS pF VDC with Vs=3.3V and 15pF Load with Vs=5.0V & 12V and 15pF Load with Vs=3.3V and 15pF Load with Vs=5.0V & 12V and 15pF Load @ (Voh-Vol)/2
Frequency Tuning (EFC)
Option5 @ 10MHz with SC Cut @ 10MHz with AT Cut
Reference Voltage output (Vref ) Reference Voltage 2.75 3.92 4.9 2.8 4.0 5.0 2.85 4.08 5.1 -90 -120 -140 -145 -150 -75 -105 -130 -140 -150 14 Handling & Processing Note VDC VDC VDC dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g with Vs = 3.3 VDC with Vs = 5.0 VDC with Vs = 12 VDC 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz
Additional Parameters
Phase Noise3
Phase Noise3
Weight Processing & Packing
Page 2 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Absolute Maximum Ratings
supply voltage (Vs) Output Load Operable Temperature Range Storage Temperature Range -55 -55 6.5 15.0 50 +85 +125 V V pF C C with Vs=3.3 & 5.0 VDC with Vs= 12 VDC
Outline Drawing / Enclosure
Pin Connections OX-301
Height "H" 15 Pin Length "L" N.A 1 2 3 4 5 6 Dimensions in mm 7 RF Output Ground (Case) Electronic Frequency Control Input (EFC) Reference Voltage Output Oven Control Output Ground (Case) Supply Voltage Input (VS)
Page 3 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Standard Shipping Method (OX-280)
Lage im Gurt Position in tape Pin 1
A X B K P
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Enclosure Type Typ OX-401
Tape Width W (mm) 44
Quantity per meter 37.5
Quantity per reel 280
Dimension P 32
Recommended Reflow Profile
Profile Feature Average ramp-up rate (TL to TP) Preheat -Temperature Min TSmin -Temperature Min TSmax -Time (min to max) tS
Pb-Free Assembly/ Sn-Pb Assembly 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds max 260C
Profile Feature Time 25C to Peak Temperature Time maintained above -Temperature (TL) -Time (tL)
Pb-Free Assembly/ Sn-Pb Assembly 8 minutes max. 217C 60-150 seconds
TSmax to TL -Ramp-up Rate Time maintained above -Temperature (TL) -Time (tL) Peak Temperature (TP)
Time within 5C of actual Peak Temperature (tP) Ramp-down Rate
20-40 seconds 6C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.
Page 4 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
OX - 280 0 - D A E - 258 0 - 10M0000000
Product Family OX: OCXO Frequency Package SMD version: 280 Frequency Control 0: No Tuning 1: 1.0 to 2.5ppm 2: 3.0 to 8.0ppm Stability Code 108: 10ppb 208: 20ppb 258: 25ppb 508: 50ppb 107: 100ppb Temperature Range E: -40C to +85C J: -20C to +70C
Height 0: 15 mm Supply Voltage B: 12V D: 5V E: 3.3V RF Output Code A: HCMOS E: Sinewave
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modification. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 7268.801.100 Fax: +49 (0) 7268.801.282
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 8/2008 Page 5 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of OX-2800-DAE-107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X