Part Number Hot Search : 
2TRPB BPV20F 08771 SY89424 LBAT54 2SC23 D201ED LC7442
Product Description
Full Text Search
 

To Download MWDMG1514001111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green 1480/1550 nm Micro-Optic WDM
MWDMG1514 Series
Product Description
Oplink's Micro-Optic Wavelength Division Multiplexer (MWDM) is based on thinfilm filter technology and patented athermal platform for optical device. This device has very flat and wide passband, low insertion loss, and high isolation which makes it ideal for combining pump (1480nm) and signal light (1550nm) in Optical Fiber Amplification Systems. The MWDM is used in high-power applications in DWDM systems. Oplink MWDM devices are Bellcore GR-1221 qualification tested and complied with industry green initiatives such as Rohs and WEEE. All Oplink products are epoxy-free in the optical path. path.
Performance Specificationns
MWDMG1514 Series Min Typical Max Unit
Features
Pass Channel Wavelength Range 1 Reflection Channel Wavelength Range 2 Insertion Loss * Isolation Passband Ripple Directivity Return Loss Polarization Dependent Loss Polarization Mode Dispersion Maximum Power Handling Fiber Type Operating Temperature Storage Temperature Package Dimensions **
Type 1514 Type 1415 Type 1514 Type 1415
1528 1440 1440 1528
1610 1493 1493 1610 0.7 0.5
nm nm nm nm dB dB
Environmental Green Plan Compliance Wide Operating Wavelength Range Low Insertion Loss High Channel Isolation Ultra Flat Wide Passband Highly Stable & Reliable Epoxy-free Optical Path
Pass Channel @ 1 Reflect Channel @ 2 Reflect Channel @ 1 Pass Channel @ 2 14 30
0.15 50 50 0.1 0.05 500 Corning SMF-28 0 to +70 -40 to +85 250 m Bare Fiber 900 m Loose Tube P1: (o) 5.5 x (L) 34.0 P2: (o) 5.5 x (L) 40.0
dB dB dB dB ps mW C C mm
Applications
Fiberoptic Amplifiers WDM Monitoring
Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified. *** The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified
R03.20081118
Green 1480/1550 nm Micro-Optic WDM
MWDMG1514 Series
Mechanical Drawing / Package Dimensions (dimension in mm)
P1: 250 m bare fiber
P2: 900 m loose tube
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MWDMG
0
0
Wavelength
1480 nm pass = 1415 1550 nm pass = 1514
Fiber Length*
0.5 meter = H 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Package & Fiber Jacket
P1 + 250 m bare fiber = 11 P2 + 900 m loose tube = 22
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
R03.20081118
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MWDMG1514001111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X