Part Number Hot Search : 
LEG35162 CU1216LS 1191CB LBS11104 88FH8 ADA496 EVICE SSG9475
Product Description
Full Text Search
 

To Download MVL-631NUOL-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unity Opto Technology Co., Ltd.
OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs Technical Data
12/27/2002
Description
These Precision Optical Performance oval LEDs are specifically designed for Full Color / Video and Passenger Information signs. High efficiency LED materials are used in these lamps:Aluminum Indium Gallium Phosphide (AlInGaP) for red,amber and green, and Indium Gallium Nitride (InGaN) for true green and blue. Designers can select parallel(where the axis of the leads is parallel to the wide axis of the oval radiation pattern) or perpendicular orientation. Designers can also choose between lamps with or without standoffs.
Features
l l l
Smooth, Consistent Spatial Radiation Patterns High Luminous Output Emitting Colors : 632 nm Ultra Red 625 nm Red 605 nm Orange 590 nm Amber 573 nm Green 525 nm True Green 470 nm Blue
l l
Superior Resistance to Moisture Choice of Package Options
Benefits
l l l
Viewing Angle Designed for Wide Field of View Applications Red, True Green, and Blue Radiation Patterns Matched for Full Color Signs Superior Outdoor Environmental Performance
Applications
l l
Full Color / Video Sings Variable Message Signs Passenger Information Advertising Time / Temperature
1
Package Dimension
2
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
3
Part Numbering Scheme
MVL-6
A B C D where C = Color Option "UROK" = 632 nm Ultra Red "NUOL" = 625 nm Red "UOL" = 625 nm Red "TUOL" = 625 nm Red "SO" = 605 nm Orange "UYL" = 590 nm Amber "TUYL" = 590 nm Amber "UG" = 573 nm Green "HTG / UTG" = 525 mm True Green "HB / UB" = 470 mm Blue where B = Package Color "1" = color diffuse "2" = diffuse "3" = Matching Color "4" = Water Clear where D = Standoff Option "N/A" = Without "-S" = With Stopper
where A = Leadframe Orientation and Package Dimension "3" = Parallel Leadframe (3.10 X 3.95 mm) "5" = Parallel Leadframe ( 4.26 X 5.06 mm ) "6" = Perpendicular Leadframe (4.70 X 5.70 mm) "7" = Parallel Leadframe ( 3.80 X 5.20 mm ) "8" = Parallel Leadframe ( 4.56 X 5.20 mm ) "9" = Perpendicular Leadframe ( 4.60 X 5.60 mm )
Absolute Maximum Ratings at TA=25oC
"UROK" "UOL" "SO"
Parameter
AlInGaP
"UYL" "TUOL" "TUYL" "UG"
AlInGaP
"NUOL"
InGaN
"HTG" "HB"
InGaN
"UTG" "UB"
Units
DC Forward Current Power Dissipation Peak Forward Current(1/10 Duty Cycle 100 s pulse width) Reverse Voltage (IR=100A) Operating Temp Range Storage Temp
50 105 100 5 -20 to + 85 -40 to + 100 N/A
30 70 100 5 -20 to + 85 -40 to + 100 N/A
o
30 125 100 5 -20 to + 80 -30 to + 100 300 NOTE1 260 C for 5 seconds
30 125 100 5 -20 to + 80 -30 to + 100 1000
mA mW mA V
o o
C C
Electrostatic Discharge Threshold
Solder Temperature
V
[ 1.5mm ( 0.06 in. ) below seating plane ]
Notes: 1. Product resistance to electrostatic discharge (ESD) is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. Seller gives no other assurances regarding the ability of Products to withstand ESD.
4
MVL-63XXX AlInGaP Device Selection Guide (Red, Orange, Amber, Green)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-632UOL MVL-632UOL-S MVL-633UOL MVL-633UOL-S MVL-634NUOL MVL-634NUOL-S MVL-634UOL MVL-634UOL-S MVL-633SO MVL-633SO-S MVL-634SO MVL-634SO-S MVL-633UYL MVL-633UYL-S MVL-634UYL MVL-634UYL-S MVL-631TUYL MVL-631TUYL-S MVL-632TUYL MVL-632TUYL-S MVL-634UG MVL-634UG-S Green 573 Amber 590 400 400 100 450 450 150 Amber diffuse diffuse Water Clear Orange 605 150 170 170 300 350 350 Water Clear Amber Water Clear Red 625 150 150 150 300 300 300 Water Clear Water Clear Orange Luminous Intensity Iv(mcd) at IF=20mA Min. 150 150 Typ. 300 300 Package Color diffuse Red Leads with Stand-Offs No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Parallel Lead Frame Orientation Package Drawing A B A B A B A B A B A B A B A B A B A B A B 110 60 Major Viewing Angle 21/2 (Degrees) Typ Minor
InGaN Device Selection Guide (True Green,Blue)
MVL-633HTG MVL-633HTG-S MVL-634HTG MVL-634HTG-S MVL-633HB MVL-633HB-S MVL-634HB MVL-634HB-S MVL-633UTG MVL-633UTG-S MVL-634UTG MVL-634UTG-S MVL-633UB MVL-633UB-S MVL-634UB MVL-634UB-S Blue 470 70 140 Water Clear True Green 525 250 70 450 140 Water Clear Blue Blue 470 100 250 200 450 Water Clear Green True Green 525 350 100 650 200 Water Clear Blue 350 650 Green No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Parallel A B A B A B A B A B A B A B A B 110 60
5
MVL-65XXX AlInGaP Device Selection Guide (Red, Orange, Amber, Green)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-653UOL MVL-653UOL-S MVL-654UOL MVL-654UOL-S MVL-653SO MVL-653SO-S MVL-654SO MVL-654SO-S MVL-653UYL MVL-653UYL-S MVL-654UYL MVL-654UYL-S MVL-653UG MVL-653UG-S MVL-654UG MVL-654UG-S Green 573 80 150 Water Clear Amber 590 500 80 800 150 Water Clear Green Orange 605 400 500 700 800 Water Clear Amber Red 625 400 400 600 700 Water Clear Orange Luminous Intensity Iv(mcd) at IF=20mA Min. 400 Typ. 600 Leads Package Color Red with Stand-Offs No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Parallel Lead Frame Orientation Package Drawing E F E F E F E F E F E F E F E F 50 30 Major Viewing Angle 21/2 (Degrees) Typ Minor
InGaN Device Selection Guide (True Green,Blue)
MVL-653HTG MVL-653HTG-S MVL-654HTG MVL-654HTG-S MVL-653HB MVL-653HB-S MVL-654HB MVL-654HB-S Blue 470 200 400 Water Clear True Green 525 750 200 1500 400 Water Clear Blue 750 1500 Green No Yes No Yes No Yes No Yes Parallel E F E F E F E F 50 30
6
MVL-66XXX AlInGaP Device Selection Guide (Red, Orange, Amber)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-663UOL MVL-663UOL-S MVL-664UROK MVL-664UROK-S MVL-664UOL MVL-664UOL-S MVL-663TUOL MVL-663TUOL-S MVL-664TUOL MVL-664TUOL-S MVL-663SO MVL-663SO-S MVL-664SO MVL-664SO-S MVL-663UYL MVL-663UYL-S MVL-664UYL MVL-664UYL-S MVL-663TUYL MVL-663TUYL-S MVL-664TUYL MVL-664TUYL-S Amber 590 400 400 800 800 Amber Water Clear Orange 605 250 300 300 500 600 600 Water Clear Amber Water Clear Red 625 Luminous Intensity Iv(mcd) at IF=20mA Min. 200 150 200 400 400 250 Typ. 400 300 400 800 800 500 Package Color Red Ultra Red Water Clear Red Water Clear Orange Leads with Stand-Offs No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Perpendicular Lead Frame Orientation Package Drawing G H G H G H G H G H G H G H G H G H G H G H 80 40 Major Viewing Angle 21/2 (Degrees) Typ Minor
InGaN Device Selection Guide (True Green,Blue)
MVL-663HTG MVL-663HTG-S MVL-664HTG MVL-664HTG-S MVL-663MTG MVL-663MTG-S MVL-664MTG MVL-664MTG-S MVL-663HB MVL-663HB-S MVL-664HB MVL-664HB-S MVL-663MB MVL-663MB-S MVL-664MB MVL-664MB-S Blue 470 200 380 Water Clear Blue 470 100 200 250 380 Water Clear Blue True Green 525 700 100 1300 250 Water Clear Blue True Green 525 600 700 1200 1300 Water Clear Green 600 1200 Green No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Perpendicular G H G H G H G H G H G H G H G H 80 40
7
MVL-67XXX AlInGaP Device Selection Guide (Red)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-671UOL MVL-671UOL-S MVL-673UOL MVL-673UOL-S MVL-674UOL MVL-674UOL-S MVL-671TUOL MVL-671TUOL-S MVL-672TUOL MVL-672TUOL-S MVL-673TUOL MVL-673TUOL-S MVL-674TUOL MVL-674TUOL-S MVL-673UG MVL-673UG-S MVL-674UG MVL-674UG-S Green 573 70 150 Water Clear Red 625 Luminous Intensity Iv(mcd) at IF=20mA Min. 250 250 250 500 500 800 800 70 Typ. 500 500 500 900 900 1300 1300 150 Leads Package Color Red diffuse Red Water Clear Red diffuse diffuse Red Water Clear Green with Stand-Offs No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Parallel Lead Frame Orientation Package Drawing C D C D C D C D C D C D C D C D C D 70 30 80 30 70 30 Major Viewing Angle 21/2 (Degrees) Typ Minor
InGaN Device Selection Guide (True Green,Blue)
MVL-671HTG MVL-671HTG-S MVL-673HTG MVL-673HTG-S MVL-674HTG MVL-674HTG-S MVL-671HB MVL-671HB-S MVL-673HB MVL-673HB-S MVL-674HB MVL-674HB-S Blue 470 True Green 525 600 700 700 100 100 100 1100 1200 1200 200 250 250 Green diffuse Green Water Clear Blue diffuse Blue Water Clear No Yes No Yes No Yes No Yes No Yes No Yes Parallel C D C D C D C D C D C D 70 30
8
MVL-68XXX AlInGaP Device Selection Guide (Red)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-681UOL MVL-681UOL-S MVL-682UOL MVL-682UOL-S MVL-683UOL MVL-683UOL-S MVL-684UOL MVL-684UOL-S Red 625 400 400 800 800 Red Water Clear Luminous Intensity Iv(mcd) at IF=20mA Min. 300 300 Typ. 600 600 Leads Package Color Red diffuse diffuse with Stand-Offs No Yes No Yes No Yes No Yes Parallel Lead Frame Orientation Package Drawing I J I J I J I J 60 30 Major Viewing Angle 21/2 (Degrees) Typ Minor
InGaN Device Selection Guide (True Green,Blue)
MVL-681HTG MVL-681HTG-S MVL-682HTG MVL-682HTG-S MVL-683HTG MVL-683HTG-S MVL-684HTG MVL-684HTG-S MVL-681HB MVL-681HB-S MVL-682HB MVL-682HB-S MVL-683HB MVL-683HB-S MVL-684HB MVL-684HB-S Blue 470 150 150 300 300 Blue Water Clear True Green 525 650 650 100 100 1300 1300 200 200 Green Water Clear Blue diffuse diffuse 600 600 1200 1200 Green diffuse diffuse No Yes No Yes No Yes No Yes No Yes No Yes No Yes No Yes Parallel I J I J I J I J I J I J I J I J 60 30
9
MVL-69XXX AlInGaP Device Selection Guide (Red)
Color and Typical Part Number Dominant Wavelength d(nm) MVL-693TUOL MVL-693TUOL-S MVL-694TUOL MVL-694TUOL-S MVL-693TUYL MVL-693TUYL-S MVL-694TUYL MVL-694TUYL-S Amber 590 1000 2000 Water Clear Red 625 1000 1000 2000 2000 Water Clear Amber Luminous Intensity Iv(mcd) at IF=20mA Min. 1000 Typ. 2000 Package Color Red Leads with Stand-Offs No Yes No Yes No Yes No Yes Perpendicular Lead Frame Orientation Package Drawing K L K L K L K L 50 25 50 25 Major Viewing Angle 21/2 (Degrees) Typ Minor
10
Electrical/Optical Characteristics at TA=25oC
Parameter Typical Viewing Angle Major/Minor MVL-63XXX MVL-65XXX MVL-66XXX MVL-67XXX MVL-68XXX MVL-69XXX Peak/Dominant Wavelength MVL-6XXUROK(-S) MVL-6XXNUOL(-S) MVL-6XXUOL(-S) MVL-6XXTUOL(-S) MVL-6XXSO(-S) MVL-6XXUYL(-S) MVL-6XXTUYL(-S) MVL-6XXUG(-S) MVL-6XXUTG(-S) MVL-6XXHTG(-S) MVL-6XXUB(-S) MVL-6XXHB(-S) Spectral Halfwidth Ultra Red (d = 632 nm) Red (d = 625 nm) Orange (d = 605 nm) Amber (d = 590 nm) Yellow Green (d = 573 nm) Ture Green (d = 525 nm) Blue (d = 470 nm) Forward Voltage AlInGaP InGaN Reverse Current AlInGaP InGaN "HTG" "HB" "UTG" "UB" IR 100 100 10 A VR = 5V VF 1.6 2.8 2.1 3.5 2.6 4.2 V IF = 20mA A1/2 p / d 637/632 630/625 630/625 630/625 610/605 592/590 592/590 575/573 523/525 523/525 468/470 468/470 22 17 13 17 20 40 26 nm Wavelength Width at Spectral Distribution 1/2 Power Point at IF = 20mA nm Peak and Dominant of Wavelength of Spectral Distribution at IF = 20 mA 21/2 110/60 50/30 80/40 70/30 60/30 50/25 Degrees IF = 20mA Symbol Min. Typ. Max. Units Test Conditions
11
RELATIVE INTENSITY
1
Blue Amber Ture Green Green Red Orange
0.5
0 400
425
450
475
500
525
550
575
595
620
645
670
695
WAVELENGTH(nm) Figure 1.RELATIVE INTENSITY Forward Current IF (mA) Forward Current IF (mA)
50 40 30 20 10 0 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4
InGaN AlInGaP
60 50 40 30 20 10 0 0 20 40 60 80 100
InGa N AlInGaP
Forward VoltageVF (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE
Ambient Temperature TA (oC) FIG.3 FORWARD CURRENT VS. AMBIENT TEMPERATURE
Radiant Luminous Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Relative Luminous Intensity
0 V
10 H
20 30 40 V
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
H
Forward Current IF (mA) FIG.4 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
FIG.5 SPATIAL RADIATION PATTERN 80 X 40 DEGREE LAMPS
Relative Luminous Intensity
0 V
10 H
20 30 40 V H
Relative Luminous Intensity
0 V
10 H
20 30 40 V H
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
FIG.6 SPATIAL RADIATION PATTERN 110 X 60 DEGREE LAMPS
FIG.7 SPATIAL RADIATION PATTERN 50 X 30 DEGREE LAMPS
12
Relative Luminous Intensity
Relative Luminous Intensity
0 V
10 H
20 30 40 V H
0 V
10 H
20 30 40 V H
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
FIG.8 SPATIAL RADIATION PATTERN 70 X 30 DEGREE LAMPS
FIG.9 SPATIAL RADIATION PATTERN 60 X 30 DEGREE LAMPS
Relative Luminous Intensity
0 V
10 H
20 30 40 V
1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6
50 60 70 80 90
H
FIG.10 SPATIAL RADIATION PATTERN 50 X 25 DEGREE LAMPS
13
Unity Oval LEDs Bin Table
Luminous Intensity IV (mcd) @ IF=20mA BIN RANGE MIN J K L M N O P Q R S T U 41 58 81 115 163 230 326 461 652 922 1303 1843 MAX 70 100 141 199 282 398 563 796 1126 1593 2253 3185
14
Unity OVAL LED Bin Codes
Category code R
Luminous Intensity code A B C D E F G H I MIN 2 3 4 5 7 10 14 20 29 MAX 3 4 6 9 12 18 25 35 50 code J K L M N O P Q R @IF=20mA UNIT:mcd MIN 41 58 81 115 163 230 326 461 652 MAX 70 100 141 199 282 398 563 796 1126 code S T U V W X Y Z MIN 922 1303 1843 2606 3686 5213 7373 10425 MAX 1593 2253 3185 4506 6371 9011 12742 18002
2
2
Dominant wavelength (Second code) @IF=20mA Material BIN CODE
Wavelength(typ.)
UNIT:nm 3 4 MAX 631 621 611 593 579 532 511 496 476 MIN MAX MIN 626 616 606 589 574 526 506 491 471
1 MIN 619 609 599 584 568 519 499 484 464 MAX 624 614 604 589 573 524 504 489 469 MIN 622 612 602 587 571 522 502 487 467
2 MAX 628 618 608 591 576 528 508 493 473
AlInGaP
InGaN
UOL SOL SO UYL UG TG SG BG B
625 615 605 590 572 525 505 490 470
591 530
596 536
VF 1 2 3 4 5 6 7 8
Forward Voltage AlInGaP MIN 1.35 1.55 1.75 1.95 2.15 2.35 2.55
@IF=20mA MAX 1.65 1.85 2.05 2.25 2.45 2.65 2.85
UNIT:Voltage InGaN MIN 2.55 2.75 2.95 3.15 3.34 3.55 3.75 3.95
MAX 2.85 3.05 3.25 3.45 3.65 3.85 4.05 4.25
15
Unity OVAL LED Bin Codes
Category code R
Luminous Intensity code A B C D E F G H I MIN 2 3 4 5 7 10 14 20 29 MAX 3 4 6 9 12 18 25 35 50 code J K L M N O P Q R @IF=20mA UNIT:mcd MIN 41 58 81 115 163 230 326 461 652 MAX 70 100 141 199 282 398 563 796 1126 code S T U V W X Y Z MIN 922 1303 1843 2606 3686 5213 7373 10425 MAX 1593 2253 3185 4506 6371 9011 12742 18002
D
2
Color Ranks Blue x y 0.151 0.013 Rank A 0.127 0.151 0.037 0.068 Rank C 0.100 0.135 0.087 0.122 Rank E 0.059 0.131 0.665 0.745 Rank G 0.143 0.216 0.750 0.755 Rank I 0.630 0.685 0.331 0.328 Rank B 0.114 0.142 0.058 0.091 Rank D 0.081 0.130 0.133 0.171 Rank F 0.111 0.168 0.730 0.755 Rank H 0.186 0.279 0.760 0.734 Rank J 0.648 0.706 0.312 0.307
0.171 0.040
x y
0.137 0.027
0.161 0.058
x y Green x y
0.122 0.048
0.152 0.081
x y
0.105 0.077
0.137 0.112
0.144 0.560
0.203 0.625
x y
0.178 0.610
0.227 0.630
x y Red x y
0.202 0.620
0.252 0.630
x y
0.230 0.628
0.296 0.619
0.663 0.292
0.721 0.287
x y
0.675 0.280
0.734 0.274
VF 1 2 3 4 5 6 7 8
Forward Voltage @IF=20mA AlInGaP MIN MAX 1.35 1.65 1.55 1.85 1.75 2.05 1.95 2.25 2.15 2.45 2.35 2.65 2.55 2.85
UNIT:Voltage InGaN MIN 2.55 2.75 2.95 3.15 3.35 3.55 3.75 3.95
MAX 2.85 3.05 3.25 3.45 3.65 3.85 4.05 4.25
16


▲Up To Search▲   

 
Price & Availability of MVL-631NUOL-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X