Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
 

To Download MMKZ5262BPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT ZENER
SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 91V
MMKZ5221BPT
THRU
MMKZ5270BPT
FEATURE
* * * * * * High temperature soldering type. ESD rating of class 3(>16 kV) per human body model. Silicon planar zener diodes. Silcon-oxide passivated junction. Low temperature coefficient voltage 225 mW Rating on FR-4 or FR-5 Board
0.25~0.35 0.55~0.65
SOD-723
MECHANICAL
* * * * Voild-free, Transfer-molded, Thermosetting plastic case SOD-723 Packaging. Cathode indicated by polarity band. Mounting position: Any. (1)
0.9~1.1
(2)
0.49~0.65 0.08~0.15
CIRCUIT
(2)
1.3~1.5
(1)
Dimensions in millimeters
SOD-723
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Zener Current ( see Table "Characteristics" ) Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC SYMBOL PD TJ TSTG VALUE 225 -65 to +150 -65 to +150 UNITS mW
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient Max. Instantaneous Forward Voltage at IF= 10mA SYMBOL R
JA
MIN. -
TYP. -
MAX. 550 0.9
UNITS
o
C/W
VF
Volts 2003-01
NOTES : 1. The JEDEC type numbers listd have a standaerd tolerance on the normal zener voltage of +10%, Suffix B=+5%. 2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10% of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve to eliminate unstable units. 3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature. 4. Measured under thermal equilibrium and DC test conditions. 5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration.
ELECTRICAL CHARACTERISTICS ( MMKZ5221BPT THRU MMKZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMKZ5221BPT MMKZ5222BPT MMKZ5223BPT MMKZ5224BPT MMKZ5225BPT MMKZ5226BPT MMKZ5227BPT MMKZ5228BPT MMKZ5229BPT MMKZ5230BPT MMKZ5231BPT MMKZ5232BPT MMKZ5233BPT MMKZ5234BPT MMKZ5235BPT MMKZ5236BPT MMKZ5237BPT MMKZ5238BPT MMKZ5239BPT MMKZ5240BPT MMKZ5241BPT MMKZ5242BPT MMKZ5243BPT MMKZ5244BPT MMKZ5245BPT MMKZ5246BPT MMKZ5247BPT MMKZ5248BPT MMKZ5249BPT MMKZ5250BPT MMKZ5251BPT MMKZ5252BPT MMKZ5253BPT MMKZ5254BPT MMKZ5255BPT MMKZ5256BPT MMKZ5257BPT
Test current Max Volts 2.520 2.625 2.835 2.940 3.150 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Zener impedance
Nom Volts 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
ZZT at IZT () 100 100 100 100 95 95 90 90 88 70 50 25 25 10 8 7 7 7 10 15 18 22 25 25 32 36 36 42 42 48 55 62 62 70 44 78 88
ZZK () 1800 1800 1900 1900 2000 2200 2300 2400 2500 2200 2050 1800 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 100 100 75 75 50 25 15 10 5 3 2 5 5 1 1 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 1.5 2 3 3 4 5.2 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 16 17 18 19 21 21 23 25 -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 -0.055 +0.030 +0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 190 182 168 162 152 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8
2.280 2.375 2.565 2.660 2.850 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35
ELECTRICAL CHARACTERISTICS ( MMKZ5221BPT THRU MMKZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMKZ5258BPT MMKZ5259BPT MMKZ5260BPT MMKZ5261BPT MMKZ5262BPT MMKZ5263BPT MMKZ5264BPT MMKZ5265BPT MMKZ5266BPT MMKZ5267BPT MMKZ5268BPT MMKZ5269BPT MMKZ5270BPT
Test current Max Volts 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 IZT (mA) 5 5 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4
Maximum Zener impedance
Nom Volts 36 39 43 47 51 56 60 62 68 75 82 87 91
ZZT at IZT () 95 130 93 105 125 150 170 185 230 270 330 370 400
ZZK () 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 27 30 33 36 39 43 46 47 52 56 62 68 69 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 13.8 12.6 11.6 10.6 9.7 8.9 11.6 -
34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45
RATING CHARACTERISTIC CURVES ( MMKZ5221BPT THRU MMKZ5270BPT )
FIG. 1 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
8 7 6 5 4 3 2 1 0 -1 -2 -3
VZ @ IZT TYPICAL TC VALUES FOR MMKZ5221BPT SERIES
COEFFICIENT (mV/ oC)
COEFFICIENT (mV/ oC)
FIG. 2 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
100
TYICAL TC VALUES FOR MMKZ5221BPT SERIES
VZ @ IZT
10
VZ,TEMPERATURE
VZ,TEMPERATURE
2
3
4
5
6
7
8
9
10
11
12
1
10
100
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 3 - EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
1000 1000
FIG. 4 - TYPICAL FORWARD VOLTAGE
ZZT DYNAMIC IMPEDANCE(
IZ= 1mA
100
5mA
IF,FORWARD CURRENT (mA)
TJ=25oC IZ(AC)=0.1IZ(DC) f=1KHZ
)
75V (MMKZ5267BPT) 91V (MMKZ5270BPT) 100
20mA
10
10
150oC
75oC
25oC
0o C
1
1
10
100
1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VZ NOMINAL ZENER VOLTAGE ( V )
VF FORWARD VOLTARGE ( V )
RATING CHARACTERISTIC CURVES ( MMKZ5221BPT THRU MMKZ5270BPT )
FIG. 5 - TYPICAL CAPACITANCE
1000
TA=25oC 0 V BIAS 1 V BIAS
FIG. 6 - TYPICAL LEAKAGE CURRENT
1000
IR,LEAKAGE CURRENT (uA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60
25oC -55oC 150oC
C, CAPACITANCE (pF)
100
BIAS AT 50% OF VZ NOM
10
1
1
10
100
70
80
90
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT (VZ UP TO 12V)
100
TA=25oC
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT (12V TO 91V)
100
TA=25oC
IZ ZENER CURRENT (mA)
10
IZ,ZENER CURRENT
0 2 4 6 8 10 12
10
1
1
0.1
0.1
0.01
0.01
10
30
50
70
90
VZ ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )


▲Up To Search▲   

 
Price & Availability of MMKZ5262BPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X