Part Number Hot Search : 
EE08523 TP8472BP MAC97A 74ACT521 JPM160 GRM21B MC675 JPM160
Product Description
Full Text Search
 

To Download MMCZ5262BPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT ZENER
SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 91V
MMCZ5221BPT
THRU
MMCZ5270BPT
FEATURE
* * * * * * * Small surface mounting type. (SC-59/SOT-346) High temperature soldering type. ESD rating of class 3(>16 kV) per human body model. Silicon planar zener diodes. Silcon-oxide passivated junction. Low temperature coefficient voltage 225 mW Rating on FR-4 or FR-5 Board
1.90.2 (3) 0.1 0.40.05 0.95 (1) 1.6 0.2 0.1
SC-59/SOT-346
(2) 0.95
MECHANICAL
* SC-59/SOT-346 Packaging. * Mounting position: Any.
2.90.2
0.15 0.1 0.06 0.3~0.6
0.2 1.1 0.1 0.80.1 0~0.1 2.80.2
CIRCUIT
(2)
(1)
(3)
Dimensions in inches and (millimeters)
SC-59/SOT-346
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Zener Current ( see Table "Characteristics" ) Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC SYMBOL PD TJ TSTG VALUE 225 -65 to +150 -65 to +150 UNITS mW
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient Max. Instantaneous Forward Voltage at IF= 10mA SYMBOL R
JA
MIN. -
TYP. -
MAX. 500 0.9
UNITS
o
C/W
VF
Volts 2003-01
NOTES : 1. The JEDEC type numbers listd have a standaerd tolerance on the normal zener voltage of +10%, Suffix B=+5%.Suffix S=+2% 2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10% of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve to eliminate unstable units. 3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature. 4. Measured under thermal equilibrium and DC test conditions. 5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration.
ELECTRICAL CHARACTERISTICS ( MMCZ5221BPT THRU MMCZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMCZ5221BPT MMCZ5222BPT MMCZ5223BPT MMCZ5224BPT MMCZ5225BPT MMCZ5226BPT MMCZ5227BPT MMCZ5228BPT MMCZ5229BPT MMCZ5230BPT MMCZ5231BPT MMCZ5232BPT MMCZ5233BPT MMCZ5234BPT MMCZ5235BPT MMCZ5236BPT MMCZ5237BPT MMCZ5238BPT MMCZ5239BPT MMCZ5240BPT MMCZ5241BPT MMCZ5242BPT MMCZ5243BPT MMCZ5244BPT MMCZ5245BPT MMCZ5246BPT MMCZ5247BPT MMCZ5248BPT MMCZ5249BPT MMCZ5250BPT MMCZ5251BPT MMCZ5252BPT MMCZ5253BPT MMCZ5254BPT MMCZ5255BPT MMCZ5256BPT MMCZ5257BPT
Test current Max Volts 2.520 2.625 2.835 2.940 3.150 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Zener impedance
Nom Volts 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
ZZT at IZT () 100 100 100 100 95 95 90 90 88 70 50 25 25 10 8 7 7 7 10 15 18 22 25 25 32 36 36 42 42 48 55 62 62 70 44 78 88
ZZK () 1800 1800 1900 1900 2000 2200 2300 2400 2500 2200 2050 1800 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 100 100 75 75 50 25 15 10 5 3 2 5 5 1 1 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 1.5 2 3 3 4 5.2 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 16 17 18 19 21 21 23 25 -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 -0.055 +0.030 +0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 190 182 168 162 152 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8
2.280 2.375 2.565 2.660 2.850 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35
ELECTRICAL CHARACTERISTICS ( MMCZ5221BPT THRU MMCZ5270BPT )
Zener voltage VZ (V) @ IZT TYPE Min Volts
MMCZ5258BPT MMCZ5259BPT MMCZ5260BPT MMCZ5261BPT MMCZ5262BPT MMCZ5263BPT MMCZ5264BPT MMCZ5265BPT MMCZ5266BPT MMCZ5267BPT MMCZ5268BPT MMCZ5269BPT MMCZ5270BPT
Test current Max Volts 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 IZT (mA) 5 5 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4
Maximum Zener impedance
Nom Volts 36 39 43 47 51 56 60 62 68 75 82 87 91
ZZT at IZT () 95 130 93 105 125 150 170 185 230 270 330 370 400
ZZK () 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300
at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Type Maximum reverse leakage current temperature regulator coefficient current at at o IR at VR TA= 25 C TA= 50oC o (uA) (V) VZ (%/ C) IZM (mA) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 27 30 33 36 39 43 46 47 52 56 62 68 69 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 13.8 12.6 11.6 10.6 9.7 8.9 11.6 -
34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45
RATING CHARACTERISTIC CURVES ( MMCZ5221BPT THRU MMCZ5270BPT )
FIG. 1 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
8 7 6 5 4 3 2 1 0 -1 -2 -3
VZ @ IZT TYPICAL TC VALUES FOR MMCZ5221BPT SERIES
COEFFICIENT (mV/ oC)
COEFFICIENT (mV/ oC)
FIG. 2 - TEMPERATURE COEFFICIENTS) (TEMPERATURE RANGE 55oC TO +150oC)
100
TYICAL TC VALUES FOR MMCZ5221BPT SERIES
VZ @ IZT
10
VZ,TEMPERATURE
VZ,TEMPERATURE
2
3
4
5
6
7
8
9
10
11
12
1
10
100
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 3 - EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
1000 1000
FIG. 4 - TYPICAL FORWARD VOLTAGE
ZZT DYNAMIC IMPEDANCE(
IZ= 1mA
100
5mA
IF,FORWARD CURRENT (mA)
TJ=25oC IZ(AC)=0.1IZ(DC) f=1KHZ
)
75V (MMCZ5267BPT) 91V (MMCZ5270BPT) 100
20mA
10
10
150oC
75oC
25oC
0o C
1
1
10
100
1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VZ NOMINAL ZENER VOLTAGE ( V )
VF FORWARD VOLTARGE ( V )
RATING CHARACTERISTIC CURVES ( MMCZ5221BPT THRU MMCZ5270BPT )
FIG. 5 - TYPICAL CAPACITANCE
1000
TA=25oC 0 V BIAS 1 V BIAS
FIG. 6 - TYPICAL LEAKAGE CURRENT
1000
IR,LEAKAGE CURRENT (uA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60
25oC -55oC 150oC
C, CAPACITANCE (pF)
100
BIAS AT 50% OF VZ NOM
10
1
1
10
100
70
80
90
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT (VZ UP TO 12V)
100
TA=25oC
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT (12V TO 91V)
100
TA=25oC
IZ ZENER CURRENT (mA)
10
IZ,ZENER CURRENT
0 2 4 6 8 10 12
10
1
1
0.1
0.1
0.01
0.01
10
30
50
70
90
VZ ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )


▲Up To Search▲   

 
Price & Availability of MMCZ5262BPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X