Part Number Hot Search : 
MAX14 MSM7620 B1086 DT54F 24006 FR2504 KIA317FP NGBBN
Product Description
Full Text Search
 

To Download MJE5180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification MJE5180/5181/5182
isc Silicon NPN Power Transistors
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 120V(Min)- MJE5180 = 140V(Min)- MJE5181 = 160V(Min)- MJE5182 *Low Saturation Voltage *Complement to Type MJE5170/5171/5172 APPLICATIONS *Designed for use in general purpose amplifier and switching applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER MJE5180 VCBO Collector-Base Voltage MJE5181 MJE5182 MJE5180 VCEO Collector-Emitter Voltage MJE5181 MJE5182 VEBO IC ICM IB
B
VALUE 120 140 160 120 140 160 5 6 10 2 65
UNIT
V
V
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @ TC=25 Collector Power Dissipation @ Ta=25 Junction Temperature Storage Temperature Range
V A A A
PC PC TJ Tstg
W 2 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient MAX 1.92 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification MJE5180/5181/5182
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER MJE5180 VCEO(SUS) Collector-Emitter Sustaining Voltage MJE5181 MJE5182 VCE(sat) VBE(on) Collector-Emitter Saturation Voltage Base-Emitter On Voltage MJE5180 ICEO Collector Cutoff Current MJE5181 MJE5182 MJE5180 ICES Collector Cutoff Current MJE5181 MJE5182 IEBO hFE-1 hFE-2 fT Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product IC= 6A; IB= 0.6A
B
CONDITIONS
MIN 120
MAX
UNIT
IC= 30mA ;IB= 0
B
140 160 1.5 2.0 0.7 0.7 0.7 0.4 0.4 0.4 1.0 30 15 1.0 100
V
V V
IC= 6A; VCE= 4V VCE= 60V; IB= 0
B
VCE= 70V; IB= 0
B
mA
VCE= 80V; IB= 0
B
VCE= 120V;VEB= 0 VCE= 140V;VEB= 0 VCE= 160V;VEB= 0 VEB= 5V; IC=0 IC= 0.3A; VCE= 4V IC= 3A; VCE= 4V IC= 0.5A ;VCE= 10V;ftest= 1.0MHz
mA
mA
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJE5180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X