Part Number Hot Search : 
AUR9801C MAX751 PD166 5257B GRM31CR KTA1266 EA100 MBR72008
Product Description
Full Text Search
 

To Download MAX9063EBS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4105; Rev 1; 1/09
KIT ATION EVALU BLE AVAILA
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
General Description Features
Tiny 1mm x 1mm x 0.6mm 4-Bump UCSP Footprint = Two 0402 Resistors Also Available in a 5-Pin SOT23 Package Ultra-Low Operating Current (100nA max) Input Voltage Range = -0.3V to +5.5V External REF Range = 0.9V to 5.5V (MAX9060/MAX9061) Internal REF Voltage = 0.2V (MAX9062/MAX9063/MAX9064) 15s Propagation Delay -40C to +85C Extended Temperature Range
MAX9060-MAX9064
The MAX9060-MAX9064 are small single comparators, ideal for a wide variety of portable electronics applications such as cell phones, media players, and notebooks that have extremely tight board space and power constraints. These comparators are offered in both, a miniature 4-bump UCSPTM package with a 1mm x 1mm footprint (as small as two 0402 resistors), and a 5-pin SOT23 package. The MAX9060-MAX9064 feature an input voltage range of -0.3V to +5.5V independent of supply voltage. These devices maintain high impedance at the inputs even when powered down (VCC or VREF = 0V). They also feature internal filtering to provide high RF immunity. The MAX9060 and MAX9061 feature a patent-pending architecture. Both have open-drain outputs and draw quiescent supply current from a user-supplied reference voltage, VREF, between 0.9V and 5.5V. These devices consume only 100nA (max) supply current and operate over the extended -40C to +85C temperature range. The MAX9062, MAX9063 and MAX9064 are single comparators with an internal 0.2V reference. These devices feature either a push-pull or an open-drain output. They consume only 700nA (max) supply current. The MAX9062, MAX9063, and MAX9064 operate down to VCC = 1V over the extended -40C to +85C temperature range.
Ordering Information
PART MAX9060EBS+ MAX9060EUK+ MAX9061EBS+ MAX9061EUK+ MAX9062EBS+ MAX9062EUK+ MAX9063EBS+ MAX9063EUK+ MAX9064EBS+ MAX9064EUK+ PIN-PACKAGE 4 UCSP 5 SOT23 4 UCSP 5 SOT23 4 UCSP 5 SOT23 4 UCSP 5 SOT23 4 UCSP 5 SOT23 TOP MARK AFX AFFG AFY AFFH AFZ AFFI AGA AFFJ AGB AFFK
Applications
Cell Phones Portable Media Players Electronic Toys Notebook Computers Portable Medical Devices
UCSP is a trademark of Maxim Integrated Products, Inc.
Note: All devices are specified over the extended -40C to +85C operating temperature range. +Denotes a lead(Pb)-free/RoHS-compliant package. Selector Guide and Typical Operating Circuits appear at end of data sheet.
Pin Configuration
TOP VIEW (BUMPS ON BOTTOM)
OUT
A1
A2
IN
REF (VCC)
+
1 5 OUT
MAX9060-MAX9064
REF (VCC) B1 B2 GND
GND
2
MAX9060- MAX9064
GND UCSP REF = MAX9060/MAX9061 (VCC) = MAX9062-MAX9064
3 SOT23
4
IN
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
ABSOLUTE MAXIMUM RATINGS
VCC, REF, IN to GND................................................-0.3V to +6V OUT to GND (MAX9060-MAX9063).........................-0.3V to +6V OUT to GND (MAX9064 Only) ................-0.3V to + (VCC + 0.3V) Output Short-Circuit Current Duration ....................................10s Input Current into Any Terminal........................................20mA Continuous Power Dissipation 4-Bump UCSP (derate 3.0mW/C above +70C) .......238 mW 5-Pin SOT23 (derate 3.9mW/C above +70C)...........312 mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Bump Temperature (soldering) Reflow............................+235C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
MAX9060/MAX9061 ELECTRICAL CHARACTERISTICS
(VREF = 1.8V, RPULLUP = 10k to VPULLUP = 3.3V, TA = -40C to +85C. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER DC CHARACTERISTICS Input Offset Voltage (Note 2) Hysteresis Input Voltage Range Input Bias Current Input Shutdown Current VOS VHYS VIN IIN IIN_PD 0V < VIN < VREF + 0.6V VREF + 0.6V < VIN < 5.5V VREF = 0, VIN = 5.5V (Note 4) ISINK = 25A, VREF = 0.9V, TA = +25C Output Voltage Low VOL ISINK = 200A, VREF = 1.2V ISINK = 500A, VREF = 1.8V ISINK = 1.2mA, VREF = 5.5V Output Leakage Current (OUT = High) AC CHARACTERISTICS Propagation Delay Fall Time REF SUPPLY REF Voltage VREF Guaranteed by VOS tests VREF = 0.9V, VIN = VREF, TA = +25C VREF = 1.8V, VIN = VREF, TA = +25C VREF = 5.5V, VIN = VREF, TA = +25C VREF = 5.5V, VIN = VREF, -40C < TA < +85C REF Rejection Ratio Power-Up Time RRR tON VREF = 0.9V to 5.5V, TA = +25C 63 90 3 0.9 50 60 nA 170 320 350 dB ms 5.5 100 V tPD tF Overdrive = 100mV (Note 5) CL = 10pF 25 14 s ns IOUT_LEAKAGE VPULLUP = 5.5V (Note 4) 10 < 0.1 0.04 0.08 0.13 0.19 < 0.1 TA = +25C (Note 3) -0.3 1.3 12 +5.5 40 100 27 0.20 0.20 0.23 0.50 35 nA V 6 9 mV mV V nA nA SYMBOL CONDITIONS MIN TYP MAX UNITS
REF Input Current
IREF
2
_______________________________________________________________________________________
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
MAX9062/MAX9063/MAX9064 ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, RPULLUP = 10k to VPULLUP = 3.3V for MAX9062/MAX9063, TA = -40C to +85C. Typical values at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER DC CHARACTERISTICS Input Voltage Range Input Bias Current Input Leakage Current VIN IIN IIN_SHDN Guaranteed by IIN test VIN = 0.2V to 5.5V (Note 4) VCC = 0, VIN = 5.5V (Note 4) ISINK = 50A, VCC = 1.0V ISINK = 200A, VCC = 1.2V Output Voltage Low VOL ISINK = 500A, VCC = 1.8V ISINK = 0.75mA, VCC = 3.3V ISINK = 1.2mA, VCC = 5.5V ISOURCE = 15A, VCC = 1.0V Output Voltage High (MAX9064 Only) ISOURCE = 40A, VCC = 1.2V VOH ISOURCE = 180A, VCC = 1.8V ISOURCE = 0.3mA, VCC = 3.3V ISOURCE = 0.75mA, VCC = 5.5V Output Leakage Current (MAX9062/MAX9063 Only) AC CHARACTERISTICS Propagation Delay Fall Time Rise Time REFERENCE VOLTAGE Input Threshold (Note 6) Input Threshold Hysteresis REF Tempco Power-Supply Rejection Ratio POWER SUPPLY Supply Voltage Supply Current Power-Up Time VCC ICC tON Guaranteed by VOL/VOH tests VCC = 1.0V VCC = 5.5V 1.0 0.4 0.6 3 5.5 0.7 1.1 V A ms VREF VHYS VREF_TEMPCO PSRR TA = +25C TA = -40C to +85C TA = -40C to +85C (Note 3) (Note 7) VCC = 1.0V to 5.5V 40 188 185 200 200 0.9 6 53 212 215 mV mV V/C dB tPD tF tR VOVERDRIVE = 100mV (Note 5) CL = 10pF CL = 10pF, MAX9064 only 15 14 30 s ns ns IOUT_LEAKAGE OUT = high, VPULLUP = 5.5V (Note 4) -0.3 0.06 < 0.1 0.03 0.08 0.13 0.14 0.19 VCC - 0.08V VCC - 0.08V VCC - 0.15V VCC - 0.13V VCC - 0.24V < 0.1 +5.5 15 15 0.2 0.20 0.23 0.3 0.5 VCC - 0.2V VCC - 0.20V VCC - 0.23V VCC - 0.3V VCC - 0.5V 15 nA V V V nA nA SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX9060-MAX9064
Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: Note 7:
All devices are 100% production tested at TA = +25C. Temperature limits are guaranteed by design. Guaranteed by ATE and/or bench characterization over temperature. VOS is the average of the trip points minus VREF. Hysteresis is half the input voltage difference between the two switching points. Too small to be measured in an ATE test environment. Only gross test to catch failures is implemented. Overdrive is defined as the voltage above or below the switching points. Guaranteed by ATE and/or bench characterization over temperature. VREF is the average of the trip points minus 200mV. Includes reference error along with comparator offset voltage error.
_______________________________________________________________________________________
3
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
Typical Operating Characteristics
(VCC = 3.3V, VREF = 1.8V, RPULLUP = 10k to VPULLUP = 3.3V for MAX9060-MAX9063, GND = 0, TA = +25C, unless otherwise noted.)
MAX9060 SUPPLY CURRENT vs. REF VOLTAGE
MAX9060 toc01
MAX9064 SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX9060 toc02
MAX9060 SUPPLY CURRENT vs. OUTPUT TRANSITION FREQUENCY
VREF = 5V SUPPLY CURRENT (A) 10
MAX9060 toc03
250
1000
100
200 SUPPLY CURRENT (nA)
800 SUPPLY CURRENT (nA) +25C
+85C
150 +25C
+85C
600
1
VREF = 3.3V
100
400
50 -40C 0 0 1 2 3 4 5 6 REF VOLTAGE (V)
200 -40C 0 0 1 2 3 4 5 6 SUPPLY VOLTAGE (V)
0.1 VREF = 1.8V 0.01 0.1 1 OUTPUT TRANSITION FREQUENCY (kHz) 10
MAX9064 SUPPLY CURRENT vs. OUTPUT TRANSITION FREQUENCY
MAX9060 toc04
MAX9060 AND MAX9064 OUTPUT VOLTAGE LOW vs. SINK CURRENT
MAX9060 toc05
MAX9064 OUTPUT VOLTAGE HIGH vs. SOURCE CURRENT
OIUTPUT VOLTAGE HIGH (VCC - VOH, V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.5 VCC = 1.8V 1.0 1.5 2.0 2.5 3.0 VCC = 3.3V VCC = 5V
MAX9060 toc06
100
1.0 0.9 OUTPUT VOLTAGE LOW (V) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 VCC/VREF = 1.8V 0 2 4 SINK CURRENT (mA) 6 8 VCC/VREF = 3.3V VCC/VREF = 5V
1.0
SUPPLY CURRENT (A)
VREF = 5V
10
VREF = 3.3V VREF = 1.8V
1 0.1 1 10 100 OUTPUT TRANSITION FREQUENCY (kHz)
0
SOURCE CURRENT (mA)
MAX9060 OFFSET VOLTAGE vs. TEMPERATURE
MAX9060 toc07
MAX9060 HYSTERESIS VOLTAGE vs. TEMPERATURE
14 HYSTERESIS VOLTAGE (mV) 12 10 8 6 4 2
MAX9060 toc08
MAX9060 INPUT BIAS CURRENT vs. INPUT BIAS VOLTAGE
MAX9060 toc09
1.0 0.9 0.8 OFFSET VOLTAGE (mV) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -15 10 VREF = 1.8V 35 60
16
30 25 INPUT BIAS CURRENT (nA) 20 15 10 5 0
0 85 -40 -15 10
VREF = 1.8V 35 60 85
-5 -1 0 1 2
VREF = 1.8V 3 4 5 6
TEMPERATURE (C)
TEMPERATURE (C)
INPUT BIAS VOLTAGE (V)
4
_______________________________________________________________________________________
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Typical Operating Characteristics (continued)
(VCC = 3.3V, VREF = 1.8V, RPULLUP = 10k to VPULLUP = 3.3V for MAX9060-MAX9063, GND = 0, TA = +25C, unless otherwise noted.)
MAX9060-MAX9064
MAX9064 INPUT BIAS CURRENT vs. INPUT BIAS VOLTAGE
MAX9060 toc10
MAX9064 REFERENCE VOLTAGE vs. TEMPERATURE
MAX9060 toc11
MAX9064 REFERENCE VOLTAGE vs. SUPPLY VOLTAGE
200.8 REFERENCE VOLTAGE (mV) 200.6 200.4 200.2 200.0 199.8 199.6 199.4 199.2 199.0
MAX9060 toc12
5
202.0 201.9 REFERENCE VOLTAGE (mV) 201.8 201.7 201.6 201.5 201.4 201.3 201.2
VCC = 3.3V
201.0
INPUT BIAS CURRENT (nA)
0
-5
-10
-15 VCC = 3.3V 0 0.05 0.10 0.15 0.20 0.25 0.30
201.1 201.0 -40 -15 10 35 60 85 TEMPERATURE (C)
-20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT BIAS VOLTAGE (V)
SUPPLY VOLTAGE (V)
MAX9064 PROPAGATION DELAY vs. TEMPERATURE
VOD = 100mV 16 PROPAGATION DELAY (s) 15 VCC = 5V 14 13 12 11 10 9 -40 -15 10 35 60 85 TEMPERATURE (C) VCC = 1.8V VCC = 3.3V
MAX9060 toc13
MAX9064 PROPAGATION DELAY vs. INPUT OVERDRIVE
MAX9060 toc14
MAX9060 PROPAGATION DELAY vs. INPUT OVERDRIVE
70 PROPAGATION DELAY (s) 60 50 40 30 20 10 0 VREF = 1.8V
MAX9060 toc15
17
80 70 PROPAGATION DELAY (s) 60 50 40 30 20 10 0 0 50 100 150 200 VCC = 1.8V VCC = 3.3V VCC = 5V
80
VREF = 5V
250
0
50
100
150
200
250
INPUT OVERDRIVE (mV)
INPUT OVERDRIVE (mV)
MAX9060 PROPAGATION DELAY AT VREF = 1.8V
MAX9060 toc16
MAX9064 PROPAGATION DELAY AT VCC = 3.3V
MAX9060 toc17
1.9V IN+ 100mV/div 1.7V
0.3V IN+ 100mV/div 0.1V
OUT 2V/div 0V
OUT 2V/div 0V
100s/div
100s/div
_______________________________________________________________________________________
5
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
Typical Operating Characteristics (continued)
(VCC = 3.3V, VREF = 1.8V, RPULLUP = 10k to VPULLUP = 3.3V for MAX9060-MAX9063, GND = 0, TA = +25C, unless otherwise noted.)
MAX9064 1kHz FREQUENCY RESPONSE
MAX9060 toc18
MAX9060 1kHz FREQUENCY RESPONSE
MAX9060 toc19
VCC = 3.3V 250mV 200mV 150mV IN+ 50mV/div 1.9V 1.8V 1.7V
VREF = 1.8V VPULLUP = 3.3V IN+ 100mV/div
OUT 2V/div 0V 0V
OUT 2V/div
200s/div
200s/div
MAX9060 POWER-UP/ POWER-DOWN RESPONSE
MAX9060 toc20
MAX9064 POWER-UP/ POWER-DOWN RESPONSE
MAX9060 toc21
VIN = 1.7V VREF = 1.8V VREF 1V/div
VIN = 0.3V VCC = 3.3V
VCC 2V/div 0V
0V
OUT 2V/div 0V 0V
OUT 2V/div
1ms/div
1ms/div
MAX9064 OUTPUT RESPONSE TO SUPPLY VOLTAGE TRANSIENT
MAX9060 toc22
MAX9064 POWER-SUPPLY REJECTION FOR NO FALSE TRIGGERING
VCC 200mV/div TRIP POINT (mV) OUT 2V/div
MAX9060 toc23
206 204 202 200 198 196 VCC = 3.3V + 100mVP-P 194 LOWER TRIP POINT UPPER TRIP POINT
3.2V 3V VIN = VTH + 1mV
0V
VIN = VTH + 10mV
OUT 2V/div OUT 2V/div
0V
VIN = VTH + 20mV
0V 1ms/div
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
6
_______________________________________________________________________________________
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Pin Description
PIN UCSP MAX9060 MAX9061 MAX9062 MAX9063 MAX9064 A1 SOT23 MAX9060 MAX9061 MAX9062 MAX9063 MAX9064 5 NAME FUNCTION
MAX9060-MAX9064
A1
5
OUT
Comparator Output. The MAX9060-MAX9063 have open-drain outputs. The MAX9064 has a push-pull output. Comparator Input. The MAX9060, MAX9062, and MAX9064 have noninverting inputs. The MAX9061 and MAX9063 have inverting inputs. Power-Supply Voltage. Bypass to ground with a 0.1F bypass capacitor. External Reference Input. REF also supplies power to the device. Bypass to ground with a 0.1F bypass capacitor. Ground.
A2
A2
4
4
IN
--
B1
--
1
VCC
B1 B2
-- B2
1 2, 3
-- 2, 3
REF GND
Detailed Description
The MAX9060-MAX9064 are extremely small comparators ideal for compact, low-current, and lowvoltage applications. The MAX9060/MAX9061 consume only 50nA (typ) operating current, while the MAX9062/MAX9063/MAX9064 consume only 400nA (typ). The low-voltage operating capability of the MAX9060-MAX9064 makes these devices extremely attractive to long-life battery-operated devices--these applications can now use a single digital power-supply rail to power the new generation of microcontrollers (which can be down to 0.9V). A single AA/AAA cell can drop down to 0.9V in full discharge. All parts are available in a tiny 4-bump UCSP, that is only 0.6mm tall, and occupies a 1mm x 1mm footprint and a 5-pin SOT23.
comparators that have an input ESD diode clamp between the input and VCC, limiting this maximum overvoltage to about 0.3V. The MAX9060-MAX9064 architecture maintains a high input impedance to input signals even when the device power-supply voltage is completely turned off (VCC or REF taken to 0V). This greatly benefits flexible power-saving schemes to be easily implemented in advanced battery-operated devices. On-chip filtering provides immunity from any RF noise being picked up by input traces. These devices feature an internal temperature-compensated, low-power 0.2V reference voltage.
Output Stage Structure
The MAX9060-MAX9063 have open-drain outputs that allow them to interface to logic circuitry running from supply voltages other than the one supplied to the part. These devices require an external pullup resistor or current source for proper operation. Many microcontroller digital inputs ports can be readily programmed to include these. The MAX9064 has a push-pull output stage that can both sink and source current, eliminating the need for an external pullup resistor. In this case, the MAX9064 uses the microcontroller's power supply as VCC.
Input Stage Circuitry
Noninverting inputs are available on the MAX9060/ MAX9062/MAX9064 and inverting inputs are available on the MAX9061/MAX9063. The MAX9060-MAX9064 incorporate an innovative input stage architecture that allows their input voltage to exceed VCC by several volts (limited only by the Absolute Maximum Ratings). This is unlike traditional
_______________________________________________________________________________________
7
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
Table 1. How Devices Behave Under Various Input Voltage Conditions
PART MAX9060 MAX9061 MAX9062 MAX9063 MAX9064 INPUT VOLTAGE CONDITIONS VIN > VREF VIN < VREF VIN > VREF VIN < VREF VIN > 0.2V VIN < 0.2V VIN > 0.2V VIN < 0.2V VIN > 0.2V VIN < 0.2V Output asserts low. Output asserts low. External pullup resistor pulls output high. External pullup resistor pulls output high. Output asserts low. Output asserts low. External pullup resistor pulls output high. Output asserts high. Output asserts low. ACTION AT OUTPUT External pullup resistor pulls output high.
Applications Information
Bypassing REF/VCC Place a 0.1F capacitor between REF or V CC and GND as close as possible to the device. During a switching event, all comparators draw a current spike from their power-supply rails. This current spike is minimized by the use of an internal break-before-make design. Hysteresis Operation
The MAX9060-MAX9064 feature internal hysteresis for noise immunity and glitch-free operation. If additional hysteresis is needed, an external positive feedback network can be easily implemented on the MAX9060, MAX9062, and MAX9064 noninverting input devices.
Additional external hysteresis is not recommended for the MAX9061 due to possible crossover current-related noise problems. Additional external hysteresis is not possible on the MAX9063 because the noninverting input of the comparator is not externally accessible.
Adaptive Signal Level Detector
The MAX9060 and MAX9061 can be used as an adaptive signal-level detector. Feed a DAC output voltage to REF and connect the input to a variable signal level. As the DAC output voltage is varied from 0.9V to 5.5V, a corresponding signal level threshold-detector circuit is implemented. See Figure 1.
VDD INTERNAL PULLUP
DAC
REF
MAX9060
OUT I/O
IN
MICROCONTROLLER
Figure 1. Adaptive Signal Level Detector
8
_______________________________________________________________________________________
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Typical Operating Circuits
VDD INTERNAL PULLUP VDD INTERNAL PULLUP
MAX9060-MAX9064
0.9V TO 5.5V
REF
MAX9060
OUT I/O
0.9V TO 5.5V
REF
MAX9061
OUT I/O
IN
MICROCONTROLLER
IN
MICROCONTROLLER
VCC = 1.0V TO 5.5V
VDD INTERNAL PULLUP
VCC = 1.0V TO 5.5V
VDD INTERNAL PULLUP
0.2V REF
MAX9062
OUT I/O
0.2V REF
MAX9063
OUT I/O
IN
MICROCONTROLLER
IN
MICROCONTROLLER
VCC = 1.0V TO 5.5V VDD
0.2V REF
MAX9064
OUT I/O
IN
MICROCONTROLLER
Selector Guide
PART MAX9060 MAX9061 MAX9062 MAX9063 MAX9064 REFERENCE VOLTAGE External External 0.2V 0.2V 0.2V
Chip Information
PROCESS: BiCMOS
INPUT Noninverting Inverting Noninverting Inverting Noninverting
OUTPUT Open drain Open drain Open drain Open drain Push-pull
_______________________________________________________________________________________
9
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
Package Information
For the latest package outline information, go to www.maxim-ic.com/packages. PACKAGE TYPE 4 UCSP 5 SOT23 PACKAGE CODE B4-1 U5-2 DOCUMENT NO. 21-0117 21-0057
PACKAGE OUTLINE, 2x2 UCSP 21-0117 G
1 1
10
______________________________________________________________________________________
4L, UCSP 2x2.EPS
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Package Information (continued)
For the latest package outline information, go to www.maxim-ic.com/packages.
MAX9060-MAX9064
______________________________________________________________________________________
SOT-23 5L .EPS
11
Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23 MAX9060-MAX9064
Revision History
REVISION NUMBER 0 1 REVISION DATE 5/08 1/09 Initial release Corrected ultra-low operating current value DESCRIPTION PAGES CHANGED -- 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX9063EBS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X