Part Number Hot Search : 
SL1461 NTD42 P6KE22 PAL16L8 2SK12 P8051 2MK35 SPL11A
Product Description
Full Text Search
 

To Download MALREKA00KK433J00K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKA
Vishay Roederstein
Aluminum Capacitors Radial Style
FEATURES
* Polarized aluminum electrolytic capacitors,
non-solid electrolyte * Radial leads, cylindrical aluminum case * Miniaturized, high CV-product per unit volume * RoHS compliant
RoHS
COMPLIANT
APPLICATIONS
Component outlines
* General purpose, industrial and audio-video * Coupling, decoupling, timing, smoothing, filtering, buffering in SMPS * Portable and mobile equipment (small size, low mass)
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L) Rated capacitance range CR Capacitance tolerance Rated voltage range Category temperature range Load life Based on sectional specification Climatic category IEC 60068 UNIT mm F % V C h VALUE 5 x 11 to 18 x 40 1 to 22 000 20 6.3 to 350 - 40 to + 85 2000 IEC 60384-4/EN 130300 40/085/56 25/085/56 400 to 450 - 25 to + 85
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 2200 3300 4700 6800 10 000 15 000 22 000 6.3 8 x 11.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 10 5 x 11 6.3 x 11 10 x 16 16 x 35.5 18 x 40 RATED VOLTAGE (V) (> 100 V see next page) 16 25 35 50 5 x 11 5 x 11 5 x 11 6.3 x 11 5 x 11 6.3 x 11 5 x 11 6.3 x 11 8 x 11.5 6.3 x 11 8 x 11.5 10 x 12.5 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 8 x 11.5 10 x 12.5 10 x 16 10 x 20 8 x 11.5 10 x 16 10 x 20 12.5 x 20 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 10 x 20 12.5 x 20 16 x 25 16 x 31.5 12.5 x 20 16 x 25 16 x 31.5 18 x 31.5 12.5 x 25 16 x 25 16 x 35.5 18 x 40 16 x 25 18 x 31.5 18 x 40 16 x 31.5 18 x 40 18 x 35.5 63 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 18 x 31.5 18 x 40 100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 31.5 -
Note 10 % capacitance tolerance on request Document Number: 25014 Revision: 24-Jun-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 291
EKA
Vishay Roederstein
Aluminum Capacitors Radial Style
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 RATED VOLTAGE (V) 160 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 35.5 18 x 40 200 8 x 11.5 10 x 20 12.5 x 25 16 x 25 18 x 31.5 18 x 35.5 250 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 16 10 x 20 12.5 x 20 16 x 20 16 x 25 16 x 31.5 18 x 35.5 350 8 x 11.5 10 x 12.5 10 x 20 16 x 20 16 x 25 18 x 31.5 400 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40 450 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 40 -
Note 10 % capacitance tolerance on request
RADIAL STYLE: DIMENSIONS in millimeters
O d 0.05 tinned copper-ply steel O D + max. + S 0.5 L + max. 15 min. 4 min.
OD S Od
5 2.0 0.5
6.3 2.5 0.5 1.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8 2.0
18 7.5 0.8
22 10.0 1.0
25 12.5 1.0
0.5
1.0
www.vishay.com 292
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25014 Revision: 24-Jun-08
EKA
Aluminum Capacitors Radial Style
DIMENSIONS in millimeters AND AVAILABLE FORMS
Casing Insulation Dmax. Od
Vishay Roederstein
Dmax.
S 0.5
Lmax.
15 min.
4 min.
Lmax.
4.5 0.5
O D 18 long leads MALREKA00...
O D 18 shortened leads MALREKA05... (S = 2/2.5/3.5/5/7.5 mm)
S 0.5
5 0.5
S 0.5
2 max. 4.5 0.5 1.1 0.1 1.10 0.1
2 0.2 4.5 0.5
2 max.
O D 8 leads shortened and formed MALREKA09... (S = 2.0/2.5/3.5 mm)
10 O D 18 leads shortened and formed MALREKA06... (S = 5/7.5 mm)
GENERAL NOTE
* For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service * For other packaging forms please refer to Vishay Roederstein General Information
ELECTRICAL DATA
SYMBOL UR CR tan RESR IR rated voltage rated capacitance at 120 Hz max. dissipation factor at 120 Hz calculated equivalent series resistance at 120 Hz rated ripple current (rms) at 120 Hz and upper category temperature DESCRIPTION
ORDERING EXAMPLE
EKA 3300 F/16 V, 20 %, size: 12.5 x 20 mm Leads: Long Ordering code: MALREKA00FE433D00K Leads: Short Ordering code: MALREKA05... For 5 O D 8 mm Leads: Bent open, shortened and formed Ordering code: MALREKA09... For 10 O D 18 mm Leads: Shortened and formed Ordering code: MALREKA06 ...
Note Unless otherwise specified, all electrical values apply at Ta = 20 C, P = 80 to 120 kPa, RH = 45 to 75 %.
Document Number: 25014 Revision: 24-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 293
EKA
Vishay Roederstein
Aluminum Capacitors Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 1000 3300 4700 6800 10 000 220 470 2200 15 000 22 000 150 330 470 680 1000 2200 3300 4700 6800 10 000 15 000 68 100 150 220 330 470 680 1000 2200 3300 4700 6800 10 000 47 100 150 220 330 470 680 1000 2200 3300 4700 6800 33 68 220 330 NOMINAL CASE SIZE ODxL (mm) 8 x 11.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 5 x 11 6.3 x 11 10 x 16 16 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 12.5 x 20 16 x 25 16 x 25 18 x 31.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 31.5 16 x 35.5 18 x 40 5 x 11 6.3 x 11 10 x 12.5 10 x 16 tan 120 Hz 0.28 0.34 0.36 0.40 0.46 0.24 0.24 0.28 0.52 0.70 0.20 0.20 0.20 0.20 0.20 0.24 0.26 0.28 0.32 0.38 0.48 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.20 0.22 0.24 0.28 0.34 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.18 0.20 0.22 0.26 0.12 0.12 0.12 0.12 RESR 120 Hz () 0.37 0.14 0.10 0.08 0.06 1.45 0.68 0.17 0.05 0.04 1.77 0.80 0.56 0.39 0.27 0.14 0.10 0.08 0.06 0.05 0.04 3.12 2.12 1.42 0.97 0.64 0.45 0.31 0.21 0.12 0.09 0.07 0.05 0.05 3.95 1.86 1.24 0.84 0.56 0.40 0.27 0.19 0.11 0.08 0.06 0.05 4.83 2.34 0.72 0.48 IR 120 Hz/85 C (mA) 581 1286 1736 2129 2629 218 366 1051 3284 3843 198 359 476 600 796 1331 1686 2129 2577 3176 3656 144 181 246 327 431 550 754 942 1542 2194 2448 3114 3544 131 220 318 386 549 740 947 1306 2032 2502 2905 3408 123 203 501 672 WEIGHT (g) 1.20 2.80 4.10 5.60 7.50 0.45 0.48 2.30 10.5 16.0 0.45 0.48 1.20 1.20 1.85 2.80 4.10 5.60 7.50 9.50 13.0 0.45 0.45 0.48 0.48 1.20 1.85 2.30 2.30 4.10 7.50 7.50 12.0 16.0 0.45 0.48 1.20 1.20 1.85 2.30 2.80 4.10 7.50 9.50 10.5 16.0 0.45 0.48 1.85 2.30 CATALOG NUMBER (LONG LEADS) MALREKA00PB410B00K MALREKA00DE433B00K MALREKA00FE447B00K MALREKA00FG468B00K MALREKA00JG510B00K MALREKA00AA322C00K MALREKA00BA347C00K MALREKA00DD422C00K MALREKA00JL515C00K MALREKA00KK522C00K MALREKA00AA315D00K MALREKA00BA333D00K MALREKA00PB347D00K MALREKA00PB368D00K MALREKA00DC410D00K MALREKA00DE422D00K MALREKA00FE433D00K MALREKA00FG447D00K MALREKA00JG468D00K MALREKA00JS510D00K MALREKA00KL515D00K MALREKA00AA268E00K MALREKA00AA310E00K MALREKA00BA315E00K MALREKA00BA322E00K MALREKA00PB333E00K MALREKA00DC347E00K MALREKA00DD368E00K MALREKA00DD410E00K MALREKA00FE422E00K MALREKA00JG433E00K MALREKA00JG447E00K MALREKA00KS468E00K MALREKA00KK510E00K MALREKA00AA247F00K MALREKA00BA310F00K MALREKA00PB315F00K MALREKA00PB322F00K MALREKA00DC333F00K MALREKA00DD347F00K MALREKA00DE368F00K MALREKA00FE410F00K MALREKA00JG422F00K MALREKA00JS433F00K MALREKA00JL447F00K MALREKA00KK468F00K MALREKA00AA233H00K MALREKA00BA268H00K MALREKA00DC322H00K MALREKA00DD333H00K Document Number: 25014 Revision: 24-Jun-08
6.3
10
16
25
35
50
www.vishay.com 294
For technical questions, contact: aluminumcaps1@vishay.com
EKA
Aluminum Capacitors Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 470 680 1000 2200 3300 4700 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 2200 3300 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 3.3 4.7 6.8 15 22 NOMINAL CASE SIZE ODxL (mm) 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 18 x 31.5 18 x 40 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 18 x 31.5 18 x 40 5 x 11 5 x 11 5 x 11 5 x 11 `5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 31.5 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 tan 120 Hz 0.12 0.12 0.12 0.16 0.18 0.20 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.14 0.16 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.15 0.15 0.15 0.15 0.15 RESR 120 Hz () 0.34 0.23 0.16 0.10 0.07 0.06 133 88.5 60.3 40.2 28.2 19.5 13.3 8.85 6.03 4.02 2.82 1.95 1.33 0.88 0.60 0.40 0.28 0.20 0.13 0.08 0.06 106 70.8 48.3 32.2 22.6 15.6 10.6 7.08 4.83 3.22 2.26 1.56 1.06 0.71 0.48 0.32 0.23 0.16 0.11 60.3 42.3 29.3 13.3 9.05 IR 120 Hz/85 C (mA) 875 1235 1633 2220 2765 3272 23 28 34 42 50 60 72 89 108 151 181 256 311 422 586 784 1098 1440 1937 2445 2987 23 28 34 42 50 60 76 89 124 178 222 293 388 528 737 1002 1328 1643 1965 45 53 76 131 156 WEIGHT (g) 2.80 4.10 5.60 9.50 12.0 16.0 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.48 0.48 1.20 1.20 1.85 2.30 2.80 4.10 5.60 7.50 12.0 16.0 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.48 0.48 1.20 1.20 1.85 2.30 2.80 4.10 5.60 7.50 9.50 12.0 0.48 0.48 1.20 1.85 1.85 CATALOG NUMBER (LONG LEADS) MALREKA00DE347H00K MALREKA00FE368H00K MALREKA00FG410H00K MALREKA00JS422H00K MALREKA00KS433H00K MALREKA00KK447H00K MALREKA00AA110J00K MALREKA00AA115J00K MALREKA00AA122J00K MALREKA00AA133J00K MALREKA00AA147J00K MALREKA00AA168J00K MALREKA00AA210J00K MALREKA00AA215J00K MALREKA00AA222J00K MALREKA00BA233J00K MALREKA00BA247J00K MALREKA00PB268J00K MALREKA00PB310J00K MALREKA00DC315J00K MALREKA00DD322J00K MALREKA00DE333J00K MALREKA00FE347J00K MALREKA00FG368J00K MALREKA00JG410J00K MALREKA00KS422J00K MALREKA00KK433J00K MALREKA00AA110L00K MALREKA00AA115L00K MALREKA00AA122L00K MALREKA00AA133L00K MALREKA00AA147L00K MALREKA00AA168L00K MALREKA00AA210L00K MALREKA00BA215L00K MALREKA00BA222L00K MALREKA00PB233L00K MALREKA00PB247L00K MALREKA00DC268L00K MALREKA00DD310L00K MALREKA00DE315L00K MALREKA00FE322L00K MALREKA00FG333L00K MALREKA00JG347L00K MALREKA00JS368L00K MALREKA00KS410L00K MALREKA00BA133M00K MALREKA00BA147M00K MALREKA00PB168M00K MALREKA00DC215M00K MALREKA00DC222M00K www.vishay.com 295
Vishay Roederstein
50
63
100
160
Document Number: 25014 Revision: 24-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
EKA
Vishay Roederstein
Aluminum Capacitors Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 33 68 100 150 220 330 470 10 47 68 150 220 330 3.3 4.7 6.8 15 22 33 47 68 100 150 220 4.7 10 15 47 68 100 6.8 10 22 33 47 68 100 150 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 NOMINAL CASE SIZE ODxL (mm) 10 x 16 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 35.5 18 x 40 8 x 11.5 10 x 20 12.5 x 25 16 x 25 18 x 31.5 18 x 35.5 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 16 10 x 20 12.5 x 20 16 x 20 16 x 25 16 x 31.5 18 x 35.5 8 x 11.5 10 x 12.5 10 x 20 16 x 20 16 x 25 18 x 31.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 40 tan 120 Hz 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 RESR 120 Hz () 6.03 2.93 1.99 1.33 0.90 0.60 0.42 19.9 4.23 2.93 1.33 0.90 0.60 60.3 42.3 29.3 13.3 9.05 6.03 4.23 2.93 1.99 1.33 0.90 56.5 26.5 17.7 5.65 3.90 2.65 39.0 26.5 12.1 8.04 5.65 3.90 2.65 1.77 265 177 121 80.4 56.5 39.0 26.5 17.7 12.1 8.04 5.65 3.90 2.65 IR 120 Hz/85 C (mA) 209 391 516 632 873 1152 1434 96 293 426 691 962 1206 48 57 76 143 170 247 319 425 564 726 988 66 107 156 353 465 592 87 115 218 296 387 488 667 863 26 32 33 50 72 86 115 164 217 294 384 503 546 WEIGHT (g) 2.30 4.10 5.60 5.70 7.50 10.5 16.0 1.20 2.80 5.60 7.50 12.0 13.0 0.48 0.48 1.20 2.30 2.30 2.80 4.10 5.70 7.50 9.50 13.0 1.20 1.85 2.80 5.70 7.50 12.0 1.85 2.30 4.10 5.60 7.50 9.50 13.0 16.0 1.20 1.20 1.20 1.20 1.85 2.30 2.80 4.10 5.60 7.50 9.50 10.5 16.0 CATALOG NUMBER (LONG LEADS) MALREKA00DD233M00K MALREKA00FE268M00K MALREKA00FG310M00K MALREKA00JE315M00K MALREKA00JG322M00K MALREKA00JL333M00K MALREKA00KK347M00K MALREKA00PB210S00K MALREKA00DE247S00K MALREKA00FG268S00K MALREKA00JG315S00K MALREKA00KS322S00K MALREKA00KL333S00K MALREKA00BA133N00K MALREKA00BA147N00K MALREKA00PB168N00K MALREKA00DD215N00K MALREKA00DD222N00K MALREKA00DE233N00K MALREKA00FE247N00K MALREKA00JE268N00K MALREKA00JG310N00K MALREKA00JS315N00K MALREKA00KL322N00K MALREKA00PB147O00K MALREKA00DC210O00K MALREKA00DE215O00K MALREKA00JE247O00K MALREKA00JG268O00K MALREKA00KS310O00K MALREKA00DC168X00K MALREKA00DD210X00K MALREKA00FE222X00K MALREKA00FG233X00K MALREKA00JG247X00K MALREKA00JS268X00K MALREKA00KL310X00K MALREKA00KK315X00K MALREKA00PB110P00K MALREKA00PB115P00K MALREKA00PB122P00K MALREKA00PB133P00K MALREKA00DC147P00K MALREKA00DD168P00K MALREKA00DE210P00K MALREKA00FE215P00K MALREKA00FG222P00K MALREKA00JG233P00K MALREKA00JS247P00K MALREKA00JL268P00K MALREKA00KK310P00K Document Number: 25014 Revision: 24-Jun-08
160
200
250
350
400
450
www.vishay.com 296
For technical questions, contact: aluminumcaps1@vishay.com
EKA
Aluminum Capacitors Radial Style
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO Z(T2)/Z(T1) T2/T1 - 25/+ 20 C - 40/+ 20 C 6.3 5 12 10 4 10 16 3 8 25 2 5 RATED VOLTAGE (V) 35 2 4 50 ~ 100 2 3 160 4 6 200 ~ 350 6 8 400 ~ 450 12 -
Vishay Roederstein
ADDITIONAL ELECTRICAL DATA
PARAMETER Current Leakage current (Test conditions: UR, 20 C) Resistance Equivalent series resistance (ESR) Calculated from tan max. and CR ESR = tan /2 f CR After 1 minute at UR After 2 minutes at UR After 5 minutes at UR IL1 0.03 x CR x UR IL2 0.01 x CR x UR IL5 0.02 x CR x UR or 4 A or 3 A or 15 A CONDITIONS VALUE
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 120 300 1000 10 000 IR MULTIPLIER FOR UR 100 V CR 47 F 0.75 1.00 1.35 1.55 2.00 CR = 68 to 680 F 0.80 1.00 1.25 1.35 1.50 CR 1000 F 0.85 1.00 1.10 1.15 1.15
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 120 300 1000 10 000 IR MULTIPLIER FOR UR 160 V to 450 V CR = 47 to 220 F 0.80 1.00 1.25 1.40 1.60 CR 330 F 0.90 1.00 1.10 1.13 1.15
TEST PROCEDURES AND REQUIREMENTS
TEST PROCEDURE (QUICK REFERENCE) Tamb = 85 C UR and IR applied After 2000 hours Tamb = 85 C No voltage applied After 1000 hours After test: UR to be applied for 30 minutes 24 to 48 hours before measurement REQUIREMENTS C/C: 20 % of initial value IL spec. limit tan 2 x spec. limit C/C: 20 % of initial value IL spec.limit tan 2 x spec. limit
Load life
Shelf life
Document Number: 25014 Revision: 24-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 297
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MALREKA00KK433J00K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X