|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
116 RLL Vishay BCcomponents Aluminum Capacitors Radial Long Life FEATURES * Polarized aluminum electrolytic capacitors, non-solid electrolyte * Radial leads, cylindrical aluminum case, all-insulated (light blue) * Natural pitch 2.5 mm and 5 mm * Charge and discharge proof * Miniaturized, high CV-product per unit volume * Long useful life: 2000 h at 105 C, high reliability * Lead (Pb)-free versions are RoHS compliant higher CV-values 036 RSP 85 C 116 RLL 105 C RoHS COMPLIANT Fig.1 Component outline 048 RML miniaturized 148 RUS APPLICATIONS * Automotive, telecommunication, industrial and EDP * Stand-by applications in audio and video equipment * Coupling, decoupling, timing; smoothing, filtering and buffering in dc-to-dc converters * Portable and mobile equipment (small size, low mass) VALUE 5 x 11 and 8.2 x 11 0.47 to 470 F 20 % 6.3 to 100 V - 55 to + 105 C 1500 hours 5000 hours 2000 hours 200 000 hours 1500 hours IEC 60384-4/EN130300 55/105/56 QUICK REFERENCE DATA DESCRIPTION Nominal Case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Endurance test at 85 C Useful life at 105 C Useful life at 40 C, 1.3 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 MARKING The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code in accordance with IEC 60062 * * * * Code indicating factory of origin Name of manufacturer Minus-sign on top to identify the negative terminal Series number (116) SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm) CR (F) 0.47 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 6.3 5 x 11 8.2 x 11 10 5 x 11 8.2 x 11 16 5 x 11 8.2 x 11 25 5 x 11 8.2 x 11 UR (V) 35 5 x 11 8.2 x 11 40 5 x 11 8.2 x 11 50 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 63 8.2 x 11 8.2 x 11 100 8.2 x 11 8.2 x 11 www.vishay.com 113 Document Number: 28316 Revision: 14-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com 116 RLL Vishay BCcomponents Aluminum Capacitors Radial Long Life DIMENSIONS in millimeters AND AVAILABLE FORMS OD L + 15 min F Od 5 min Case O D x L = 5 x 11 and 8.2 x 11 mm Pitch F = 5 mm Fig.2 Form CA: Long leads OD Fig.3 Form TFA: Taped in box (ammopack) L +1 40 + Od 5 0.5 Case O D x L = 5 x 11 mm only Pitch F = 2.5 mm Case O D x L = 8.2 x 11 mm only Fig.4 Form CB: Cut leads Fig.5 Form TNA: Taped in box (ammopack) Table 1 DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES NOMINAL CASE SIZE ODxL 5 x 11 8.2 x 11 Note Tape dimension see section `PACKAGING'. CASE CODE 11 13 PACKAGING QUANTITIES OD O Dmax. 5.5 8.7 Lmax. 12 12 F MASS (g) 0.4 1.1 FORM CA, CB 1000 1000 FORM TFA, TNA 2000 1000 0.5 0.6 2.5 0.5 5.0 0.5 www.vishay.com 114 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28316 Revision: 14-Oct-08 116 RLL Aluminum Capacitors Radial Long Life ELECTRICAL DATA SYMBOL CR IR IL1 tan Z Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 kHz, 105 C max. leakage current after 1 minutes at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz and 20 C Vishay BCcomponents ORDERING EXAMPLE Electrolytic capacitor 116 series 220 F/16 V; 20 % Nominal case size: O 8.2 x 11 mm; Form TFA Ordering code: MAL211635221E3 Former 12NC: 2222 116 35221 ELECTRICAL DATA AND ORDERING INFORMATION CR UR 100 Hz (V) (F) 150 470 100 330 68 220 47 150 33 100 33 100 0.47 1.0 1.5 2.2 3.3 4.7 6.8 50 10 10 15 22 22 33 47 68 63 10 22 2.2 100 4.7 10 NOMINAL IR IL1 CASE Z tan 100 kHz SIZE 100 kHz 1 min 100 Hz 105 C ODxL () (A) (mA) (mm) 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 130 300 130 280 130 280 120 260 110 240 110 240 30 40 50 60 65 70 75 80 160 90 110 190 190 210 240 160 190 60 75 100 8.7 21 9 23 9.5 24 10 26 9.9 24 10.9 27 3.1 3.3 3.5 3.7 4 4.4 5 6 6 7.5 9.6 9.6 13 17 23 7 11 4.3 5.8 9 0.25 0.25 0.2 0.2 0.16 0.16 0.14 0.14 0.12 0.12 0.12 0.12 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.05 0.09 0.09 0.06 0.09 0.09 0.09 0.06 0.06 0.06 0.07 0.08 1.3 0.45 1.4 0.45 1.5 0.5 1.6 0.5 1.7 0.55 1.7 0.55 10 6 4 3.5 3.1 2.8 2.5 2.2 1.0 2.0 1.9 0.9 0.77 0.65 0.55 1.3 0.9 4 3.5 3 ORDERING CODE MAL2116 ..... BULK PACKAGING LONG LEADS FORM CA 53151E3 53471E3 54101E3 54331E3 55689E3 55221E3 56479E3 56151E3 50339E3 50101E3 57339E3 57101E3 51477E3 51108E3 51158E3 51228E3 51338E3 51478E3 51688E3 51109E3 90084E3 51159E3 51229E3 90025E3 51339E3 51479E3 51689E3 58109E3 58229E3 59228E3 59478E3 59109E3 F (mm) 2.5 5.0 2.5 5.0 2.5 5.0 2.5 5.0 2.5 5.0 2.5 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 5.0 2.5 2.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 CUT LEADS FORM CB 63471E3 64331E3 65221E3 66151E3 60101E3 67101E3 90085E3 90086E3 61339E3 61479E3 61689E3 68109E3 68229E3 69228E3 69478E3 69109E3 F (mm) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 TAPED AMMOPACK FORM TFA 33151E3 33471E3 34101E3 34331E3 35689E3 35221E3 36479E3 36151E3 30339E3 30101E3 37339E3 37101E3 31477E3 31108E3 31158E3 31228E3 31338E3 31478E3 31688E3 31109E3 90036E3 31159E3 31229E3 90039E3 31339E3 31479E3 31689E3 38109E3 38229E3 39228E3 39478E3 39109E3 F (mm) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 FORM TNA 73151E3 74101E3 75689E3 76479E3 70339E3 77339E3 71477E3 71108E3 71158E3 71228E3 71338E3 71478E3 71688E3 71109E3 71159E3 71229E3 F (mm) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 - 6.3 10 16 25 35 40 Document Number: 28316 Revision: 14-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 115 116 RLL Vishay BCcomponents Aluminum Capacitors Radial Long Life ADDITIONAL ELECTRICAL DATA PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) Case O D x L = 5 x 11 mm Case O D x L = 8.2 x 11 mm Calculated from tan max. and CR (see Table 2) typ. 13 nH typ. 16 nH ESR = tan /2 f CR After 1 minutes at UR After 5 minutes at UR CONDITIONS Us 1.3 UR Urev 1 V IL1 0.006 CR x UR + 3 A IL5 0.001 CR x UR + 3 A VALUE CAPACITANCE (C) 1 1.1 C C0 1.0 0.9 0.8 0.7 0.6 1 4 2 3 4 C C0 0.9 1.0 7 1 1 2 3 4 5 3 2 Curve 1: 6.3 V Curve 2: 10 V, 16 V Curve 3: 35 V, 40 V, 63 V, 100 V Curve 4: 50 V - 40 - 20 0 20 40 60 80 100 120 Curve 1: 50 V ( 2.2 F) 0.8 Curve 2: 50 V (> 2.2 F) Curve 3: 50 V ( 15 F) Curve 4: 35 V, 40 V, 63 V, 100 V Curve 5: 25 V 0.7 Curve 6: 16 V Curve 7: 6.3 V, 10 V 10 10 2 10 3 6 7 10 4 f (Hz) 10 5 Tamb (C) - 60 Tamb (C) C0 = Capacitance at 20 C, 100 Hz C0 = Capacitance at 20 C, 100 Hz Fig.6 Typical multiplier of capacitance as a function of ambient temperature Fig.7 Typical multiplier of capacitance as a function of ambient frequency IMPEDANCE (Z) 103 103 Z () 102 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Curve 1: 0.47 F Curve 2: 1.0 F Curve 3: 1.5 F Curve 4: 2.2 F Curve 5: 3.3 F Curve 6: 4.7 F Curve 7: 6.8 F Curve 8: 10 F Curve 9: 15 F Curve 10: 22 F Z () 102 5 6 7 8 9 10 11 12 13 10 Curve 1: 2.2 F Curve 2: 4.7 F Curve 3: 10 F, 100 V Curve 4: 10 F, 50 V Curve 5: 22 F, 50 V Curve 6: 33 F Curve 7: 47 F Curve 8: 68 F Curve 9: 100 F 1 2 3 4 10 1 1 10-1 102 103 104 105 6 f (Hz) 10 Tamb (C) 102 103 104 105 f (Hz) 106 Tamb (C) Case O D x L = 5 x 11 mm Case O D x L = 8.2 x 11 mm Fig.8 Typical impedance as a function of frequency www.vishay.com 116 Fig.9 Typical impedance as a function of frequency Document Number: 28316 Revision: 14-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com 116 RLL Aluminum Capacitors Radial Long Life RIPPLE CURRENT AND USEFUL LIFE 3.8 IA IR 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 lifetime multiplier 2.6 0 1. MEA240 Vishay BCcomponents 2.4 5 1. 2.2 0 3. 0 4. 0 2. 2.0 0 6. 1.8 12 0 8. 1.6 20 IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 105 C (1) = useful life at 105 C and IR applied: 2000 h 1.4 1.2 1.0 0.8 0.5 0.0 30 60 0 10 0 15 0 20 1) 40 50 60 70 80 90 100 110 Tamb (C) Fig.10 Multiplier of useful life as a function of ambient temperature and ripple current load Table 3 MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY FREQUENCY (Hz) 50 100 300 1000 3000 10 to 100 k Table 4 UR = 6.3 to 10 V 0.70 0.77 0.86 0.92 0.96 1.00 IR MULTIPLIER UR = 16 to 35 V 0.60 0.71 0.85 0.93 0.96 1.00 UR = 40 to 100 V (CR 10 F) 0.50 0.63 0.78 0.88 0.94 1.00 TEST PROCEDURES AND REQUIREMENTS TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 105 C; UR applied; 1500 h REQUIREMENTS UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1% C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; 2000 h Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 1500 h after test: UR to be applied for 30 min, 24 to 48 h before measurement Document Number: 28316 Revision: 14-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 117 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of MAL211653151E3 |