Part Number Hot Search : 
LT1180AI D2107 SS320 2SC409 5KP33A 87340 AKD4554 LT111
Product Description
Full Text Search
 

To Download MAL210129473E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors Power High Ripple Current Screw Terminals
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, cylindrical aluminum case, insulated with a blue sleeve * Pressure relief in the sealing * Long useful life
ST STB
RoHS
COMPLIANT
Fig. 1 Component outline
APPLICATIONS
* Computer, telecom, medical, and industrial systems * Smoothing and filtering
VALUE
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C 101 102 35 x 60 to 90 x 220 220 F to 1 F 20 % 25 to 100 V 200 to 450 V - 40 to + 85 C 2000 h 10 000 h (D 50 mm) 10 000 h 15 000 h (D 65 mm) 400 000 h (D 50 mm) 400 000 h 600 000 h (D 65 mm) 500 h IEC 60384-4/EN130300 40/085/56
* Standard and switched mode power supplies
MARKING
The capacitors are marked with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * '-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 220 330 470 680 1000 1500 2200 3300 4700 5600 6800 www.vishay.com 168 UR (V) 25 40 63 35 x 60 35 x 60 35 x 80 100 35 x 60 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 200 35 x 60 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 80 50 x 105 65 x 105 65 x 105 76 x 105 250 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 350 35 x 60 35 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 146 76 x 146 385 35 x 60 35 x 80 50 x 80 50 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 400 35 x 60 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 146 76 x 146 450 35 x 60 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 146 76 x 146 76 x 220 90 x 146
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371 Revision: 31-Oct-08
101/102 PHR-ST
Aluminum Capacitors Vishay BCcomponents Power High Ripple Current Screw Terminals
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 10 000 15 000 22 000 33 000 47 000 68 000 100 000 150 000 220 000 330 000 470 000 680 000 1 000 000 UR (V) 25 35 x 60 35 x 60 35 x 80 50 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 146 76 x 220 90 x 220 40 35 x 60 35 x 60 35 x 80 35 x 80 50 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 63 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 65 x 105 76 x 146 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 100 50 x 80 50 x 105 50 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 200 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 250 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 350 76 x 220 90 x 146 90 x 220 385 400 450 90 x 220 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
Lt Safety Vent Thread M x S d1 A P B H
T
L lb
Mb D D
Fig. 2A: Standard M5 disc: screw terminal (ST) and screw terminal bolt nut (STB)
Lt Safety Vent Thread M x S d1 B P B H T D L lb D Mb
Fig. 2B: High current M6 disc: screw terminal (ST) and screw terminal bolt nut (STB)
Maximum permissible torque which may be applied to the termination screws: 2 Nm for M5; 2.5 Nm for M6 For accessories refer to datasheet "Mounting Accessories". The capacitors are delivered with screws and washers.
Document Number: 28371 Revision: 31-Oct-08
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com 169
101/102 PHR-ST
Vishay BCcomponents
Table 1
Aluminum Capacitors Power High Ripple Current Screw Terminals
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN 35 x 60 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 65 x 105 HC 76 x 105 76 x 105 HC 76 x 114 76 x 114 HC 76 x 146 76 x 146 HC 76 x 220 76 x 220 HC 90 x 146 HC 90 x 220 HC DRAWING L 1 Lt 1 D 1 P 0.3 T 0.2 H 0.3 B 0.3 d1 0.1 2A 2A 2A 2A 2A 2A 2B 2A 2B 2A 2B 2A 2B 2A 2B 2B 2B 63.3 81.3 68.7 86.7 35.3 35.3 35.3 51.0 51.0 65.0 65.0 76.4 76.4 76.4 76.4 76.4 76.4 76.4 76.4 89.4 89.4 12.8 12.8 12.8 22.2 22.2 28.5 28.5 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 7.0 7.0 7.0 7.1 7.1 7.0 5.5 7.0 5.5 7.0 5.5 7.0 5.5 7.0 5.5 7.9 7.9 4.6 4.6 4.6 4.8 4.8 4.6 3.5 4.6 3.5 4.6 3.5 4.6 3.5 4.6 3.5 0.0 0.0 11.0 11.0 11.0 11.0 11.0 11.9 18.0 11.7 18.3 11.7 18.3 11.7 18.3 11.7 18.3 13.0 13.0 7.9 7.9 7.9 7.9 7.9 7.9 13.0 7.9 13.0 7.9 13.0 7.9 13.0 7.9 13.0 13.0 13.0 M M5 M5 M5 M5 M5 M5 M6 M5 M6 M5 M6 M5 M6 M5 M6 M6 M6 S-0 9.5 9.5 9.5 9.5 9.5 9.5 8.5 9.5 8.5 9.5 8.5 9.5 8.5 9.5 8.5 Mb M8 M8 M8 M12 M12 M12 M12 M12 M12 M12 M12 M12 M12 M12 M12 lb 0.1 12.0 12.0 12.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 MASS PACKING (g) QTY 75 95 130 200 300 480 480 700 700 800 800 1000 1000 1500 1500 1300 2000 50 50 50 25 25 16 16 12 12 12 12 12 12 10 10 10 10
103.3 108.7 82.8 88.8
104.8 110.8 104.8 110.7 104.8 109.2 105.8 111.7 105.8 110.2 115.8 121.7 115.8 120.2 145.8 151.7 145.8 150.2 219.8 225.7 219.8 224.2 150.1 155.4 218.1 223.4
10.0 M12 10.0 M12
Notes * For bolt version holds: 1. L = L standard - 0.5 mm 2. Lt = Lt standard - 0.5 mm
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR Z Note 1. Unless otherwise specified, all electrical values in Tables 2 and 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. DESCRIPTION Rated capacitance at 100 Hz, tolerance 20 % Rated RMS ripple current at 100 Hz, 85 C Max. leakage current after 5 min at UR Max. equivalent series resistance at 100 Hz Max. impedance at 20 kHz
ORDERING EXAMPLE
Electrolytic capacitor 101 series 10 000 F/40 V; 20 % Nominal case size: O 35 x 60 mm; ST version, high post M5 disc Ordering code: MAL2 101 17103 E3 Former 12NC: 2222 101 17103
www.vishay.com 170
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371 Revision: 31-Oct-08
101/102 PHR-ST
Aluminum Capacitors Vishay BCcomponents Power High Ripple Current Screw Terminals
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 101 SERIES
CR 100 Hz (F) NOMINAL CASE SIZE ODxL (mm) 35 x 60 35 x 60 35 x 80 50 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 65 x 105 76 x 105 76 x 146 76 x 220 90 x 146 76 x 220 90 x 220 35 x 60 35 x 60 35 x 80 35 x 80 50 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 IR 100 Hz 85 C (A) 7.7 8.3 9.0 10.0 12.1 14.8 12.8 17.1 14.7 19.6 17.6 21.4 20.2 22.5 25.8 29.9 38.2 29.0 46.6 7.1 7.8 8.7 9.4 11.2 11.0 13.7 14.6 15.9 16.9 18.1 19.2 21.3 20.5 24.0 24.5 28.2 38.6 41.5 IL5 5 min. (mA) Z ESR max. max. 100 Hz 20 kHz (m) (m) 29 27 19 17 15 12 15 9 12 7 8 6 6 6 4 5 5 5 5 31 28 22 20 19 15 13 12 10 9 7 7 7 7 5 5 5 5 5 22 22 17 14 13 10 13 8 11 6 7 5 5 5 4 5 5 5 5 23 22 17 17 15 13 10 10 8 8 6 6 6 6 5 5 5 5 5 STANDARD HIGH POST M5 DISC ST ORDERING CODE MAL2101....... 16153E3 16223E3 16333E3 26333E3 16473E3 26473E3 16683E3 26683E3 16104E3 26104E3 16154E3 26154E3 16224E3 26224E3 26334E3 16474E3 16684E3 17103E3 17153E3 27153E3 17223E3 27223E3 17333E3 27333E3 17473E3 27473E3 17683E3 27683E3 17104E3 27104E3 17154E3 27154E3 27224E3 17334E3 ST BOLT NUT ORDERING CODE MAL2101....... 56153E3 56223E3 56333E3 66333E3 56473E3 66473E3 56683E3 66683E3 56104E3 66104E3 56154E3 66154E3 56224E3 66224E3 66334E3 56474E3 56684E3 57103E3 57153E3 67153E3 57223E3 67223E3 57333E3 67333E3 57473E3 67473E3 57683E3 67683E3 57104E3 67104E3 57154E3 67154E3 67224E3 57334E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2101....... 46104E3 36154E3 46154E3 36224E3 46224E3 46334E3 36474E3 46474E3 36684E3 46105E3 47683E3 37104E3 47104E3 37154E3 47154E3 47224E3 37334E3 47334E3 47474E3 ST BOLT NUT ORDERING CODE MAL2101....... 86104E3 76154E3 86154E3 76224E3 86224E3 86334E3 76474E3 86474E3 76684E3 86105E3 87683E3 77104E3 87104E3 77154E3 87154E3 87224E3 77334E3 87334E3 87474E3 www.vishay.com 171
UR (V)
15 000 22 000 33 000 33 000 47 000 47 000 68 000 68 000 100 000 25 100 000 150 000 150 000 220 000 220 000 330 000 470 000 470 000 680 000 1 000 000 10 000 15 000 15 000 22 000 22 000 33 000 33 000 47 000 47 000 40 68 000 68 000 100 000 100 000 150 000 150 000 220 000 330 000 330 000 470 000
0.75 1.10 1.65 1.65 2.35 2.35 3.40 3.40 5.00 5.00 7.50 7.50 11.0 11.0 16.5 23.5 23.5 34.0 50.0 0.80 1.20 1.20 1.76 1.76 2.64 2.64 3.76 3.76 5.44 5.44 8.0 8.0 12.0 12.0 17.6 26.4 26.4 37.6
Document Number: 28371 Revision: 31-Oct-08
For technical questions contact: aluminumcaps2@vishay.com
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors Power High Ripple Current Screw Terminals
ELECTRICAL DATA AND ORDERING INFORMATION FOR 101 SERIES
CR 100 Hz (F) NOMINAL CASE SIZE ODxL (mm) 35 x 60 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 35 x 60 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 IR 100 Hz 85 C (A) 5.9 6.6 7.3 8.1 8.8 9.7 12.1 11.1 14.3 12.9 16.5 15.6 18.6 20.0 21.9 23.4 22.2 27.0 36.5 42.9 5.2 6.0 6.6 7.3 7.9 8.8 10.9 10.5 13.1 12.3 14.8 17.4 19.0 20.7 22.4 25.6 31.2 41.5 49.1 IL5 5 min. (mA) Z ESR max. max. 100 Hz 20 kHz (m) (m) 42 38 30 27 22 19 16 19 12 14 9 10 8 7 6 5 6 5 5 5 50 42 35 31 26 23 19 21 14 16 11 9 8 7 6 6 5 5 5 25 25 19 19 14 14 11 15 9 12 6 8 6 6 5 5 5 5 5 5 29 27 21 20 16 15 12 15 9 12 8 6 6 5 5 5 5 5 5 STANDARD HIGH POST M5 DISC ST ORDERING CODE MAL2101....... 18472E3 18682E3 28682E3 18103E3 28103E3 18153E3 28153E3 18223E3 28223E3 18333E3 28333E3 18473E3 28473E3 18683E3 28683E3 28104E3 18154E3 18224E3 19222E3 19332E3 29332E3 19472E3 29472E3 19682E3 29682E3 19103E3 29103E3 19153E3 19223E3 29223E3 19333E3 29333E3 29473E3 19683E3 19104E3 ST BOLT NUT ORDERING CODE MAL2101....... 58472E3 58682E3 68682E3 58103E3 68103E3 58153E3 68153E3 58223E3 68223E3 58333E3 68333E3 58473E3 68473E3 58683E3 68683E3 68104E3 58154E3 58224E3 59222E3 59332E3 69332E3 59472E3 69472E3 59682E3 69682E3 59103E3 69103E3 59173E3 59223E3 69223E3 59333E3 69333E3 69473E3 59683E3 59104E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2101....... 48333E3 38473E3 48473E3 38683E3 48683E3 48104E3 38154E3 38224E3 48224E3 48334E3 39223E3 49223E3 39333E3 49333E3 49473E3 39683E3 39104E3 49104E3 49154E3 ST BOLT NUT ORDERING CODE MAL2101....... 88333E3 78473E3 88473E3 78683E3 88683E3 88104E3 78154E3 78224E3 88224E3 88334E3 79223E3 89223E3 79333E3 89333E3 89473E3 79683E3 79104E3 89104E3 89154E3
UR (V)
4700 6800 6800 10 000 10 000 15 000 15 000 22 000 22 000 63 33 000 33 000 47 000 47 000 68 000 68 000 100 000 150 000 220 000 220 000 330 000 2200 3300 3300 4700 4700 6800 6800 10 000 10 000 100 15 000 22 000 22 000 33 000 33 000 47 000 68 000 100 000 100 000 150 000 www.vishay.com 172
0.59 0.86 0.86 1.26 1.26 1.89 1.89 2.77 2.77 4.16 4.16 5.92 5.92 8.57 8.57 12.6 18.9 27.7 27.7 41.6 0.44 0.66 0.66 0.94 0.94 1.36 1.36 2.00 2.00 3.00 4.40 4.40 6.60 6.60 9.40 13.6 20.0 20.0 30.0
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371 Revision: 31-Oct-08
101/102 PHR-ST
Aluminum Capacitors Vishay BCcomponents Power High Ripple Current Screw Terminals
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 102 SERIES
UR (V) CR 100 Hz (F) 680 1000 1000 1500 1500 2200 3300 3300 4700 6800 6800 10 000 10 000 15 000 22 000 22 000 33 000 470 680 1000 1000 1500 1500 2200 2200 3300 3300 4700 4700 6800 6800 10 000 10 000 15 000 22 000 22 000 33 000 330 470 680 1000 1500 1500 2200 2200 3300 4700 4700 6800 10 000 10 000 15 000 NOMINAL CASE SIZE ODxL (mm) 35 x 60 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 80 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 35 x 60 35 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 IR Z ESR IL5 max. max. 100 Hz 5 min. 100 Hz 20 kHz 85 C (mA) (m) (m) (A) 3.5 4.4 4.7 5.5 6.2 8.0 8.9 9.9 12.5 15.2 16.9 19.9 20.4 24.1 29.5 34.1 41.7 3.1 3.8 4.4 4.8 5.4 7.0 8.0 8.7 9.8 11.4 13.8 15.3 18.1 18.6 19.3 22.0 23.3 29.1 35.3 43.2 2.5 3.1 3.8 5.6 6.5 7.0 8.0 9.3 11.4 15.0 15.4 18.3 23.2 25.1 31.2 0.27 0.40 0.40 0.60 0.60 0.88 1.32 1.32 1.88 2.72 2.72 4.00 4.00 6.00 8.8 8.8 13.2 0.24 0.34 0.50 0.50 0.75 0.75 1.10 1.10 1.65 1.65 2.35 2.35 3.40 3.40 5.00 5.00 7.5 11.0 11.0 16.5 0.23 0.33 0.48 0.70 1.05 1.05 1.54 1.54 2.31 3.29 3.29 4.76 7.0 7.0 10.5 207 144 140 100 106 67 50 46 37 25 25 18 18 12 9 8 6 250 175 128 122 90 81 60 57 42 42 29 29 21 21 17 15 12 9 7 5 435 308 216 145 102 99 72 72 48 34 34 24 15 15 10 136 95 91 67 74 44 35 32 26 18 18 13 13 9 7 6 5 152 107 82 76 58 50 39 35 28 28 19 19 14 14 12 10 10 7 5 5 305 216 152 102 74 70 52 52 35 25 25 18 12 12 8 HIGH POST M5 DISC ST ORDERING CODE MAL2102....... 12681E3 12102E3 22102E3 12152E3 22152E3 12222E3 12332E3 22332E3 22472E3 12682E3 22682E3 12103E3 22103E3 12153E3 12223E3 13471E3 13681E3 13102E3 23102E3 13152E3 23152E3 13222E3 23222E3 13332E3 23332E3 13472E3 23472E3 13682E3 23682E3 13103E3 23103E3 13153E3 13223E3 15331E3 25471E3 25681E3 25102E3 15152E3 25152E3 15222E3 25222E3 25332E3 15472E3 25472E3 25682E3 15103E3 ST BOLT NUT ORDERING CODE MAL2102....... 52681E3 52102E3 62102E3 52152E3 62152E3 52222E3 52332E3 62332E3 62472E3 52662E3 62662E3 52103E3 62103E3 52153E3 52223E3 53471E3 53681E3 53102E3 63102E3 53152E3 63152E3 53222E3 63222E3 53332E3 63332E3 53472E3 63472E3 53682E3 63682E3 53103E3 63103E3 53153E3 53223E3 55331E3 65471E3 65681E3 65102E3 55152E3 65152E3 55222E3 65222E3 65332E3 55472E3 65472E3 65682E3 55103E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2102....... 42472E3 32682E3 42682E3 32103E3 42103E3 32153E3 32223E3 42223E3 42333E3 43332E3 33472E3 43472E3 33682E3 43682E3 33103E3 43103E3 33153E3 33223E3 43223E3 43333E3 45222E3 45332E3 35472E3 45472E3 45682E3 35103E3 45103E3 45153E3 ST BOLT NUT ORDERING CODE MAL2102....... 82472E3 72682E3 82682E3 72103E3 82103E3 72153E3 72223E3 82223E3 82333E3 83332E3 73472E3 83472E3 73682E3 83682E3 73103E3 83103E3 73153E3 73223E3 83223E3 83333E3 85222E3 85332E3 75472E3 85472E3 85682E3 75103E3 85103E3 85153E3 www.vishay.com 173
200
250
350
Document Number: 28371 Revision: 31-Oct-08
For technical questions contact: aluminumcaps2@vishay.com
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors Power High Ripple Current Screw Terminals
ELECTRICAL DATA AND ORDERING INFORMATION FOR 102 SERIES
UR (V) CR 100 Hz (F) 220 330 470 680 1000 385 1500 2200 3300 4700 4700 6800 220 330 330 470 470 680 680 400 1000 1000 1500 2200 3300 3300 4700 4700 6800 10000 220 330 470 680 1000 1000 1500 1500 450 2200 2200 3300 3300 4700 5600 6800 6800 10 000 NOMINAL CASE SIZE ODxL (mm) 35 x 60 35 x 80 35 x 80 35 x 105 50 x 80 50 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 35 x 60 35 x 60 35 x 80 35 x 80 35 x 105 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 220 35 x 60 35 x 80 35 x 105 50 x 80 50 x 80 50 x 105 50 x 105 65 x 105 65 x 105 76 x 105 76 x 105 76 x 146 76 x 146 76 x 146 76 x 220 90 x 146 90 x 220 IR Z ESR IL5 max. max. 100 Hz 5 min. 100 Hz 20 kHz 85 C (mA) (m) (m) (A) 2.1 2.7 3.1 3.9 5.6 7.1 10.0 13.4 15.0 16.3 18.3 2.1 2.5 2.7 3.1 3.3 3.9 4.5 5.7 6.0 7.1 10.0 12.1 13.4 15.0 16.4 18.3 22.1 2.1 2.7 3.4 4.9 5.7 6.1 7.1 8.3 10.1 11.2 13.5 13.9 16.4 17.3 19.8 21.3 26.5 0.17 0.26 0.37 0.53 0.77 1.16 1.70 2.55 3.62 3.62 5.24 0.18 0.26 0.26 0.38 0.38 0.55 0.54 0.80 0.80 1.20 1.76 2.64 2.64 3.76 3.76 5.44 8.0 0.20 0.30 0.42 0.61 0.90 0.90 1.35 1.35 1.98 1.98 2.97 2.97 4.23 5.04 6.1 6.1 9.0 575 386 279 196 132 90 61 42 31 29 22 557 383 374 271 265 191 199 128 125 88 60 40 40 31 28 22 14 503 339 241 159 118 114 81 81 55 55 37 37 26 23 25 24 17 380 257 188 133 89 61 42 29 22 20 16 363 254 245 180 175 128 136 86 83 59 40 27 27 21 19 15 11 313 212 151 98 75 72 52 52 35 35 24 24 17 15 20 19 14 HIGH POST M5 DISC ST ORDERING CODE MAL2102....... 18221E3 18331E3 18471E3 18681E3 18102E3 18152E3 18222E3 18332E3 18472E3 28472E3 18682E3 16221E3 16331E3 26331E3 16471E3 26471E3 16681E3 26681E3 16102E3 26102E3 26152E3 26222E3 16332E3 26332E3 16472E3 26472E3 26682E3 16103E3 17221E3 27331E3 27471E3 27681E3 17102E3 27102E3 17152E3 27152E3 17222E3 27222E3 17332E3 27332E3 17472E3 17562E3 17682E3 ST BOLT NUT ORDERING CODE MAL2102....... 58221E3 58331E3 58471E3 58681E3 58102E3 58152E3 58222E3 58332E3 58472E3 68472E3 58682E3 56221E3 56331E3 66331E3 56471E3 66471E3 56681E3 66681E3 56102E3 66102E3 66152E3 66222E3 56332E3 66332E3 56472E3 66472E3 66682E3 56103E3 57221E3 67331E3 67471E3 67681E3 57102E3 67102E3 57152E3 67152E3 57222E3 67222E3 57332E3 67332E3 57472E3 57562E3 57682E3 HIGH CURRENT M6 DISC ST ORDERING CODE MAL2102....... 38222E3 38332E3 38472E3 48472E3 38682E3 46222E3 36332E3 46332E3 36472E3 46472E3 46682E3 36103E3 47152E3 37222E3 47222E3 37332E3 47332E3 37472E3 37562E3 37682E3 47682E3 47103E3 ST BOLT NUT ORDERING CODE MAL2102....... 78222E3 78332E3 78472E3 88472E3 78682E3 86222E3 76332E3 86332E3 76472E3 86472E3 86682E3 76103E3 87152E3 77222E3 87222E3 77332E3 87332E3 77472E3 77562E3 77682E3 87682E3 87103E3
www.vishay.com 174
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371 Revision: 31-Oct-08
101/102 PHR-ST
Aluminum Capacitors Vishay BCcomponents Power High Ripple Current Screw Terminals
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current in A Inductance Case O D = 35 mm Case O D = 50 mm Case O D = 65 mm Case O D = 76 mm Case O D = 90 mm Typ. 13 nH Typ. 16 nH Typ. 19 nH (1) Typ. 20 nH (1) Typ. 21 nH (1) After 1 min at UR After 5 min at UR CONDITIONS 250 V versions 350 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V IL1 0.006 CR x UR IL5 0.002 CR x UR VALUE
Equivalent series inductance (ESL)
Note (1) Low ESL designs available on request
RIPPLE CURRENT AND USEFUL LIFE
1.5
1.4
1.3
IR Forced IR Free
1.2
1.1
1 0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Air Velocity [m/s]
Fig. 3 Multiplier of ripple current (IR) as a function of air flow
MAXIMUM RIPPLE CURRENT
PARAMETER Ambient temperature (Tamb) Operating frequency (f) Air flow Note * Calculation example for 102 series. Maximum ripple current multiplier = 1.6 x 1.3 x 1.25 = 2.6 CONDITION 70 C 400 Hz 2 m/s MAXIMUM RIPPLE CURRENT MULTIPLIER From nomogram; see fig. 4 From frequency; table 4 From air-flow; see fig. 3 VALUE 1.6 1.3 1.25
Document Number: 28371 Revision: 31-Oct-08
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com 175
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors Power High Ripple Current Screw Terminals
CCC205-05
2.6
2.4
2.2
2.0
IA IR
1.8
1.6
1.4 lifetime multiplier 1.2 (1) 1.0
2.
4.
3.
1.
6.
20
40
30
10
0
0
0
5
0
1.
0.8 0.5 0.0 40 50 60 70 80
0
90
100
Tamb (C)
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 85 C
(1)
Useful life at 85 C and IR applied: 101 series: case O D 50: 10 000 h case O D 65: 15 000 h 102 series: 10 000 h
Fig. 4 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 10 000 IR MULTIPLIER 101 0.85 1.00 1.10 1.15 1.20 1.30 102 0.90 1.00 1.20 1.30 1.40 1.50
www.vishay.com 176
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371 Revision: 31-Oct-08
101/102 PHR-ST
Aluminum Capacitors Vishay BCcomponents Power High Ripple Current Screw Terminals
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 2000 hours REQUIREMENTS
UR 100 V; C/C: 15 % UR > 100 V; C/C: 10 % Tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit
Useful life
CECC 30301 subclause 1.8.1
Tamb = 85 C; UR and IR applied; 101 series: Case O D 50: 10 000 hours Case O D 65: 15 000 hours 102 series: 10 000 hours
UR 100 V; C/C: 45 % UR > 100 V; C/C: 30 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit No short or open circuit, No visible damage Total failure percentage: UR 100 V: 1 %; UR > 100 V: 3 %
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 85 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement
C/C: 10 % Tan 1.2 x spec. limit IL5 2 x spec. limit
Document Number: 28371 Revision: 31-Oct-08
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com 177
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL210129473E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X