Part Number Hot Search : 
N06LG 005000 1SS35 BFP420F VN2460 ADG143 T37118 N06LG
Product Description
Full Text Search
 

To Download MAL209060103E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 090 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve * Low ESR, high ripple current capability * Long useful life: up to 5000 hours at 105 C * Keyed polarity version available
Fig.1 Component outlines
RoHS
COMPLIANT
APPLICATIONS
158 PUL-SI
miniaturized
090 PUL-SI
85 C
156 PUM-SI
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range (E6/E12 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, 1.9 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 22 x 25 to 35 x 40 560 F to 47 000 F 20 % 25 V to 100 V - 40 C to + 105 C 2000 hours 5000 hours 125 000 hours 500 hours IEC 60384-4/EN130300 40/105/56
* General purpose, industrial, telecom and audio/video systems * Smoothing and filtering * Standard and switched mode power supplies * Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 560 680 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10 000 UR (V) 16 22 x 25 22 x 30 25 22 x 25 22 x 30 25 x 30 25 x 40 35 22 x 30 25 x 30 25 x 40 30 x 30 40 22 x 25 22 x 30 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 50 22 x 25 22 x 30 25 x 30 25 x 30 25 x 40 25 x 40 30 x 30 30 x 35 30 x 40 63 22 x 25 22 x 30 25 x 30 25 x 40 25 x 40 30 x 30 30 x 30 30 x 35 30 x 35 30 x 40 35 x 40 80 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 100 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 www.vishay.com 1
Document Number: 28387 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
090 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 UR (V) 16 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 30 x 40 35 x 40 25 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 35 30 x 40 35 x 40 40 35 x 40 35 x 40 50 63 80 100 -
DIMENSIONS in millimeters AND AVAILABLE FORMS TWO TERMINAL SNAP-IN
OD
+ TERMINAL
L
L + 2 max.
- TERMINAL
10 0.1
Bottom view +0 5.8 - 1 mm
The minus terminal can be marked with a black dot or with an imprinted `-' sign. Fig.2 Two terminal snap-in
O 2 0.1 (2 x)
Fig.3 Mounting hole diagram
THREE TERMINAL SNAP-IN
OD
O 2 0.1 (2 x) O 2.5 0.1
TERMINAL L TERMINAL minus pole marking Bottom view
L + 2 max.
3.3 0.1
4 0.5
10 0.1
4.75 0.1
The negative terminal has TWO pins which are BOTH electrically connected.
The 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. The third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability. Fig.5 Mounting hole diagram
Fig.4 Three terminal snap-in
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28387 Revision: 18-Aug-08
090 PUL-SI
Aluminum Capacitors Power Ultra Long Life Snap-In
Table 1
Vishay BCcomponents
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 O Dmax. 23 23 26 26 31 31 31 36 Lmax. 27 32 32 42 32 37 42 42 MASS (g) 12 16 22 27 30 35 40 55 PACKAGING QUANTITIES (units per box) 100 100 100 100 100 100 100 50 CARDBOARD BOX DIMENSIONS LxWxH (mm) 260 x 250 x 39 260 x 250 x 44 290 x 280 x 44 290 x 280 x 54 340 x 330 x 44 340 x 330 x 49 340 x 330 x 54 390 x 198 x 54
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR Z DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz or 10 kHz, 105 C max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz (1) max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 090 series 3300 F/80 V; 20 % Nominal case size: O 30 x 40 mm 2-terminal snap-in: Ordering code: MAL2 090 32332 E3 Former 12NC: 2222 090 32332 3-terminal snap-in: Ordering code: MAL2 090 72332 E3 Former 12NC: 2222 090 72332
Notes (1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz * Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 2 AND 3 TERMINAL SNAP-IN VERSIONS
UR (V) CR 100 Hz (F) 6800 10 000 15 000 22 000 22 000 27 000 33 000 47 000 4700 6800 8200 10 000 12 000 12 000 15 000 15 000 22 000 4700 6800 10 000 10 000 15 000 22 000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 22 x 25 22 x 30 25 x 30 25 x 40 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 22 x 30 25 x 30 25 x 40 30 x 30 30 x 40 35 x 40 IR 100 Hz 105 C (A) 2.8 3.4 3.6 4.5 3.7 4.2 4.7 4.8 2.6 3.2 3.4 4.3 4.3 3.7 4.2 4.8 5.1 2.8 3.0 3.9 3.2 4.1 4.2 IR 10 kHz 105 C (A) 3.3 4.0 4.3 5.5 4.5 5.1 5.6 5.8 3.1 3.8 4.1 5.1 5.2 4.5 5.1 5.7 6.1 3.4 3.6 4.7 3.9 4.9 5.0 IL5 5 min (mA) 222 324 484 708 708 868 1060 1508 236 341 411 501 601 601 751 751 1101 330 477 701 701 1051 1541 MAX. ESR 100 Hz (1) (m) 82 59 53 38 54 45 39 43 89 65 60 46 43 56 46 40 40 78 70 49 70 49 55 MAX. Z 10 kHz (m) 66 48 44 33 43 36 32 32 66 49 46 35 34 44 36 33 31 53 50 36 49 35 35 ORDERING CODE MAL2090....... 2-TERM. SI 15682E3 15103E3 25153E3 25223E3 35223E3 35273E3 35333E3 45473E3 16472E3 16682E3 26822E3 26103E3 26123E3 36123E3 16153E3 36153E3 46223E3 10472E3 20682E3 20103E3 30103E3 30153E3 40223E3 3-TERM. SI 55682E3 55103E3 65153E3 65223E3 75223E3 75273E3 75333E3 85473E3 56472E3 56682E3 66822E3 66103E3 66123E3 76123E3 56153E3 76153E3 86223E3 50472E3 60682E3 60103E3 70103E3 70153E3 80223E3 www.vishay.com 3
16
25
35
Document Number: 28387 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
090 PUL-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Long Life Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION FOR 2 AND 3 TERMINAL SNAP-IN VERSIONS
UR (V) CR 100 Hz (F) 3300 3900 4700 5600 40 6800 8200 10 000 10 000 15 000 18 000 2200 3300 3900 4700 50 4700 5600 6800 8200 10 000 15 000 1500 2200 2700 3300 3900 63 3900 4700 4700 5600 6800 8200 820 1000 1500 80 2200 2200 2700 3300 4700 560 680 1000 100 1500 1500 1800 2200 3300 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 35 x 40 22 x 25 22 x 30 25 x 30 25 x 30 25 x 40 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 22 x 25 22 x 30 25 x 30 25 x 40 25 x 40 30 x 30 30 x 30 30 x 35 30 x 35 30 x 40 35 x 40 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 22 x 25 22 x 30 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 IR 100 Hz 105 C (A) 2.4 2.9 2.9 3.1 3.9 3.3 3.8 4.3 4.5 4.3 2.1 2.6 2.8 2.9 3.6 3.6 3.1 3.5 4.0 4.0 2.1 2.6 2.8 3.5 3.6 3.1 3.1 3.6 3.5 4.0 4.3 1.5 1.8 2.1 2.8 2.5 2.8 3.2 3.4 1.4 1.6 1.9 2.5 2.3 2.6 3.0 3.2 IR 10 kHz 105 C (A) 2.9 3.4 3.5 3.7 4.7 3.9 4.5 5.1 5.4 5.1 2.6 3.2 3.4 3.5 4.3 4.4 3.7 4.2 4.7 4.9 2.5 3.1 3.4 4.2 4.3 3.8 3.7 4.3 4.2 4.7 5.1 1.8 2.1 2.6 3.3 3.0 3.4 3.8 4.1 1.6 1.9 2.3 3.1 2.7 3.2 3.6 3.8 IL5 5 min (mA) 265 313 377 449 545 657 801 801 1201 1441 221 331 391 471 471 561 681 821 1001 1501 190 279 342 417 493 493 594 594 707 858 1035 133 161 241 353 353 433 529 753 113 137 201 301 301 361 441 661 MAX. ESR 100 Hz (1) (m) 99 76 71 69 51 69 56 48 50 54 145 101 93 85 71 66 83 68 58 63 161 114 101 79 71 89 88 74 71 61 61 244 196 145 101 119 98 81 75 269 216 163 111 130 108 90 81 MAX. Z 10 kHz (m) 70 54 51 50 38 49 41 36 35 35 106 76 71 70 55 51 65 54 46 45 126 90 81 63 58 74 71 61 59 51 50 184 146 113 79 96 79 66 63 184 146 114 79 98 80 68 64 ORDERING CODE MAL2090....... 2-TERM. SI 17332E3 17392E3 17472E3 27562E3 27682E3 37822E3 17103E3 37103E3 47153E3 47183E3 11222E3 11332E3 21392E3 31472E3 21472E3 21562E3 31682E3 31822E3 31103E3 41153E3 18152E3 18222E3 28272E3 28332E3 28392E3 38392E3 18472E3 38472E3 38562E3 38682E3 48822E3 12821E3 12102E3 22152E3 22222E3 32222E3 32272E3 32332E3 42472E3 19561E3 19681E3 29102E3 29152E3 39152E3 39182E3 39222E3 49332E3 3-TERM. SI 57332E3 57392E3 57472E3 67562E3 67682E3 77822E3 57103E3 77103E3 87153E3 87183E3 51222E3 51332E3 61392E3 71472E3 61472E3 61562E3 71682E3 71822E3 71103E3 81153E3 58152E3 58222E3 68272E3 68332E3 68392E3 78392E3 58472E3 78472E3 78562E3 78682E3 88822E3 52821E3 52102E3 62152E3 62222E3 72222E3 72272E3 72332E3 82472E3 59561E3 59681E3 69102E3 69152E3 79152E3 79182E3 79222E3 89332E3
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28387 Revision: 18-Aug-08
090 PUL-SI
Aluminum Capacitors Power Ultra Long Life Snap-In
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes typ. 19 nH max. 25 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A Us = 1.15 x UR Urev 1 V CONDITIONS VALUE
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
MGA 454
2.7 IA IR 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9
12 1. 5 1. 2
life multiplier
1.8 1.7 1.6
7 5
5 2. 3 4
1.5 1.4 1.3
10 15 20 30 40 60 0 10 0 15 0 20 0 30 0 40 0 60
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 105 C (1) Useful life at 105 C and I applied: 5000 hours R
1.2 1.1 1.0 0.8 0.5 0.0 40
(1)
50
60
70
80
90
100
110
Tamb (C)
Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load
Document Number: 28387 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 5
090 PUL-SI
Vishay BCcomponents
Table 3
Aluminum Capacitors Power Ultra Long Life Snap-In
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (HZ) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 25 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (QUICK REFERENCE) Tamb = 105 C; UR applied; 2000 hours REQUIREMENTS C/C: 15 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; 5000 hours C/C: 20 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: UR: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 15 % ESR 1.5 x spec. limit IL5 2 x spec. limit
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28387 Revision: 18-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL209060103E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X