Part Number Hot Search : 
MHW8247A AS2023 AS2023 F9520 5835NL 0015453 F2012 KSMB840
Product Description
Full Text Search
 

To Download MAL203659109E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 036 RSP
Vishay BCcomponents
Aluminum Capacitors Radial Semi-Professional
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Radial leads, cylindrical aluminum case, all-insulated (light blue) * Natural pitch 2.5 mm and 5 mm * Charge and discharge proof * Miniaturized, high CV-product per unit volume * Reduced leakage current * Lead (Pb)-free versions are RoHS compliant
116 RLL
RoHS
COMPLIANT
Fig.1 Component outline
148 RUS higher CV- values 031 RLC low leakage current 036 RSP miniaturized longer life
APPLICATIONS
* Automotive, telecommunication, industrial, EDP and audio-video * Coupling, decoupling, smoothing, filtering, buffering, timing * Portable and mobile equipment (small size, low mass)
038 RSU
QUICK REFERENCE DATA
DESCRIPTION VALUE Nominal case sizes (O D x L in mm) 5 x 11 and 8.2 x 11 0.47 to 470 F Rated capacitance range, CR 20 %; 10 % on request Tolerance on CR 6.3 to 160 V Rated voltage range, UR Category temperature range - 55 to + 85 C Endurance test at 85 C 2000 hours Useful life at 105 C 750 hours Useful life at 85 C 3000 hours 80 000 hours Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C 500 hours Based on sectional specification IEC 60384-4/EN130 300 Climatic category IEC 60068 55/085/56
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Minus-sign on top to identify the negative terminal * Series number (036)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 0.47 1.0 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 UR (V) 6.3 5 x 11 8.2 x 11 10 5 x 11 5 x 11 8.2 x 11 8.2 x 11 16 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 25 5 x 11 8.2 x 11 8.2 x 11 35 5 x 11 5 x 11 8.2 x 11 40 5 x 11 8.2 x 11 50 5 x 11 5 x 11 8.2 x 11 8.2 x 11 63 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 100 8.2 x 11 8.2 x 11 160 8.2 x 11 8.2 x 11 -
Document Number: 28312 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 101
036 RSP
Vishay BCcomponents
Aluminum Capacitors Radial Semi-Professional
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD
OD
L L
+
+ 15 min. Od 4+1 0
F
Od
5 min. 5 0.5
Case O D x L = 8.2 x 11 mm only Fig.2 Form CA: Long leads Fig.3 Form CB: Cut leads
Pitch F = 5 mm Case O D x L = 5 x 11 and 8.2 x 11 mm Fig.4 Form TFA: Taped in box (AMMOPACK)
Pitch F = 2.5 mm Case O D x L = 5 x 11 mm only Fig.5 Form TNA: Taped in box (AMMOPACK)
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL PACKAGING QUANTITIES CASE CODE Od O Dmax. Lmax. F MASS (g) FORM CA, CB 1000 1000 FORM TFA, TNA 2000 1000
5 x 11 8.2 x 11 Note
11 13
0.5 0.6
5.5 8.7
12 12
2.5 0.5 5.0 0.5
0.4 1.1
1. Tape dimensions see section `PACKAGING'
www.vishay.com 102
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28312 Revision: 15-Oct-08
036 RSP
Aluminum Capacitors Radial Semi-Professional
ELECTRICAL DATA
SYMBOL DESCRIPTION Rated capacitance at 100 Hz, tolerance 20 % CR Rated RMS ripple current at 100 Hz, 85 C IR Max. leakage current after 1 minute at UR IL1 tan Max. dissipation factor at 100 Hz Z Max. impedance at 10 kHz and 20 C Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75% Table 2
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 036 series 100 F/16 V; 20 % Nominal case size: O 5 x 11 mm; Form TFA Ordering code: MAL203635101E3 Former 12NC: 2222 036 35101
ELECTRICAL DATA AND ORDERING INFORMATION
ORDERING CODE MAL2036....... UR (V) CR 100 Hz (F) 100 330 47 150 220 470 33 100 150 220 330 68 100 220 22 47 150 15 68 10 33 47 100 0.47 1.0 2.2 3.3 4.7 6.8 10 10 15 22 22 33 47 68 10 22 2.2 4.7 IR NOMINAL CASE SIZE 100 Hz ODxL 85 C (mm) (mA) 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 5 x 11 8.2 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 8.2 x 11 5 x 11 5 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 8.2 x 11 130 300 95 150 260 400 90 160 230 280 390 140 210 310 87 130 270 72 180 60 110 160 250 5 11 25 38 45 55 70 120 80 100 150 160 190 210 80 110 45 62 IL1 1 min (A) 7 16 6 12 17 31 7 13 18 24 35 13 18 36 8 13 35 7 20 6 13 18 33 4 4 4 5 5 6 7 7 9 11 11 16 21 29 9 16 75 115 tan 100 Hz Z 10 kHz () 1.7 0.52 2.8 1.3 0.59 0.43 2.7 1.6 0.6 0.55 0.48 1.8 0.7 0.55 2.7 1.9 0.6 3.7 0.81 4.5 2.1 0.96 0.7 85 40 18 12 8.5 5.9 4.0 2.8 3.1 2.7 1.4 1.2 1.0 0.88 3.5 1.8 14 9.6 BULK PACKAGING LONG LEADS CUT LEADS TAPED AMMOPACK
6.3
10
16
25
35 40
50
63
100 160
0.20 0.20 0.16 0.20 0.16 0.20 0.14 0.16 0.14 0.16 0.16 0.14 0.12 0.14 0.10 0.12 0.12 0.10 0.10 0.08 0.10 0.08 0.10 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.04 0.07 0.08 0.05 0.06 0.07 0.08 0.06 0.06 0.05 0.07
FORM F FORM F FORM F FORM F CA (mm) CB (mm) TFA (mm) TNA (mm) 53101E3 2.5 33101E3 5.0 73101E3 2.5 53331E3 5.0 63331E3 5.0 33331E3 5.0 54479E3 2.5 34479E3 5.0 74479E3 2.5 54151E3 2.5 34151E3 5.0 74151E3 2.5 54221E3 5.0 64221E3 5.0 34221E3 5.0 54471E3 5.0 64471E3 5.0 34471E3 5.0 55339E3 2.5 35339E3 5.0 75339E3 2.5 55101E3 2.5 35101E3 5.0 75101E3 2.5 55151E3 5.0 65151E3 5.0 35151E3 5.0 55221E3 5.0 65221E3 5.0 35221E3 5.0 55331E3 5.0 65331E3 5.0 35331E3 5.0 56689E3 2.5 36689E3 5.0 76689E3 2.5 56101E3 5.0 66101E3 5.0 36101E3 5.0 56221E3 5.0 66221E3 5.0 36221E3 5.0 90001E3 2.5 90027E3 5.0 90389E3 2.5 90094E3 2.5 90098E3 5.0 90391E3 2.5 90099E3 5.0 90101E3 5.0 90103E3 5.0 57159E3 2.5 37159E3 5.0 77159E3 2.5 57689E3 5.0 67689E3 5.0 37689E3 5.0 90004E3 2.5 90028E3 5.0 90392E3 2.5 90104E3 2.5 90108E3 5.0 90393E3 2.5 90011E3 5.0 90012E3 5.0 90031E3 5.0 90109E3 5.0 90111E3 5.0 90113E3 5.0 58477E3 2.5 38477E3 5.0 78477E3 2.5 58108E3 2.5 38108E3 5.0 78108E3 2.5 58228E3 2.5 38228E3 5.0 78228E3 2.5 58338E3 2.5 38338E3 5.0 78338E3 2.5 58478E3 2.5 38478E3 5.0 78478E3 2.5 58688E3 2.5 38688E3 5.0 78688E3 2.5 58109E3 2.5 38109E3 5.0 78109E3 2.5 90036E3 5.0 90041E3 5.0 90181E3 5.0 58159E3 2.5 38159E3 5.0 78159E3 2.5 58229E3 2.5 38229E3 5.0 78229E3 2.5 90117E3 5.0 90118E3 5.0 90139E3 5.0 58339E3 5.0 68339E3 5.0 38339E3 5.0 58479E3 5.0 68479E3 5.0 38479E3 5.0 58689E3 5.0 68689E3 5.0 38689E3 5.0 59109E3 5.0 69109E3 5.0 39109E3 5.0 59229E3 5.0 69229E3 5.0 39229E3 5.0 90333E3 5.0 90334E3 5.0 90336E3 5.0 90337E3 5.0 90338E3 5.0 90341E3 5.0 www.vishay.com 103
Document Number: 28312 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
036 RSP
Vishay BCcomponents
Aluminum Capacitors Radial Semi-Professional
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current After 1 minute UR = 6.3 to 100 V UR = 160 V After 5 minutes UR = 6.3 to 100 V UR = 160 V Case O D x L = 5 x 11 mm Case O D x L = 8.2 x 11 mm Calculated from tan max. and CR (see Table 2) CONDITIONS Us 1.15 UR Urev 1 V VALUE
Leakage current
IL1 0.006 CR x UR + 3 A IL1 0.1 CR x UR + 40 A IL5 0.001 CR x UR + 3 A IL5 0.015 CR x UR + 10 A Typ. 13 nH Typ. 16 nH ESR = tan /2 f CR
Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR)
CAPACITANCE (C)
1.1 C C0 1.0 0.9 1 2 0.8 0.7 0.6 5 3 0.8 4 Curve 1: 63 V Curve 2: 50 V Curve 3: 35 V; 40 V; 100 V; 160 V Curve 4: 16 V; 25 V Curve 5: 6.3 V; 10 V - 40 - 20 0 20 40 60 80 Tamb (C) 0.7 0.6 0.5 Curve 1: 63 V ( 2.2 F) Curve 2: 63 V (> 2.2 F) Curve 3: 50 V Curve 4: 35 V; 40 V; 100 V; 160 V Curve 5: 25 V Curve 6: 16 V Curve 7: 6.3 V; 10 V 10 102 103 6 7 5 1 C C0 1.1 1.0 0.9 1 3 4 5
2
0.5 - 60
104
f (Hz)
105
C0 = Capacitance at 20 C, 100 Hz Fig.6 Typical multiplier of capacitance as a function of ambient temperature
C0 = Capacitance at 20 C, 100 Hz
Tamb = 20 C
Fig.7 Typical multiplier of capacitance as a function of ambient temperature
IMPEDANCE (Z)
Curve 1: 0.47 F Curve 2: 0.68 F Curve 3: 1.0 F Curve 4: 1.5 F Curve 5: 2.2 F Curve 6: 3.3 F Curve 7: 4.7 F Curve 8: 6.8 F Curve 9: 10 F Curve 10: 15 F Curve 11: 22 F Curve 12: 33 F Curve 13: 47 F Curve 14: 68 F Curve 15: 100 F Curve 16: 150 F 103 Z () 102
5 5 6 6 7 7 8 8 9 9 10 10 11 11 12 12 13 13
103 Z () 102
10
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
10
1
1 2 3 4
Curve 1: 2.2 F Curve 2: 4.7 F Curve 3: 10 F, 100 V Curve 4: 10 F, 63 V Curve 5: 22 F, 63 V Curve 6: 33 F Curve 7: 47 F Curve 8: 68 F Curve 9: 100 F Curve 10: 150 F Curve 11: 220 F Curve 12: 330 F Curve 13: 470 F
1 102 103 104 105 f (Hz) 106 102 103 104 105 f (Hz) 106
Case O D x L = 5 x 11 mm
Tamb = 20 C
Case O D x L = 8.2 x 11 mm
Tamb = 20 C
Fig.8 Typical impedance as a function of frequency www.vishay.com 104
Fig.9 Typical impedance as a function of frequency Document Number: 28312 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
036 RSP
Aluminum Capacitors Radial Semi-Professional
RIPPLE CURRENT AND USEFUL LIFE
3.3 IA 3.2 IR 3.1 3.0 2.8 2.6 2.4 2.2
0 1.
CCC205
Vishay BCcomponents
lifetime multiplier
2.0 1.8 1.6
IA = Actual ripple current at 100 Hz IR = Rated ripple current at 100 Hz, 85 C
(1)
5 1. 0 2. 0 3. 0 4. 6. 0
Useful life at 85 C and IR applied: 3000 hours
1.4 1.2 1.0 0.8 0.5 0.0
10 15 20 30 50 0 7
(1)
40
50
60
70
80
90 100 Tamb (C)
Fig.10 Multiplier of useful life as a function of ambient temperature and ripple current load Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 Table 4 IR MULTIPLIER UR = 6.3 to 10 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 16 to 35 V 0.85 1.00 1.20 1.30 1.35 1.40 UR = 40 to 160 V 0.80 1.00 1.25 1.40 1.50 1.60
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 Tamb = 85 C; UR applied; 2000 h PROCEDURE (quick reference) REQUIREMENTS UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit No short or open circuit Total failure percentage: 1 % C/C, tan , Z: For requirements See `Endurance test' above IL5 spec. limit
Useful life
CECC 30301 subclause 1.8.1
Tamb = 85 C; UR and IR applied; 3000 h
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 85 C; no voltage applied; 500 h After test: UR to be applied for 30 min, 24 to 48 h before measurement
Document Number: 28312 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 105
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL203659109E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X