Part Number Hot Search : 
N4121 H0022 SM110 ENA1771 78S15 DA9022 153PPA RS252
Product Description
Full Text Search
 

To Download MAAV-007091-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAV-007091-000100
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
Features
* * * * * * * * * * * * * * Input IP3: +31 dBm Min (Full Attenuation Range) Input IP3 is 15 -20 dB Better than GaAs Linear Operation: +20 dBm Typ. Plastic, 28 Lead, 6 mm CSP, SMT Package 35 dB Dynamic Range (With 30 mA Bias Current) Single Control Voltage 50 ohm Impedance Linear Driver, MADR-007098-000100, Available Test Boards are Available Tape and Reel Packaging Available 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of MAAVCC0002 Rev. V3
Functional Schematic
Description
M/A-COM's MAAV-007091-000100 is a PIN diode based voltage variable attenuator. This device is in a 6mm square, 28 lead, plastic CSP package, suitable for surface mounting on PCBs. These attenuators have linear operating power and input intercept point levels 15 - 20 dB better than GaAs FET MMIC voltage variable attenuators. They are ideally suited for use where low distortion, high linear operating power and high dynamic range are required. These devices are optimized for the PCS and UMTS frequency bands, but exhibit excellent performance and repeatability over the entire specified frequency band. The MAAV-007091-000100 is ideally suited for wireless communications systems.
Pin Configuration2,3
Pin #
1 2 3 4 5 6 7
Function
NC NC NC NC NC NC NC NC BIAS 1 NC NC GND RFOUT GND
Pin #
15 16 17 18 19 20 21 22 23 24 25 26 27 28
Function
NC NC NC NC NC NC NC NC BIAS 1 NC NC GND RFIN GND
Ordering Information
Part Number
MAAV-007091-000100 MAAV-007091-0001TR MAAV-007091-0001TB
8 9
Package
Bulk Packaging 1000 piece reel Sample Test Board
10 11 12 13 14
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
1. Bias current may be applied to Pin 9 or 23. However, the unused pin must be isolated. 2. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN packages) 3. It is preferable to ground all "NC" pins, except for the unused bias pin, which must be left open.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007091-000100
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
Electrical Specifications: TA = 25C
Parameter
Insertion Loss Attenuation (Above Loss) Attenuation Flatness VSWR Switching Speed Linear Operation Input IP3 P1 dB I Control
Rev. V3
Test Conditions
0 volts 10 mA bias current
Frequency
1700-2200 MHz 1700-2200 MHz
Units
dB dB
Min.
-- 30
Typ.
2.9 33
Max.
4.0 --
0 to 30 dB attenuation 0 to 30 dB attenuation 50% Control to 90%/10% RF -- Two-tone inputs up to +10 dBm Full Attenuation Range --
1700-2200 MHz 1700-2200 MHz 1700-2200 MHz 1700-2200 MHz 1700-2200 MHz 1700-2200 MHz 1700-2200 MHz
dB Ratio s dBm dBm dBm mA
-- -- -- -- +31 -- --
1.0 2:1 -- +20 --+23 ---
2.0 2.2:1 3.0 -- -- -- 30
Absolute Maximum Ratings 4
Parameter
Max. Input Power 1700 - 2200 MHz Operating Temperature Storage Temperature 4.
Absolute Maximum
Recommended PCB Layout
+27 dBm -40C to +85C -65C to +125C
Exceeding any one or combination of these limits may cause permanent damage to this device.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007091-000100
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
Typical Performance Curves
Insertion Loss
- 4 0 C 4.0 2 5 C 8 5 C
3.9 3.7
Rev. V3
Typical Performance Curves (beyond 2GHz)
Insertion Loss @ 25C
Insertion Loss (dB)
3.5
3.5 3.3 3.1 2.9 2.7 2.5 2000
Loss (dB)
3.0 2.5 2.0 1.5 1700
1750
1800
1850
1900
1950
2000
2050
2100
2150
2200
Frequency (MHz)
Fre que ncy (MHz)
Attenuation Flatness @ +25C
5 dB 1 .0 0.8 0.6 10 d B 2 0 dB 3 0 dB
Attenuation Flatness @ 25C
3 0 dB 0.4 0.2 0 2 0 dB 10 d B 5 dB
Flatness (dB)
0.4
Flatness (dB)
1 750 1 800 1 850 1 900 1 950 2000
0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 1 700
-0.2 -0.4 -0.6 -0.8 -1 -1.2 -1.4 2000 2050 2100 2150 2200
Fre que ncy (MHz )
Fre que ncy (MHz )
Typical VSWR @ +25C
R ef 1.8 3 0 dB 15 d B
Typical VSWR @ +25C
Lo ss 2.2 5 dB 10 d B 3 0 dB
VSWR (Ratio)
1.6
V SW R (R a tio )
2 1.8 1.6 1.4 1.2 1 2000
1.4
1.2
1 1700
1750
1800
1850
1900
1950
2000
2050
2100
2150
2200
Frequency (MHz)
3
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007091-000100
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
Attenuation vs. Bias Current, Frequency = 2000 MHz
- 4 0 C 40 + 2 5 C + 8 5 C
Rev. V3
A ttenua tio n (dB)
30 20 10 0 0 1 2 3 4 5 6 7 8 9 10
Bias Current (mA)
CSP-8, 28 Lead, 6mm
Package outline conforms to JEDEC standard MO-220B. 4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAV-007091-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X