Part Number Hot Search : 
FN3546 VSKDS303 10A60 TC9268P NDUCTOR 3A03YH 332KFKE3 PM7349
Product Description
Full Text Search
 

To Download MAAV-007090-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAV-007090-000100
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Features
* * * * * * * * * * * * * * Input IP3: +31 dBm Min (Full Attenuation Range) Input IP3 is 15 -20 dB Better than GaAs Linear Operation: +20 dBm Typ. 35 dB Dynamic Range (With 30 mA Bias Current) Single Control Voltage 50 ohm Impedance Linear Driver, MADR-007098-000100, Available Test Boards are Available Tape and Reel Packaging Available Lead-Free SOW-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT10-0017 Rev. V2
Functional Schematic
Description
M/A-COM's MAAV-007090-000100 is a PIN diode based voltage variable attenuator. This device is in a SOW-16, wide body plastic surface mount package. These attenuators have linear operating power and input intercept point levels 15 - 20 dB better than GaAs FET MMIC voltage variable attenuators. They are ideally suited for use where low distortion, high linear operating power and high dynamic range are required. These devices are optimized for the PCS frequency band, but exhibit excellent performance and repeatability over the entire specified frequency band. The MAAV-007090-000100 is ideally suited for wireless communications systems.
Pin Configuration
Pin No.
1 2
Function
GND RF GND GND GND GND BIAS1 GND
Pin No.
9 10 11 12 13 14 15 16
Function
GND RF GND GND GND GND BIAS1 GND
Ordering Information
Part Number
MAAV-007090-000100 MAAV-007090-0001TR MAAV-007090-0001TB MAAV-007090-DR01TB
3 4
Package
Tube 1000 piece reel Unit Mounted on Test Board Unit with Driver on Test Board
5 6 7 8
1. Bias currents may be applied to pin 7 or 15. The unused pins should be isolated.
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007090-000100
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Insertion Loss Attenuation (Above Loss) Attenuation Flatness VSWR Switching Speed Linear Operation Input IP3 I Control
Rev. V2
Test Conditions
0 volts 10 mA bias current 0 to 30 dB attenuation 0 to 30 dB attenuation 50% Control to 90%/10% RF -- Two-tone inputs up to +10 dBm --
Frequency
1700-2000 MHz 1930 - 1990 MHz 1700-2000 MHz 1930 - 1990 MHz 1700-2000 MHz 1930 - 1990 MHz 1700-2000 MHz 1930 - 1990 MHz 1700-2000 MHz 1700-2000 MHz 1700-2000 MHz 1700-2000 MHz
Units
dB dB dB dB dB dB Ratio Ratio s dBm dBm mA
Min
-- -- 28 30 -- -- ------ -- +31 --
Typ
-- 2.5 -- 35 1.5 0.4 1.6:1 1.5:1 -- +20 -----
Max
3.5 3.0 -- -- 2.0 0.6 1.8:1 1.7:1 3.0 -- -- 30
Absolute Maximum Ratings
Parameter
Max. Input Power 1700 - 2000 MHz Operating Temperature Storage Temperature
2,3
Recommended PCB Configuration
Absolute Maximum
+27 dBm -40C to +85C -65C to +125C
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007090-000100
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Typical Performance Curves
Insertion Loss Attenuation Flatness (dB) @ +25C
Rev. V2
R ef
10 d B
2 0 dB
3 0 dB
- 4 0 C 5.0
+ 2 5 C
+ 8 5 C
2.00
1.00
4.0
Loss (dB)
Flatness (dB)
0.00
3.0
-1.00
2.0
-2.00 1600
1.0 1600
1700
1800
1900
2000
2100
1700
1800
1900
2000
2100
Fre que ncy (MHz )
Fre que ncy (MHz )
Typical VSWR @ +25C
Attenuation vs. Bias Current, Frequency = 2000 MHz
3 0 dB 2.5
15 d B
R ef
- 4 0 C 40
+ 2 5 C
+ 8 5 C
Attenua tio n (dB)
30
VSWR (Ratio)
2.0
20
1.5
10
0
1.0 1600
0
1700 1800 1900 2000 2100
1
2
3
4
5
6
7
8
9
10
Fre que ncy (MHz )
Bias Current (mA)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007090-000100
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Lead-Free, SOW-16
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAV-007090-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X