Part Number Hot Search : 
ADS15K PS200 L11815A ERIES 89247 Q1205 84C641 MPC2004
Product Description
Full Text Search
 

To Download MAAM26100-B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAM26100-B1
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
Features
* * * * * * Saturated Power: 30.5 dBm Typical Gain: 19 dB Typical Power Added Efficiency: 30% DC Decoupled RF Input and Output Lead-Free 7-Lead Ceramic Package RoHS* Compliant and 260C Reflow Compatible Rev. V6
Functional Diagram 3,4
VDD
1000 pF
1000 pF
6
5
4
3
Description
The MAAM26100-B1 is a GaAs MMIC two stage high efficiency power amplifier in a small, lead-free, 7-lead ceramic package. The MAAM26100-B1 is a fully monolithic design which eliminates the need for external circuitry in 50-ohm systems. The MAAM26100-B1 is ideally suited for driver amplifiers and transmitter outputs in UMTS applications, test equipment, electronic warfare jammers, missile subsystems and phased array radars. The MAAM26100-B1 is fabricated using a mature 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
RF IN
7
2
RF OUT
1
VGG
3. Nominal bias is obtained by first connecting -5 volts to pin 1 (VGG), followed by connecting +8 volts to pin 5 (VD1) and pin 4 (VD2). Note sequence. 4. RF ground and thermal interface are the case bottom. Adequate heat sinking is required.
Absolute Maximum Ratings 1,2
Parameter VDD VGG RF Input Power Channel Temperature Storage Temperature Absolute Maximum +9 V -6 V to -3 V +17 dBm 150C -65C to +150C
Pin Configuration
Pin No. 1 2 3 4 Function VGG RF Output Internal Ground VD2 Pin No. 5 6 7 Function VD1 Internal Ground RF Input
1. Exceeding any one or combination of these limits may cause permanent damage to this device and will void product warranty. 2. M/A-COM does not recommend sustained operation near these survivability limits.
Ordering Information
Part Number MAAM26100-B1 MAAM26100-B1G Package 7 lead, Ceramic (CR-2) 7 lead, Ceramic (CR-2) with Gull Wing
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAM26100-B1
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
Electrical Specifications: TA = 25C, VDD = +8 V, VGG = -5 V, Z0 = 50
Parameter Small Signal Gain Input VSWR Output VSWR Saturated Output Power Output Power at 1 dB Gain Compression Power Added Efficiency Third Order Intercept Reverse Isolation IDSQ IDS IGG Thermal Resistance
5
Rev. V6
Test Conditions 2 - 6 GHz Input Power +14 dBm, 2 - 6 GHz Input Power +14 dBm, 2 - 6 GHz Input Power +14 dBm, 2 - 6 GHz 2 - 6 GHz -- 2 - 6 GHz 2 - 6 GHz No RF Input Power +14 dBm Input Power +14 dBm --
Units dB Ratio Ratio dBm dBm % dBm dB mA mA mA C/W
Min. 15 -- -- 29 -- -- -- -- -- 300 -- --
Typ. 19 1.7:1 2.2:1 30.5 27 30 39 30 390 475 10 16.5
Max. -- 2.1:1 -- -- -- -- -- -- -- 650 -- --
5. Attachment method not included.
Lead-Free CR-2
Lead-Free CR-2 w/ Gull Wing
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAM26100-B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X