Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download M85049-1708N01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Environmental Backshells
AS85049/17 EMI/RFI Environmental Backshell
Glenair Connector Designator F Basic Part No. MIL-DTL-38999 Series I & II, 40M38277, PAN 6433-1, PATT 614, PATT 616, NFC93422 Series HE308 & HE309 Shell Size Clamp Size Finish N = Electroless Nickel W = 1,000 Hr. Cadmium Olive Drab Over Electroless Nickel Length O-Ring F
M85049/17 10 N 03 A
Length Code (Omit for Standard)
TABLE I
Shell Size 08 10 12 14 16 18 20 22 24 A Thread Class 2B .438 - 28 UNEF .562 - 24 UNEF .688 - 24 UNEF .813 - 20 UNEF .938 - 20 UNEF 1.063 - 18 UNEF 1.188 - 18 UNEF 1.313 - 18 UNEF 1.438 - 18 UNEF B Dia Max .57 (14.5) .70 (17.8) .83 (21.1) .95 (24.1) 1.08 (27.4) 1.20 (30.5) 1.33 (33.8) 1.45 (36.8) 1.58 (40.1)
A Thread
B Dia
Cable E Range
TABLE II
Shell Size 08 10 12 14 16 18 20 22 24 Shell Size Series 1 Ref. 9 11 13 15 17 19 21 23 25 Clamp Size Min Max 01 02 01 03 02 04 02 05 02 06 03 07 03 08 03 09 04 10
TABLE III
Cable Range Clamp Size Min Max 01 .062 (1.6) .125 (3.2) 02 .125 (3.2) .250 (6.4) 03 .250 (6.4) .375 (9.5) 04 .375 (9.5) .500 (12.7) 05 .500 (12.7) .625 (15.9) 06 .625 (15.9) .750 (19.1) 07 .750 (19.1) .875 (22.2) 08 .875 (22.2) 1.000 (25.4) 09 1.000 (25.4) 1.125 (28.6) 10 1.125 (28.6) 1.250 (31.8) E Max .781 (19.8) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) F Max 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.312 (33.3) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.625 (41.3) 1.625 (41.3)
TABLE IV
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodation range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria.
(c) 2005 Glenair, Inc. CAGE Code 06324
Length Code Std. A B C
Available Shell Sizes 08 - 24 08 - 24 14 - 24 20 - 24
Length 1.50 (38.1) 2.50 (63.5) 3.50 (88.9) 4.50 (114.3)
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 39-16


▲Up To Search▲   

 
Price & Availability of M85049-1708N01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X