Part Number Hot Search : 
12005 102MP3 B90547GP 390MC 2N5430 74LS2 29LV128 N2803
Product Description
Full Text Search
 

To Download LP0115CMKW01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Short Body Pushbuttons
Series LP01
Distinctive Characteristics
Environmentally friendly components and packaging materials meet RoHS Directive restricting use of hazardous materials. Suited for lead-free soldering because of heat resistant resin materials. Smooth, slightly concave surface of cap designed to fit fingertip. Unique design and construction of cap prevents its removal and limits tampering. Short body of .551" (14.0mm) conserves behind-panel space. Combination solder lug and .110" quick connect terminals are epoxy sealed to lock out flux, dust, solvents, and other contaminants. Crisp actuation and clear circuit status provided by snap-action contact mechanism. Arc barrier between movable contacts protects against crossover. Illuminated models available and shown in the Illuminated Pushbutton section.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
05-08
Short Body Pushbuttons
Series LP01
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver): 3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength:
Mechanical Life: Electrical Life: Nominal Operating Force: Contact Timing: Travel:
50 milliohms maximum 200 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum 1,500V AC minimum between contacts & case for 1 minute minimum 500,000 operations minimum 50,000 operations minimum 1.5N for Single Pole; 3.0N for Double Pole Nonshorting (break-before-make) Total Travel .118" (3.0mm)
Materials & Finishes
Actuator: Housing:
Base: Movable Contact: Stationary Contacts:
Polycarbonate Bushing mount: Glass fiber reinforced polyamide (UL94V-0); Snap-in mount: Polyphenylene ether (UL94V-0) Diallyl phthalate (UL94V-0) Phosphor bronze & silver with silver plating Common terminal: Phosphor bronze with silver plating; Contact terminals: Phosphor bronze with tin & copper plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-25C through +70C (-13F through +158F) 90 ~ 95% humidity for 240 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque: Soldering Time & Temperature: Cleaning:
0.8Nm (7.08 lb*in) Manual Soldering: See Profile A in Supplement section. Hand clean locally with alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognition: C-UL Recognition:
R
UL94V-0 housing & base All single & double pole models recognized at 3A @ 125V/250V AC or 3A @ 30V DC UL File No. WOYR2.E44145; add "/U" to end of part number to order UL mark on switch All single & double pole models recognized at 3A @ 125V/250V AC or 3A @ 30V DC C-UL File No. WOYR8.E44145; add "/C-UL" to end of part number to order C-UL mark on switch
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
05-08
Short Body Pushbuttons
TYPICAL SWITCH ORDERING EXAMPLE
Series LP01
L P 01
1
5
C
C
K
W01
A
POLES
1 2 SPDT DPDT
MOUNTING TYPES
C M Bushing Snap-in K
HOUSING
Black
CAP COLORS
A C F Black Red Green
CIRCUIT
5 ON (ON) ( ) = Momentary W01
CONTACTS & TERMINALS
Silver Contacts Rated 3A @ 125V AC/250V AC Solder Lug/Quick Connect Terminals
IMPORTANT:
Switches are supplied without UL & C-UL marking unless specified. Specific models & ratings noted on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LP0115CCKW01A
Black Cap Bushing Mount Silver Contacts Rated 3A @ 125/250V AC Solder Lug/ Quick Connect Terminals SPDT ON-(ON) Circuit Black Housing
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
05-08
Short Body Pushbuttons
POLES & CIRCUIT
Plunger Position ( ) = Momentary Normal Pole Model Down Connected Terminals Normal Down
Series LP01
Throw & Switch Schematics
Note: Terminal markings "COM, NO and NC" are actually on the switch; terminal numbers are not on the switch.
1 (COM)
SP
LP0115
ON
(ON)
1-3
1-2
SPDT
3
2
1 (COM)
4 6 5
DP
LP0125
ON
(ON)
1-3
4-6
1-2
4-5
DPDT
3
2
MOUNTING TYPES C
Bushing .630" (16.0mm) Diameter This mounting option is supplied with a brass hexagon nut with nickel plating. Recommended Panel Thickness: .079" ~ .256" (2.0mm ~ 6.5mm) Recommended Panel Thickness: .039" ~ .126" (1.0mm ~ 3.2mm)
0.2 (18.1) + 0.0 - .713
M
Snap-in .669" (17.0mm) Diameter
(16.0) .630
+ 0.2 - 0.0
Dia
(1.7) + 0.0 - 0.1 .067
+ 0.1 (7.5) - 0.0 .295
0.2 (1.1) + 0.0 R - .043 0.2 (17.3) + 0.0 Dia - .681
Allow .984" (25.0mm) distance between switches when mounted side-by-side.
Allow .827" (21.0mm) distance between switches when mounted side-by-side.
HOUSING K
Black Housing available in black only. The one-piece body and bezel have a matte finish.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
05-08
Short Body Pushbuttons
CONTACT MATERIALS, RATINGS, & TERMINALS W01
Silver Power Level
Series LP01
Solder Lug/.110" (2.8mm) Quick Connect
3A @ 125V AC/250V AC; 3A @ 30V DC Note: If used at 1A @ 125V AC/250V AC or 1A @ 30V DC, electrical life will be 100,000 operations minimum.
Epoxy Seal (2.0) .079 (2.8) .110
(7.3) .287 (0.6) R .024
(1.2) .047 Thk = (0.5) .020
CAP COLORS A C F
Black Red Green
The cap is an integral part of the switch and is not available separately. Material: Polycarbonate Finish: Matte
TYPICAL SWITCH DIMENSIONS
Bushing Mount * Single Pole
M16 P1 (1.2) x (2.0) Typ .047 x .079 (0.5) Typ .020
NO
3 2 1
NC
NO
(9.7) .382 (2.8) Typ .110
L -+
COM
(13.6) Dia .535 (20.0) Dia .787
(2.5) .098 (5.5) .217 (21.3) .838
(7.3) .287
(3.0) .118 (5.55) .219
LP0115CCKW01A
Bushing Mount * Double Pole
M16 P1 (1.2) x (2.0) Typ .047 x .079 (0.5) Typ .020
NO
3 2
NC
6 5 4
NO
L -+ 1
COM
(2.8) Typ .110
(9.7) .382
(13.6) Dia .535 (20.0) Dia .787
(2.5) .098 (5.5) .217 (21.3) .838
(7.3) .287
(6.0) .236 (11.1) .437
LP0125CCKW01F NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 05-08
Short Body Pushbuttons
TYPICAL SWITCH DIMENSIONS
Snap-in * Single Pole
(1.2) x (2.0) Typ .047 x .079 (0.5) Typ .020
Series LP01
NO
3 2 1
NC
NO
(9.7) .382 (2.8) Typ .110
L -+
COM
(13.6) Dia .535 (20.0) Dia .787
(2.5) .098 (5.5) .217 (21.3) .838
(7.3) .287
(3.0) .118 (5.55) .219
LP0115CMKW01C
Snap-in * Double Pole
(1.2) x (2.0) Typ .047 x .079 (0.5) Typ .020
NO
3 2
NC
6 L -+ 5 4
COM
NO
(9.7) .382
(2.8) Typ .110
1
(13.6) Dia .535 (20.0) Dia .787
(2.5) .098 (5.5) .217 (21.3) .838
(7.3) .287
(6.0) .236 (11.1) .437
LP0125CMKW01A
LEGENDS
Easily create and submit your own legends using our new on-line Legend Maker. Visit www.nkkswitches.com For other legend support options, customers may either contact the factory or utilize the general information and basic specifications presented below.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
LM
R PW
Suggested Printable Area for LP01 Cap
Recommended Methods: Pad Print or Laser Etch on cap. Epoxy based ink is recommended.
(12.07) Dia .475 (13.6) Dia .535 (0.76) Typ .030
Shaded area is printable area
05-08


▲Up To Search▲   

 
Price & Availability of LP0115CMKW01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X