Part Number Hot Search : 
1MD10024 6703QM FB2028 ER502N NP3638A BY550 2N6078 P6KE400A
Product Description
Full Text Search
 

To Download KSD5018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
KSD5018
DESCRIPTION *High Breakdown Voltage: V(BR)CEO= 275V(Min) *Built-in Resistor Between Base and Emitter *Wide Area of Safe Operation
APPLICATIONS *Designed for motor drive and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
600
V
VCEO
Collector-Emitter Voltage
275
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-Peak
6
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
0.5
A
PC
40
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCER VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VBE(sat) ICES IEBO hFE-1 hFE-2 PARAMETER Collector-Emitter Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 1mA; RBE= 330 IC= 1.5A; IB1= 0.05A;Clamped IC= 2A; IB= 5mA
B
KSD5018
MIN 600 275
TYP.
MAX
UNIT V V
1.5 1.5 2.0 1 1 1000 200
V V V mA mA
IC= 3A; IB= 20mA
B
IC= 2A; IB= 5mA
B
VCE= 500V VEB= 10V; IC= 0 IC= 2A ; VCE= 2V IC= 4A ; VCE= 2V
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of KSD5018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X