Part Number Hot Search : 
SSF7N80A M514260 00700 FL6000 BU2508AF RPM2A LC573 2SC373
Product Description
Full Text Search
 

To Download K2222-K60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Chip Capacitors X7R/B Characteristic Jump to preceding page
Features
q q q q
High volumetric efficiency Non-linear capacitance change High insulation resistance High pulse strength
l b
s k k
KKE0272-V
Applications
q q q q
Blocking Coupling Decoupling Interference suppression
Dimensions (mm) Size inch/mm 0402/1005 0603/1608 0805/2012 1206/3216 1210/3225 1812/4532 2220/5750
Terminations
q For soldering:
l
1,0 0,10 1,6 0,15*) 2,0 0,20 3,2 0,20 3,2 0,30 4,5 0,30 5,7 0,40
b
0,50 0,05 0,80 0,10 1,25 0,15 1,60 0,15 2,50 0,30 3,20 0,30 5,00 0,40
s
0,5 0,05 0,8 0,10 1,3 max. 1,3 max. 1,7 max. 1,3 max. 1,3 max
k
0,2 0,3 0,5 0,5 0,5 0,5 0,5
Sizes 0402 through 1210: silver/nickel/tin Sizes 1812, 2220: silver palladium q For conductive adhesion: All sizes: silver palladium Packing q Blister and cardboard tape, for details refer to chapter "Taping and Packing", page 111. q Bulk case for sizes 0603, 0805 and 1206, for details see page 114. Maximum ratings Climatic category in accordance with IEC 68-1: 55/125/56
*) For bulk cases: 1,6 0,1 Tolerances in acc. with CECC 32101-801
Available capacitance tolerances Tolerance CR/CR = 5 % CR/CR = 10 % CR/CR = 20 % Symbol J K M
Standard tolerance in bold print J tolerance not available for 16 V, 200 V and 500 V
Rated voltage values
VR = 16 V, 25 V, 50 V,100 V, 200 V, 500 V
Siemens Matsushita Components
27
Product range X7R/B characteristic Size1) inch mm Type 0402 1005 B37921 16 25 16 pF pF pF pF pF pF pF pF pF pF pF pF 0603 1608 B37931 25 50 100 16 0805 2012 B37941 25 50 100 16 1206 3216 B37872 25 50
VR (Vdc)
100 120 150 180 220 270 330 390 470 560 680 820
1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF Chip thickness (s ): 0,5 0,1 mm 0,6 0,1 mm 0,8 0,1 mm 1,2 0,1 mm
1) I x b (inch) / l x b (mm)
28
Siemens Matsushita Components
Product range X7R/B characteristic Size1) inch mm Type 0402 1005 B37921 16 25 16 nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF 0603 1608 B37931 25 50 100 16 0805 2012 B37941 25 50 100 16 1206 3216 B37872 25 50
VR (Vdc)
10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820
1,0 F Chip thickness (s ): 0,5 0,1 mm 0,6 0,1 mm 0,8 0,1 mm 1,2 0,1 mm
1) I x b (inch) / l x b (mm)
Siemens Matsushita Components
29
Product range X7R/B characteristic Size1) inch mm Type 1206 3216 B37872 100 200 500 50 pF pF pF pF pF pF pF pF pF pF pF pF 1210 3225 B37950 100 200 500 50 1812 4532 B37953 50 2220 5750 B37956
VR (Vdc)
100 120 150 180 220 270 330 390 470 560 680 820
1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF Chip thickness (s ): 0,5 0,1 mm 0,6 0,1 mm 0,8 0,1 mm 1,2 0,1 mm 1,6 0,1 mm
1) I x b (inch) / l x b (mm)
30
Siemens Matsushita Components
Product range X7R/B characteristic Size1) inch mm Type 1206 3216 B37872 100 200 500 50 nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF nF 1210 3225 B37950 100 200 500 50 1812 4532 B37953 50 2220 5750 B37956
VR (Vdc)
10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820
1,0 F Chip thickness (s ): 0,5 0,1 mm 0,6 0,1 mm 0,8 0,1 mm 1,2 0,1 mm 1,6 0,1 mm
1) I x b (inch) / l x b (mm)
Siemens Matsushita Components
31
Ordering codes for X7R/B characteristic, 16 Vdc, AgNiSn terminations Size 0402/1005 0603/1608 0805/2012 B379411206/3216 B37872-
CR
470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27,0 nF 33,0 nF 39,0 nF 47,0 nF 56,0 nF 68,0 nF 82,0 nF 100 nF 120 nF 150 nF 180 nF 220 nF 270 nF 330 nF 390 nF 470 nF
Ordering code 1) B37921B37931-K9471-K60 -K9561-K60 -K9681-K60 -K9821-K60 -K9102-K60 -K9122-K60 -K9152-K60 -K9182-K60 -K9222-K60 -K9272-K60 -K9332-K60 -K9392-K60 -K9472-K60 -K9562-K60 -K9682-K60 -K9822-K60 -K9103-K60 -K9123-K60 -K9153-K60
v v v v v v v v v v v v v v v v v v v
-K9472-K60 -K9562-K60 -K9682-K60 -K9822-K60 -K9103-K60 -K9123-K60 -K9153-K60 -K9183-K60 -K9223-K60 -K9273-K60 -K9333-K60 -K9393-K60 -K9473-K60 -K9563-K60 -K9683-K60
r r r r r r r r r r r r r r r
-K9103-K60 -K9123-K60 -K9153-K60 -K9183-K60 -K9223-K60 -K9273-K60 -K9333-K60 -K9393-K60 -K9473-K60 -K9563-K60 -K9683-K60 -K9823-K60 -K9104-K60 -K9124-K60 -K9154-K62 -K9184-K62 -K9224-K62
u u u u u u u u u u u u r r x x x
-K9223-K60 -K9273-K60 -K9333-K60 -K9393-K60 -K9473-K60 -K9563-K60 -K9683-K60 -K9823-K60 -K9104-K60 -K9124-K60 -K9154-K60 -K9184-K60 -K9220-K60 -K9274-K60 -K9334-K60 -K9394-K62 -K9474-K62
r r r r r r r r r r r r r r r x x
Chip thickness: v: 0,5 0,1 mm
u: 0,6 0,1 mm
r: 0,8 0,1 mm
x: 1,2 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37921-K9471-K60 For other available capacitance tolerances see page 27
32
Siemens Matsushita Components
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations Size 0402/1005 0603/1608 0805/2012 B379411206/3216 B37872-
CR
100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27,0 nF 33,0 nF 39,0 nF 47,0 nF 56,0 nF 68,0 nF
Ordering code1) B37921B37931-K0101-K60 -K0121-K60 -K0151-K60 -K0181-K60 -K0221-K60 -K0271-K60 -K0331-K60 -K0391-K60 -K0471-K60 -K0561-K60 -K0681-K60 -K0821-K60 -K0102-K60 -K0122-K60 -K0152-K60 -K0182-K60 -K0222-K60 -K0272-K60 -K0332-K60 -K0392-K60 -K0472-K60
v v v v v v v v v v v v v v v v v v v v v -K0472-K60
-K0562-K60 -K0682-K60 -K0822-K60 -K0103-K60 -K0123-K60 -K0153-K60 -K0183-K60 -K0223-K60
r r r r r r r r r
-K0103-K60 -K0123-K60 -K0153-K60 -K0183-K60 -K0223-K60 -K0273-K60 -K0333-K60 -K0393-K60 -K0473-K60 -K0563-K60 -K0683-K60
u u u u u u u u u r r
-K0223-K60 -K0273-K60 -K0333-K60 -K0393-K60 -K0473-K60 -K0563-K60 -K0683-K60
r r r r r r r
Chip thickness: v: 0,5 0,1 mm
u: 0,6 0,1 mm
r: 0,8 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37921-K0101-K60 For other available capacitance tolerances see page 27
Siemens Matsushita Components
33
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations (contd) Size 0402/1005 0603/1608 0805/2012 B37941-K0823-K62 -K0104-K62 1206/3216 B37872x -K0823-K62 x -K0104-K62 r r r r x x
CR
82,0 nF 100,0 nF 120,0 nF 150,0 nF 180,0 nF 220,0 nF
Ordering code 1) B37921B37931-
-K0124-K62 -K0154-K62 -K0184-K62 -K0224-K62
x: 1,2 0,1 mm
Chip thickness: r: 0,8 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37941-K0823-K62 For other available capacitance tolerances see page 27
34
Siemens Matsushita Components
Ordering codes for X7R/B characteristic, 50 Vdc, AgNiSn terminations Size 0603/1608 0805/2012 1206/3216 B378721210/3225 B37950-
CR
220,0 pF 270,0 pF 330,0 pF 390,0 pF 470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27,0 nF 33,0 nF 39,0 nF 47,0 nF 56,0 nF 68,0 nF 82,0 nF 100 nF 120 nF 150 nF 180 nF 220 nF
Ordering code 1) B37931B37941-K5221-K60 -K5271-K60 -K5331-K60 -K5391-K60 -K5471-K60 -K5561-K60 -K5681-K60 -K5821-K60 -K5102-K60 -K5122-K60 -K5152-K60 -K5182-K60 -K5222-K60 -K5272-K60 -K5332-K60 -K5392-K60 -K5472-K60 -K5562-K60 -K5682-K60 -K5822-K60 -K5103-K60
r r r r r r r r r r r r r r r r r r r r r
-K5471-K60 -K5561-K60 -K5681-K60 -K5821-K60 -K5102-K60 -K5122-K60 -K5152-K60 -K5182-K60 -K5222-K60 -K5272-K60 -K5332-K60 -K5392-K60 -K5472-K60 -K5562-K60 -K5682-K60 -K5822-K60 -K5103-K60 -K5123-K60 -K5153-K60 -K5183-K60 -K5223-K60 -K5273-K60 -K5333-K60 -K5393-K60 -K5473-K60 -K5563-K62 -K5683-K62 -K5823-K62 -K5104-K62
u u u u u u u u u u u u u u u u u u u u u u u u u x x x x
-K5102-K60 -K5122-K60 -K5152-K60 -K5182-K60 -K5222-K60 -K5272-K60 -K5332-K60 -K5392-K60 -K5472-K60 -K5562-K60 -K5682-K60 -K5822-K60 -K5103-K60 -K5123-K60 -K5153-K60 -K5183-K60 -K5223-K60 -K5273-K60 -K5333-K60 -K5393-K60 -K5473-K60 -K5563-K60 -K5683-K60 -K5823-K60 -K5104-K60
r r r r r r r r r r r r r r r r r r r r r r r r r
-K5103-K62 -K5123-K62 -K5153-K62 -K5183-K62 -K5223-K62 -K5273-K62 -K5333-K62 -K5393-K62 -K5473-K62 -K5563-K62 -K5683-K62 -K5823-K62 -K5104-K62 -K5124-K62 -K5154-K62 -K5184-K62 -K5224-K62
r r r r r r r r r r r r r r r x x
Chip thickness: u: 0,6 0,1 mm
r: 0,8 0,1 mm
x: 1,2 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37931-K5221-K60 For other available capacitance tolerances see page 27
Siemens Matsushita Components
35
Ordering codes for X7R/B characteristic, 50 Vdc, AgPd terminations (contd) Size 1812/4532 2220/5750
CR
100,0 nF 120,0 nF 150,0 nF 180,0 nF 220,0 nF 270,0 nF 330,0 nF 390,0 nF 470,0 nF 560,0 nF 680,0 nF 820,0 nF 1,0 F
Ordering code1) B37953B37956-J5104-K62 -J5124-K62 -J5154-K62 -J5184-K62 -J5224-K62 -J5274-K62 -J5334-K62 -J5394-K62 -J5474-K62
x x x x x x x x x -J5474-K62
-J5564-K62 -J5684-K62 -J5824-K62 -J5105-K62
x x x x x
Chip thickness: x: 1,2 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37953-J5104-K62 For other available capacitance tolerances see page 27
36
Siemens Matsushita Components
Ordering codes for X7R/B characteristic, 100 Vdc, AgNiSn terminations Size 0603/1608 0805/2012 1206/3216 B378721210/3225 B37950-
CR
100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27,0 nF 33,0 nF 39,0 nF 47,0 nF
Ordering code 1) B37931B37941-K1101-K60 -K1121-K60 -K1151-k60 -K1181-K60 -K1221-K60 -K1271-K60 -K1331-K60 -K1391-K60 -K1471-K60 -K1561-K60 -K1681-K60 -K1821-K60 -K1102-K60 -K1122-K60 -K1152-K60 -K1182-K60 -K1222-K60 -K1272-K60 -K1332-K60 -K1392-K60 -K1472-K60
r r r r r r r r r r r r r r r r r r r r r
-K1471-K60 -K1561-K60 -K1681-K60 -K1821-K60 -K1102-K60 -K1122-K60 -K1152-K60 -K1182-K60 -K1222-K60 -K1272-K60 -K1332-K60 -K1392-K60 -K1472-K60 -K1562-K60 -K1682-K60 -K1822-K60 -K1103-K60 -K1123-K60 -K1153-K60
u u u u u u u u u u u u u u u u u u u
-K1102-K60 -K1122-K60 -K1152-K60 -K1182-K60 -K1222-K60 -K1272-K60 -K1332-K60 -K1392-K60 -K1472-K60 -K1562-K60 -K1682-K60 -K1822-K60 -K1103-K60 -K1123-K60 -K1153-K60 -K1183-K60 -K1223-K60 -K1273-K60 -K1333-K60 -K1393-K60 -K1473-K60
r r r r r r r r r r r r r r r r r r r r r
-K1103-K62 -K1123-K62 -K1153-K62 -K1183-K62 -K1223-K62 -K1273-K62 -K1333-K62 -K1393-K62 -K1473-K62
r r r r r r r r r
Chip thickness: u: 0,6 0,1 mm
r: 0,8 0,1 mm
x: 1,2 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37931-K1101-K60 For other available capacitance tolerances see page 27
Siemens Matsushita Components
37
Ordering codes for X7R/B characteristic, 100 Vdc, AgNiSn terminations (contd) Size 0603/1608 0805/2012 1206/3216 B37872-K1563-K62 -K1683-K62 -K1823-K62 -K1104-K62
x x x x
1210/3225 B37950-K1563-K62 -K1683-K62 -K1823-K62 -K1104-K62 -K1124-K62 -K1154-K62
r r r r x x
CR
56,0 nF 68,0 nF 82,0 nF 100,0 nF 120,0 nF 150,0 nF
Ordering code 1) B37931B37941-
Chip thickness: r: 0,8 0,1 mm
x: 1,2 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37872-K1563-K62 For other available capacitance tolerances see page 27
38
Siemens Matsushita Components
Ordering codes for X7R/B characteristic, 200/500 Vdc, AgNiSn terminations Size 1206/3216 200 Ordering B37872code1) B37872r r r r r r r r r r r r r r r r r x x x x
1206/3216 500
1210/3225 200 B37950r r r r r r r r r x x x x
1210/3225 500 B37950
VR CR
470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27 nF 33 nF 39 nF 47 nF
-K2471-K60 -K2561-K60 -K2681-K60 -K2821-K60 -K2102-K60 -K2122-K60 -K2152-K60 -K2182-K60 -K2222-K60 -K2272-K60 -K2332-K60 -K2392-K60 -K2472-K60 -K2562-K60 -K2682-K60 -K2822-K60 -K2103-K60 -K2123-K62 -K2153-K62 -K2183-K62 -K2223-K62
-K3471-K60 -K3561-K60 -K3681-K60 -K3821-K60 -K3102-K60 -K3122-K60 -K3152-K60 -K3182-K60 -K3222-K60 -K3272-K62 -K3332-K62 -K3392-K62 -K3472-K62
-K2102-K62 -K2122-K62 -K2152-K62 -K2182-K62 -K2222-K62 -K2272-K62 -K2332-K62 -K2392-K62 -K2472-K62 -K2562-K62 -K2682-K62 -K2822-K62 -K2103-K62 -K2123-K62 -K2153-K62 -K2183-K62 -K2223-K62 -K2273-K62 -K2333-K62 -K2393-K62 -K2473-K62
r r r r r r r r r r r r r r r r x x x q q
-K3102-K62
-K3122-K62
-K3152-K62 -K3182-K62 -K3222-K62 -K3272-K62 -K3332-K62 -K3392-K62 -K3472-K62 -K3562-K62 -K3682-K62 -K3822-K62 -K3103-K62
r r r r r r r x x x x q q
Chip thickness: r: 0,8 0,1 mm
x: 1,2 0,1 mm
q: 1,6 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37872-K2471-K60 For other available capacitance tolerances see page 27
Siemens Matsushita Components
39
Ordering codes for X7R/B characteristic, 25 V/50 Vdc, AgNiSn terminations, bulk case packing Size 0603 25 V 0603 50 V 0805 50 V B37941r r r r r r r r r r r r r r r r r r r r r
1206 50 V B37872-
VR CR
220,0 pF 270,0 pF 330,0 pF 390,0 pF 470,0 pF 560,0 pF 680,0 pF 820,0 pF 1,0 nF 1,2 nF 1,5 nF 1,8 nF 2,2 nF 2,7 nF 3,3 nF 3,9 nF 4,7 nF 5,6 nF 6,8 nF 8,2 nF 10,0 nF 12,0 nF 15,0 nF 18,0 nF 22,0 nF 27,0 nF 33,0 nF 39,0 nF 47,0 nF
Ordering code 1) B37931B37931-K5221-K01 -K5271-K01 -K5331-K01 -K5391-K01 -K5471-K01 -K5561-K01 -K5681-K01 -K5821-K01 -K5102-K01 -K5122-K01 -K5152-K01 -K5182-K01 -K5222-K01 -K5272-K01 -K5332-K01 -K5392-K01 -K5472-K01 -K5562-K01 -K5682-K01 -K5822-K01 -K5103-K01
-K0472-K01 -K0562-K01 -K0682-K01 -K0822-K01 -K0103-K01 -K0123-K01 -K0153-K01 -K0183-K01 -K0223-K01
r r r r r r r r r
-K5471-K01 -K5561-K01 -K5681-K01 -K5821-K01 -K5102-K01 -K5122-K01 -K5152-K01 -K5182-K01 -K5222-K01 -K5272-K01 -K5332-K01 -K5392-K01 -K5472-K01 -K5562-K01 -K5682-K01 -K5822-K01 -K5103-K01 -K5123-K01 -K5153-K01 -K5183-K01
u u u u u u u u u u u u u u u u u u u u
-K5102-K01 -K5122-K01 -K5152-K01 -K5182-K01 -K5222-K01 -K5272-K01 -K5332-K01 -K5392-K01 -K5472-K01 -K5562-K01 -K5682-K01 -K5822-K01 -K5103-K01 -K5123-K01 -K5153-K01 -K5183-K01 -K5223-K01 -K5273-K01 -K5333-K01 -K5393-K01 -K5473-K01
u u u u u u u u u u u u u u u u u u u u u
Chip thickness: u: 0,6 0,1 mm
r: 0,8 0,1 mm
1) The tables contain the ordering codes for the standard capacitance tolerance: K = 10 %. Example: B37931-K0472-K01 For other available capacitance tolerances see page 27
40
Siemens Matsushita Components
Characteristics Capacitance change C/C25 versus temperature T Capacitance change C/C0 versus superimposed dc voltage V
Impedance |Z | versus frequency f
Dissipation factor tan versus temperature T
Siemens Matsushita Components
41
Jump to succeding page
Insulation resistance Rins versus temperature T
Capacitance change C/C1 versus time t
Rins
42
Siemens Matsushita Components
Multilayer Ceramic Capacitors
Chip capacitors (X7R) Tape packaging in acc. with IEC 286-3: Sizes 0603 to 1210 in 8-mm tape (cardboard tape = code "60", blister tape = code "62") Silver/nickel/tin termination Sizes 1812 and 2220 in 12-mm blister tape Silver palladium termination Ceramic material Rated voltage V R IEC climatic category Max. rel. capacitance change C/C 25 Dissipation factor tan Insulation resistance R is (at 25 C) Time constant (C R * R is; at 25 C) (whichever is lower) X7R 25 Vdc, 50 Vdc 55/125/56 15 % < 25 * 10-3 > 105 M or > 1000 s
Termination
Dimensions in mm Size 0603 0805 1206 1210 1812 2220
I
1,6 2,0 3,2 3,2 4,5 5,7 0,15 0,2 0,2 0,3 0,3 0,4
b
0,8 0,1 1,25 0,15 1,6 0,15 2,5 0,3 3,2 0,3 5,0 0,4
s
0,8 1,3 1,3 1,3 1,3 1,3 0,1 max. max. max. max. max.
k
1)
0,3 0,5 0,5 0,5 0,5 0,5
CR
nF
Ordering code
Min. qty.
Max. qty.
B37941; V R = 25 Vdc 68 100 B37941-K0683-K60 B37941-K0104-K62
Size 0805 8000 40000 6000 30000 Size 1206 6000 30000
Capacitance tolerance 10 %
B37872; V R = 25 Vdc 220 B37872-K0224-K62
Capacitance tolerance 10 %
CR
nF
Ordering code
Min. qty.
Max. qty.
B37931; V R = 50 Vdc 220 pF 330 pF 470 pF 680 pF 1,0 1,5 2,2 3,3 4,7 6,8 10 =
1) Tolerance as per CECC 32 101-801
Size 0603 8000 8000 8000 8000 8000 8000 8000 8000 8000 8000 8000 40000 40000 40000 40000 40000 40000 40000 40000 40000 40000 40000
Capacitance tolerance 10 %
B37931-K5221-K60 B37931-K5331-K60 B37931-K5471-K60 B37931-K5681-K60 B37931-K5102-K60 B37931-K5152-K60 B37931-K5222-K60 B37931-K5332-K60 B37931-K5472-K60 B37931-K5682-K60 B37931-K5103-K60
164
Siemens Matsushita Components


▲Up To Search▲   

 
Price & Availability of K2222-K60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X