Part Number Hot Search : 
AF82801 TMP88 D0Z14GN P50NE 2SA115 B12V114B GS1JE PE9104
Product Description
Full Text Search
 

To Download JTA1048D01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
10-20 Watts JTA Series
* * * * * * * 4:1 Input Range
xppower.com
-40 C to +100 C Operating Temperature Single & Dual Outputs Overvoltage & Overcurrent Protection UL Safety Approvals Remote On/Off 1500 VDC Isolation
Specification
Input
Input Voltage Range Input Current * 9-36 VDC 18-75 VDC * JTA10: 1.65 A max at 9 VDC input JTA15: 2.20 A max at 9 VDC input JTA20: 2.90 A max at 9 VDC input
General
Efficiency Isolation MTBF * See table * 1500 VDC Input to Output * 1,000 kHrs min per MIL-HDBK-217F
Environmental
Operating Temperature Case Temperature Cooling Operating Humidity Storage Temperature * * * * * -40 C to +100 C, see derating curve +100 C max Natural convection 5-95% RH, non-condensing -55 C to +105 C
Output
Output Voltage Output Voltage Trim Voltage Balance Minimum Load * * * * See table 10% (15 & 20 W models only) 1% max dual models, 100% load No minimum load required for single output models, 10% required for dual output models 1% max Single output models: 1% max Dual output models: 2% max for a 10-100% load change 2% Single output models: 50 mV pk-pk Dual output models: 75 mV pk-pk typical at 20 MHz BW 4% max deviation, recovery to within 1% in <500 s for a 25% load change 0.02%/C
EMC & Safety
Emissions * EN55022, level A conducted (below -25 C) level B conducted (-25 C to +100 C) See note 1. EN55022, level A radiated * EN61000-4-2, level 2 Perf Criteria A * EN61000-4-3 3 V/rms, Perf Criteria A * EN61000-4-6 3 V/m, Perf Criteria A * UL60950-1
Line Regulation Load Regulation
* *
Setpoint Accuracy Ripple & Noise
* *
ESD Immunity Radiated Immunity Conducted Immunity Safety Approvals
Transient Response Temperature Coefficient Overvoltage Protection Overcurrent Protection Remote On/Off
* *
* See table * Continuous with auto recovery * On = Logic High or Open Off = Logic Low or <1.8 V (15 & 20 W models only)
DC-DC
Models and Ratings
Input Voltage Maximum Power 6.6 10.0 10.0 10.0 W W W W Overvoltage Protection 3.9 6.8 15.0 18.0 V V V V Output V1 V Nom I Max 3.3 V 2.00 A 5.0 V 2.00 A 12.0 V 0.83 A 15.0 V 0.67 A 5.0 V 12.0 V 15.0 V 3.3 5.0 12.0 15.0 V V V V 1.00 A 0.42 A 0.33 A 2.00 2.00 0.83 0.67 A A A A -5.0 V -12.0 V -15.0 V 1.00 A 0.42 A 0.33 A Output V2 V Nom I Max 77% 79% 81% 81% -5.0 V -12.0 V -15.0 V 1.00 A 0.42 A 0.33 A 80% 80% 80% 78% 80% 82% 82% 81% 83% 83%
JTA10
Efficiency Model Number JTA1024S3V3 JTA1024S05 JTA1024S12 JTA1024S15 JTA1024D01 JTA1024D02 JTA1024D03 JTA1048S3V3 JTA1048S05 JTA1048S12 JTA1048S15 JTA1048D01 JTA1048D02 JTA1048D03
9-36 VDC
10.0 W 10.0 W 10.0 W 6.6 10.0 10.0 10.0 W W W W
6.8 V 15.0 V 18.0 V 3.9 6.8 15.0 18.0 V V V V
18-75 VDC
10.0 W 10.0 W 10.0 W
6.8 V 15.0 V 18.0 V
5.0 V 12.0 V 15.0 V
1.00 A 0.42 A 0.33 A
Notes
1. For EN55022 Level B performance below -25 C, a 100 F (24 VDC input), 22 F (48 VDC input) electrolytic capacitor is required across the input of the converter.
Mechanical Details
1.00 (25.4) 0.50 0.41 (12.7) (10.2) 0.20 (5.1) 0.22 (5.6)
0.60 ( 15.2) 2 2.00 0.80 (50.8) (20.3) 5 1
Bottom View 4 3 0.04 DIA (1.0)
Pin 1 2 3 4 5
PIN CONNECTIONS Single Output Dual Output +Input +Input -Input -Input +Output +Output No pin Common -Output -Output
All dimensions are in inches (mm) Weight: 0.06 lb (28 g) approx. Packaging Style: Copper case with non-conducting base
0.30 (7.6)
0.10 (2.5)
0.44 (11.14)
Application Notes
Derating Curve
12 W 10 W
LOAD (W)
8W 6W 4W 2W 0W -40
0
10
20
30
40
50
60
70
80
90
100
Ambient Temp ( C)
17.5 W
DC-DC
Models and Ratings
Input Voltage Maximum Power 10 15 15 15 W W W W Overvoltage Protection 3.9 6.8 15.0 18.0 V V V V Output V1 V Nom I Max 3.3 V 3.000 A 5.0 V 3.000 A 12.0 V 1.250 A 15.0 V 1.000 A 5.0 V 12.0 V 15.0 V 3.3 5.0 12.0 15.0 V V V V 1.500 A 0.625 A 0.500 A 3.000 3.000 1.250 1.000 A A A A -5.0 V -12.0 V -15.0 V 1.500 A 0.625 A 0.500 A Output V2 V Nom I Max 76% 80% 82% 82% -5.0 V -12.0 V -15.0 V 1.500 A 0.625 A 0.500 A 80% 82% 82% 76% 80% 82% 82% 80% 82% 82%
JTA15
Efficiency Model Number JTA1524S3V3 JTA1524S05 JTA1524S12 JTA1524S15 JTA1524D01 JTA1524D02 JTA1524D03 JTA1548S3V3 JTA1548S05 JTA1548S12 JTA1548S15 JTA1548D01 JTA1548D02 JTA1548D03
9-36 VDC
15 W 15 W 15 W 10 15 15 15 W W W W
6.8 V 15.0 V 18.0 V 3.9 6.8 15.0 18.0 V V V V
18-75 VDC
15 W 15 W 15 W
6.8 V 15.0 V 18.0 V
5.0 V 12.0 V 15.0 V
1.500 A 0.625 A 0.500 A
Notes
1. For EN55022 Level B performance below -25 C, a 220 F (24 VDC input), 47 F (48 VDC input) electrolytic capacitor is required across the input of the converter.
Mechanical Details
1.60 (40.6) 0.50 (12.7) 0.10 (2.5) 0.70 (17.8) 0.30 (7.6) 0.22 (5.6)
8
7
6
5
0.04 DIA (1.0)
2.00 (50.8) 1.80 (45.7)
12 W 10 W
LOAD (W)
Bottom View
Pin 1 3 4 5 6 7 8
PIN CONNECTIONS Single Output Dual Output On/Off control On/Off control -Vin -Vin +Vin +Vin Trim Trim -Vout -Vout +Vout Common No pin +Vout
8W
4
6W 4W 2W 0W -40
3
1
0.70 (17.8)
0.20 (5.1) 0.60 (15.2)
0.45 (11.43)
All dimensions are in inches (mm) Weight: 0.11 lb (50 g) approx. Packaging Style: Copper case with non-conducting base
0
10
20
30
40
50
60
70
80
90
100
Application Notes
Derating Curve
17.5 W 15 W 12.5 W
LOAD (W)
Ambient Temp ( C)
Output Trim
OUTPUT TRIM R Trim Down (k ) (6.180 - (12.10 x Vo))/Vo (5.788 - (10.57 x Vo))/Vo (86.496 - (60.10 x Vo))/Vo (150.000 - (87.00 x Vo))/Vo (430.000 - (120.00 x Vo))/Vo (743.000 - (177.00 x Vo))/Vo (68.296 - (48.10 x Vo))/Vo
10 W 7.5 W 5W 2.5 W 0W -40
Output Voltage 3.3 V 5.0 V 12.0 V 15.0 V 5.0 V 12.0 V 15.0 V
R Trim Up (k ) (3.484 - (7.511 x Vo))/Vo (5.788 - (8.250 x Vo))/Vo (19.763 - (14.366 x Vo))/Vo (25.585 - (14.516 x Vo))/Vo (42.141 - (13.793 x Vo))/Vo (56.644 - (17.647 x Vo))/Vo (20.657 - (19.500 x Vo))/Vo
Note: 1. Vo is the change in the trimmed output voltage from the nominal output voltage. Example: JTA1524S05 trimmed to 5.3 V
0 10 20 30 40 50 60 70 80 90 100
Ambient Temp ( C)
Vo = 5.0 - 5.3 = 0.3 VDC The equation is (5.788 - (8.25 x Vo))/Vo The value of resistor = (5.788 - (8.25 x 0.3))/0.3 = 11.04 K Connect the resistor between TRIM pin and -Vo pin.
24 W 20 W
A
W)
B
16 W
DC-DC
Models and Ratings
Input Voltage Maximum Power 13.2 20.0 20.0 20.0 W W W W Overvoltage Protection 3.9 6.8 15.0 18.0 V V V V Output V1 V Nom I Max 3.3 V 4.00 A 5.0 V 4.00 A 12.0 V 1.67 A 15.0 V 1.33 A 5.0 V 12.0 V 15.0 V 3.3 5.0 12.0 15.0 V V V V 2.00 A 0.83 A 0.67 A 4.00 4.00 1.67 1.33 A A A A -5.0 V -12.0 V -15.0 V 2.00 A 0.83 A 0.67 A Output V2 V Nom I Max 78% 81% 83% 83% -5.0 V -12.0 V -15.0 V 2.00 A 0.83 A 0.67 A 83% 83% 83% 78% 82% 84% 84% 84% 84% 84%
JTA20
Efficiency Model Number JTA2024S3V3 JTA2024S05 JTA2024S12 JTA2024S15 JTA2024D01 JTA2024D02 JTA2024D03 JTA2048S3V3 JTA2048S05 JTA2048S12 JTA2048S15 JTA2048D01 JTA2048D02 JTA2048D03
9-36 VDC
20.0 W 20.0 W 20.0 W 13.2 20.0 20.0 20.0 W W W W
6.8 V 15.0 V 18.0 V 3.9 6.8 15.0 18.0 V V V V
18-75 VDC
20.0 W 20.0 W 20.0 W
6.8 V 15.0 V 18.0 V
5.0 V 12.0 V 15.0 V
2.00 A 0.83 A 0.67 A
Notes
1. For EN55022 Level B performance below -25 C, a 220 F (24 VDC input), 47 F (48 VDC input) electrolytic capacitor is required across the input of the converter.
12 W
Mechanical Details 10 W
LOAD (W)
8W 6W 4W 2W 0W -40
1.60 (40.6) 0.50 (12.7) 0.10 (2.5) 0.70 (17.8) 0.30 (7.6) 0.22 (5.6)
8
0 10 20 30 40
7
50
6
60 70
5
80 90 100
0.04 DIA (1.0)
Ambient Temp ( C)
2.00 (50.8)
17.5 W 15 W 12.5 W
LOAD (W)
1.80 (45.7)
Bottom View
Pin 1 3 4 5 6 7 8
PIN CONNECTIONS Single Output Dual Output On/Off control On/Off control -Vin -Vin +Vin +Vin Trim Trim -Vout -Vout +Vout Common No pin +Vout
10 W
4
7.5 W 5W 2.5 W 0W -40
3
1
0.70 (17.8)
0.20 (5.1) 0.60 (15.2)
0.45 (11.43)
All dimensions are in inches (mm) Weight: 0.11 lb (50 g) approx. Packaging Style: Copper case with non-conducting base
0
10
20
30
40
50
60
70
80
90
100
Application Notes ( C) Ambient Temp
Derating Curve
24 W 20 W
Output Trim
OUTPUT TRIM R Trim Down (k ) (6.180 - (12.10 x Vo))/Vo (5.788 - (10.57 x Vo))/Vo (86.496 - (60.10 x Vo))/Vo (150.000 - (87.00 x Vo))/Vo (430.000 - (120.00 x Vo))/Vo (743.000 - (177.00 x Vo))/Vo (68.296 - (48.10 x Vo))/Vo
A
LOAD (W)
B
16 W 12 W 8W 4W 0W -40
Model Number 3.3 V 5.0 V 12.0 V 15.0 V 5.0 V 12.0 V 15.0 V
R Trim Up (k ) (3.484 - (7.511 x Vo))/Vo (5.788 - (8.250 x Vo))/Vo (19.763 - (14.366 x Vo))/Vo (25.585 - (14.516 x Vo))/Vo (42.141 - (13.793 x Vo))/Vo (56.644 - (17.647 x Vo))/Vo (20.657 - (19.500 x Vo))/Vo
0
10
20
30
40
50
60
70
80
90
100
Note: 1. Vo is the change in the trimmed output voltage from the nominal output voltage. Example: JTA2024S05 trimmed to 5.3 V Vo = 5.0 - 5.3 = 0.3 VDC The equation is (5.788 - (8.25 x Vo))/Vo The value of resistor = (5.788 - (8.25 x 0.3))/0.3 = 11.04 K Connect the resistor between TRIM pin and -Vo pin.
Ambient Temp ( C)
Curve A: Convection cooling 100% load at +60 C to 0% load at +100 C Curve B: 150 LFM airflow 100% load at +70 C to 0% load at +100 C
16-May-07


▲Up To Search▲   

 
Price & Availability of JTA1048D01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X