Part Number Hot Search : 
2SC17 SRA2202S XGXXX 1000AM 1N5407 1N5407 MK105 X9801406
Product Description
Full Text Search
 

To Download JS0308PP4-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature Slide & Piano DIP
Series JS
Distinctive Characteristics
Slide type and piano type actuators available. Twin sliding contact mechanism with self-cleaning action (JS01) provides smooth actuation and produces high contact reliability.
Gold plated contacts prevent oxidation and sulfide effect and provide stable contact resistance.
Use of self-extinguishing UL94V-0 certified material in cover and base provides high arc resistance and high insulation resistance.
Slanted terminals ensure secure PCB mounting and prevent dislodging during wave soldering.
Terminal spacing conforms to standard .100" (2.54mm) PCB grid.
End-to-end stackable.
Actual Sizes
JS01
JS03
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
Series JS
General Specifications
Electrical Capacity (Resistive Load)
Switching Rating: Nonswitching Rating: 25mA @ 24V DC 0.1A @ 50V DC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Total Travel:
50 milliohms maximum 100 megohms minimum @ 500V DC 500V AC minimum for 1 minute minimum 2,000 operations minimum 2,000 operations minimum For slide actuator: .031" (0.8mm); for piano actuator: .114" (2.9mm)
Materials & Finishes
Actuator: Cover: Base: Contacts: Terminals:
JS01 Slide DIP Glass fiber reinforced polyamide Glass fiber reinforced polyamide (UL94V-0) Glass fiber reinforced polyamide (UL94V-0) Beryllium copper with gold plating Brass with gold plating
JS03 Piano DIP Glass fiber reinforced PBT Glass fiber reinforced PBT (UL94V-0) Glass fiber reinforced PBT (UL94V-0) Phosphor bronze with gold plating Phosphor bronze with gold plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-25C through +70C (-13F through +158F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Cleaning:
Wave Soldering Recommended. See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Note: Switches are packaged in OFF position and should be soldered in OFF position. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognition or CSA Certification:
UL 94V-0 rated cover & base The JS series devices have not been tested for UL recognition and CSA certification. These switches are designed for use in a low-voltage, low-current circuit. When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
TYPICAL SWITCH ORDERING EXAMPLE
Series JS
JS
01
08
A
P4
S
MOUNTING
01 03 Through-hole for Slide Actuator Through-hole for Piano Actuator A P
ACTUATOR
Extended Slide for 01 Mounting Code Piano for 03 Mounting Code S
PACKAGING
Stick-Tube Not available in bulk
NO. OF POSITIONS
04 08 4 Positions 8 Positions
CONTACT MATERIAL & RATING
P4 Gold Rated 25mA @ 24V DC
JS slides are SPST devices with OFF-ON circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JS0108AP4-S
SPST OFF-ON Circuit with 8 Positions Gold Contacts with 25mA Rating
Extended Slide Actuator
Through-hole Mounting for Slide Actuator Stick-Tube Packaging
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
TYPICAL SWITCH DIMENSIONS
4 Positions
ON
Series JS
Slide Actuator
(6.2) .244
1 2 3 4
(1.8) .071
(11.1) .437
(0.8) Travel .031
(0.3) .012
5 6 7 8
(2.54) Typ .100
1
(7.62) .300
2
3
4
(1.1) Typ .043 (3.5) .138
(9.0) .354 (1.0) .039 (0.6) .024 (2.54) Typ .100
1 2 3 4
5
(0.8) Dia Typ .031
6
7
8
(3.5) .138
(7.62) .300
(0.5) Typ .020
JS0104AP4
(7.62) .300
End View
Schematic
8 Positions
ON
Slide Actuator
(6.2) .244
1 2 3 4 5 6 7 8
(1.8) .071
(21.26) .837
(0.8) Travel .031
(0.3) .012
9 10 11 12 13 14 15 16
(2.54) Typ .100
1
(7.62) .300
2
3
4
5
6
7
8
(1.1) Typ .043 (3.5) .138
(9.0) .354 (1.0) .039 (0.6) .024
1 2 3 4 5 6 7 8
9 10 11 12 13 14 15 16
(0.8) Dia Typ .031
(3.5) .138
(17.78) .700
(0.5) Typ .020
JS0108AP4
(17.78) .700
(2.54) Typ .100
End View
Schematic
(2.54) Typ .100
5 6 7 8
4 Positions
(1.4) Typ .055 (9.2) .362 (3.7) .146
Piano Actuator
(12.15) .478 (8.8) .346
(7.62) .300
1 2 3 4
1234 ON
(2.9) .114
(7.62) .300
(1.0) Dia Typ .039
(0.2) Typ .008 (0.6) Typ .024 (2.54) Typ .100 (7.62) .300 (10.6) .417 (7.62) .300 (11.34) .446
1
2
3
4
5
6
7
8
JS0304PP4
Schematic
8 Positions
(1.4) Typ .055 (9.2) .362 (3.7) .146
Piano Actuator
(12.15) .478 (8.8) .346
9 10 11 12 13 14 15 16
(2.54) Typ .100 (7.62) .300
1 2 3 4 5 6 7 8
12345678 ON
(2.9) .114
(17.78) .700
(1.0) Dia Typ .039
(0.2) Typ .008 (0.6) Typ .024 (2.54) Typ .100 (7.62) .300 (10.6) .417 (17.78) .700 (21.5) .846
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
JS0308PP4
Schematic
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Ultra-Miniature Slide & Piano DIP
PACKAGING S
Stick-Tube Packaging Switches are not available in bulk and must be ordered in increments of: Slide Actuator JS0104AP4-S: 46 pieces per stick-tube JS0108AP4-S: 24 pieces per stick-tube Piano Actuator JS0304PP4-S: 44 pieces per stick-tube JS0308PP4-S: 23 pieces per stick-tube Switches are packaged in OFF position.
Series JS
Stick-Tube Dimensions for Slide Actuator JS0104AP4-S & JS0108AP4-S
Stick-Tube Dimensions for Piano Actuator JS0304PP4-S & JS0308PP4-S
(11.0) .433
(16.0) .630
(12.0) .472
(530.0) 20.866
(14.0) .551
(530.0) 20.866
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07


▲Up To Search▲   

 
Price & Availability of JS0308PP4-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X