Part Number Hot Search : 
TC74VH M29F100 ML9XX15 E003205 PTM120 MBJ20 RSB18V 2N6072
Product Description
Full Text Search
 

To Download IH0503S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
2 Watts IH Series
* * * * * * * Dual Output SIP or DIP Package Industry Standard Pinout 1000 VDC Isolation
xppower.com
Optional 3000-6000 VDC Isolation Short Circuit Protection -40 C to +85 C Operation
Specification
Input
Input Voltage Range Input Current (no load) Input Reflected Ripple Input Reverse Voltage Protection * * * * Nominal 10% See table 20 mA rms None
Input Voltage No Load Input Current 30 30 30 30 30 30 20 20 20 20 20 20 10 10 10 10 10 10 6 6 6 6 6 6 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V V V V V V V Output Current(3) 200 200 111 84 66 42 200 200 111 84 66 42 200 200 111 84 66 42 200 200 111 84 66 42 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency 65% 72% 77% 78% 80% 80% 67% 75% 77% 82% 82% 82% 68% 75% 80% 82% 82% 82% 60% 73% 77% 80% 80% 80% Model Number(1,2) IH0503S IH0505S IH0509S IH0512S IH0515S IH0524S IH1203S IH1205S IH1209S IH1212S IH1215S IH1224S IH2403S IH2405S IH2409S IH2412S IH2415S IH2424S IH4803S IH4805S IH4809S IH4812S IH4815S IH4824S
5 VDC
Output
Output Voltage Minimum Load Line Regulation Load Regulation * * * * See table None(6) 1.2%/1% Vin 10% 20-100% load change (3.3 V models 20%) 5% 60 mV pk-pk 0.02%/C 1 s max 470 F
12 VDC
Setpoint Accuracy * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Maximum Capacitive * Load
24 VDC
48 VDC
General
Efficiency Isolation Voltage Isolation Capacitance Switching Frequency MTBF * See table * 1000VDC (for higher isolation options - see note 2) * 60 pF typical * Variable * >1 MHrs
Available from Farnell, see pages 204-206.
Mechanical Details
SIP Package
0.78 (19.81) max 0.01 (0.25) max
+Vin -Vin -Vout 0V +Vout
DIP Package
0.80 (20.32) max 0.30 (7.62) max
-Vin NC
Environmental
Operating Temperature Storage Temperature Case Temperature Cooling * * * * -40 C to +85 C -40 C to +125 C 100 C max Convection-cooled
0.09 (2.29)
0.50 (12.7)
0.30 (7.62)
+Vin -Vout
0.40 (10.16) max 0.01 (0.25)
+Vout 0V
1000 V Versions
0.60 (15.24)
0.40 (10.16) max 0.10 (2.54) max 0.80 (20.32) max 0.30 (7.62) max 0.30 (7.62)
-Vin NC
0.28 (7.11)(4) max
Notes
1. For DIP package, replace `S' with `D' in model number. 2. Add suffix `-H' to model number for 3000 VDC isolation. For higher VDC isolation, add suffix `-Hx' to model number where x=4 for 4000 VDC isolation, x=5 for 5200 VDC isolation and x=6 for 6000 VDC isolation. 3. Outputs will power-trade. 4. 0.31" (9.65 mm) for all `-Hx' versions. 5. All dimensions in inches (mm). 6. Operation at no load will not damage unit but it may not meet all specifications.
0.12 (3.05) min
0.10 (2.54) 0.78 (19.81) max
0.015 (0.38)
0.01 (0.25) max
+Vin -Vin -Vout 0V +Vout
0.40 (10.16) max 0.01 (0.25)
0.09 (2.29)
0.60 (15.24)
+Vin
-Vout 0V +Vout
3000 V Versions
0.60 (15.24)
19-Nov-08


▲Up To Search▲   

 
Price & Availability of IH0503S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X