|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IFC-0805 Vishay Dale High Q/SRF, Low Value Chip Inductors FEATURES * * * * * High reliability Surface mountable High self-resonant frequency RoHS 2 % tolerance available COMPLIANT Temperature range: - 40 C to + 125 C (no load) - 40 C to + 85 C (full rated current) * Lead (Pb)-free terminations and RoHS compliant STANDARD ELECTRICAL SPECIFICATIONS L Q 100 MHz L 100 MHz (nH) TOL. (Typ.) 18 0.3 nH 1.5 12 0.3 nH 1.8 12 0.3 nH 2.2 12 0.3 nH 2.7 12 5 %, 10 % 3.3 5 %, 10 % 15 3.9 5 %, 10 % 15 4.7 5 %, 10 % 13 5.6 5 %, 10 % 14 6.8 5 %, 10 % 15 8.2 5 %, 10 % 13 10 5 %, 10 % 14 12 5 %, 10 % 15 15 5 %, 10 % 5 %, 10 % 14 18 5 %, 10 % 16 22 5 %, 10 % 16 27 5 %, 10 % 16 33 5 %, 10 % 18 39 5 %, 10 % 17 47 L, Q, SRF measured on HP-4291A and HP-8753D * 500 MHz MODEL IFC-0805 Q 800 MHz (Typ.) 57 45 45 46 46 55 53 53 53 50 48 48 48 48 39 41 39* 32* 30* Q 1700 MHz (Typ.) 125 58 68 71 67 80 78 80 65 77 67 68 59 48 - - - - - SRF MHz (Typ.) > 15 000 > 15 000 > 15 000 12 000 11 000 9000 7000 6500 4800 3600 3500 3400 3100 2550 1750 1600 1300 1200 1060 DCR Ohms (Max.) 0.04 0.06 0.09 0.11 0.13 0.13 0.16 0.17 0.20 0.25 0.36 0.41 0.49 0.69 0.70 0.95 1.1 1.1 1.2 RATED DC CURRENT (mA) 1000 1000 1000 1000 1000 500 500 500 500 500 500 500 400 400 400 300 300 300 300 PERFORMANCE GRAPHS: INDUCTANCE AND Q VS FREQUENCY 100 90 80 70 60 50 40 30 20 10 0 10 3.3 6.8 DIMENSIONS in inches [millimeters] D Q B 27 47 100 1000 FREQUENCY (MHz) 10 000 A 1000 47 27 INDUCTANCE (nH) 100 C 10 6.8 3.3 1 10 100 1000 FREQUENCY (MHz) 10 000 MODEL A B C D 0.015 Max. [0.38 Max.] 0.079 0.006 0.049 0.006 0.020 0.006 IFC-0805 [2.00 0.15] [1.25 0.15] [0.50 0.15] DESCRIPTION IFC-0805 MODEL 10 nH INDUCTANCE VALUE 5% INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JEDEC LEAD (Pb)-FREE STANDARD GLOBAL PART NUMBER I F C 0 8 SIZE 0 5 E R 1 0 N J TOL. PRODUCT FAMILY PACKAGE CODE INDUCTANCE VALUE Document Number: 34133 Revision: 10-Aug-06 For technical questions, contact: magnetics@vishay.com www.vishay.com 87 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of IFC-0805 |