Part Number Hot Search : 
CM160 BAV21W 74HCT13 L9765 TN7272 2SC4311 10294 4054B
Product Description
Full Text Search
 

To Download IECJ1080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC INLET/OUTLET
Adam Technologies, Inc.
INTRODUCTION: Adam Tech IEC & Mini IEC Series AC Inlets and Outlets are primary power receptacles designed, manufactured, tested and approved to UL, CSA, VDE and other applicable international specifications including IEC-60320 and CEE-22. Adam Tech offers a wide variety of body styles, shapes and orientations to accommodate most class I & II applications with two or three blade contacts in both IEC and Mini-IEC configurations. Mounting choices include screw holes and snap-in versions and four termination styles. Options of ganged ports or receptacle with integral fuse holder are also available. FEATURES: IEC & Mini-IEC types IEC-60320, CEE-22 Compliant UL, CSA and VDE approved Multitude of Body Styles Choice of terminations Option of Integral Fuse Holder MATING CONNECTORS: Adam Tech PC series power cords and all standard international IEC 60320 power supply cords. SPECIFICATIONS: Material: Insulator: Polycarbonate or Nylon 66, glass filled, rated UL94V-0 Insulator Color: Black Contacts: Phosphor Bronze or Brass Plating: Nickel over copper underplate. (Solder terminals: Tin over copper underplate) Electrical: Operating Voltage: 250V AC Current Rating: IEC - UL & CSA: 15 Amps Max, VDE: 10 Amps Max. Mini IEC - UL, CSA & VDE 2.5 Amps Max. Insulation Resistance: 100 M Min. @ 500V DC Dielectric Withstanding Voltage: 2000V AC for 1 Minute Temperature Rating: Operation Temperature: -25C ~ +70C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File Nos. E224050, E224051, E224052 CSA Certified File No. LR226373
IEC 320 & MINI IEC CONNECTORS
IEC SERIES
ORDERING INFORMATION IEC
SERIES INDICATOR
IEC = International inlet/outlet
A
1
TERMINALS
1 = .187" Quickconnect terminals 2 = .250" Quickconnect terminals 3 = Solder terminals .157" [4.0mm] 4 = Right Angle PCB mount 5 =Solder Terminals .098" [2.5mm]
150
PANEL THICKNESS (for body styles C, D & J only)
Blank = Universal Snap 080 = 0.8mm Panel 120 = 1.2mm Panel 150 = 1.5mm Panel 200 = 2.0mm Panel 300 = 3.0mm Panel
BODY STYLE
A B C D E F G HS HR J NA NB NB-A NC NC-A ND NF NH NH-A GS FS = Male Inlet, Screw-on panel mount = Female Outlet, Screw-on panel mount = Male Inlet, Snap-in panel mount = Female Outlet, Snap-in panel mount = Male Inlet, Right Angle PC board mount with mounting flange (Specify EW, EX, EY or EZ) = Male Inlet, Screw on panel mount with 5 x 20mm fuse holder = Male Inlet, Snap-in panel mount with 5 x 20mm fuse holder = Inlet/Outlet, snap-in panel mount = Inlet/outlet, snap-in panel mount, right angle PCB mount = Male inlet, right angle PCB & tail with snap-in panel mounting = Mini-IEC right angle, snap-in = Mini-IEC right angle, slide-in = Mini-IEC right angle, slide-in with pegs = Mini-IEC right angle, with flush flange = Mini-IEC right angle, with extended face = Mini-IEC right angle, with enclosed body = Mini-IEC right angle, polarized with flange = Mini-IEC right angle, with ground pin = Mini-IEC right angle, flange mount with ground pin = Fused inlet with switch snap in panel mount = Fused inlet with switch screw on panel mount
Pb
RoHS
COMPLIANT 2002 / 95 / EC
DB12
RoHS
COMPLIANT
OPTIONS: K = Keyed for 120 C (Body Styles A, C, E & J) M = Female outlet, 20 AMP, Flanged N = Male inlet, 20 AMP, Snap-In
148
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM


▲Up To Search▲   

 
Price & Availability of IECJ1080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X