Part Number Hot Search : 
144SU01 00095 MP7610BP 45DB081 R1040X MA46451 MDIN03K R1040X
Product Description
Full Text Search
 

To Download HVI12-03030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES HVI12 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES LOW-PROFILE PCB FORMAT MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac. Rating 100 to 240Vac. Input Connector: Molex 5045-NA or JST B3B-XH-A. Input Frequency: 47-63Hz. Inrush Current: Typ. 20A @230Vac. Input Current: Typ. 0.34A @115Vac, 0.17A @ 230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR PUB.22 & FCC Class B. Hold-up Time: Typ. 10mS @115Vac, 40mS @230Vac. Earth leakage: Typ. 0.3mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 10-12 Watts. Output Connector: Molex 5045-NA or JST B3B-XH-A. Line Regulation: Typ. 0.1%. Load Regulation: Main VO1 typ. 1-2.0%. Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main output VO1 (Zener diode). Adjustability: Available at main output VO1. Overload Protection (OLP):. Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 70-75%. Switching Frequency: Typ. 45K Hz. Circuit Topology: Fixed frequency flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I. Operating Temperature: 0 to +50C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: Free air convection. Construction: PCB open frame format. Power Density: 2.4 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.
-3-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
DEFINED OUTPUT VOLTAGE (Vdc) 3.0 Vdc Any Voltage 24.0 Vdc OUPUT VOLTAGE (Vdc) / CURRENT (A) 3.0-4.0V/ 3.0-2.7A, 4.1-5.0V/ 2.6-2.4A, 5.1-6.0V/2.3-2.0A, 6.1-7.0V/ 1.9-1.7A, 7.1-8.0V/ 1.6-1.5A, 8.1-9.0V/ 1.4-1.3A, 9.1-10.0V/ 1.3-1.2A, 10.1-11.0V/ 1.1-1.0A, 11.1-12.0V/ 1.0A, 12.1-13.3V/ 0.9A, 13.4-15.0V/ 0.8A, 15.1-17.1V/ 0.7A, 17.2-20.0V/ 0.6A, 20.1-24.0V/0.5A, 24.0V/ 0.6A.
Note: Refer to the upper chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO. HVI12-03030 HVI12-03329 HVI12-05024 HVI12-09013 HVI12-12010 HVI12-15008 HVI12-18006 HVI12-24005 HVI12-24006
Symbol: "" OVP built-in.
MAIN VO1 @ Volt. 3.0V 3.3V 5.0V 9.0V 12.0V 15.0V 18.0V 24.0V 24.0V
"@" Adjustable.
Typ. 3.0A 2.9A 2.4A 1.3A 1.0A 0.8A 0.6A 0.5A 0.6A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 54.0g (1.9 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT CONNECTOR & PIN # AC-LINE P1-L AC-NEUTRAL P1-N AC-GROUND P1-G SINGLE OUTPUT VO1 P2-2 DC COM P2-1
Mating connector: Molex 5051-N/ JST XHP-3.
-4-


▲Up To Search▲   

 
Price & Availability of HVI12-03030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X