Part Number Hot Search : 
F256C 105KHV3K AD624BD A103M SBL1040 OP18305 AD624BD 4HCT3
Product Description
Full Text Search
 

To Download HT102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIA Class 2 Temperature/ Frequency Stable Ceramic Capacitors
Highlights
* * * Provides exceptional stability where minimum variation in capacitance is required Conformally Coated Radial Leads
Specifications
Capacitance Range: Voltage Range: Tolerance: Operating Temperature Range: Lead Lenght: Insulation Resistance: Power Factor @ 1000 Hz: Breakdown Voltage: 100 pF to 10,000 pF 500 and 1,000 VDC 10% -30 C to +85 C 1 inch minimum 10,000 megohms (min) 1.5% Max 2.5 x rated(5 seconds Max)
Ratings
Size (inches) Part Capacity Temp Number pF Tol Coef SM151K SM221K SM391K SM471K SM561K SM681K SM102K SM222K SM472K SM682K 150 220 390 470 560 680 1,000 2,200 4,700 6,800 D T S d Size (Millimeters) D T S d Part Capacity Temp Number pF Tol Coef SP101K SP151K SP181K SP221K SP271K SP331K SP391K SP471K SP561K SP681K SP102K SP152K SP182K SP222K SP272K SP392K SP472K 100 150 180 220 270 330 390 470 560 680 1,000 1,500 1,800 2,200 2,700 3,900 4,700 D Size (inches) T S d Size (Millimeters) D T S d
500 WVDC 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 10% Y5E .339 .157 .252 .025 8.6 4.0 6.4 0.65 10% Y5E .433 .157 .252 .025 11.0 4.0 6.4 0.65 10% Y5E .571 .157 .374 .025 14.5 4.0 9.5 0.65 10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65 10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65
1000 WVDC 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65 10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65 10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65 10% Y5E .374 .236 .252 .025 9.5 6.0 6.4 0.65 10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65 10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65 10% Y5E .492 .236 .252 .025 12.5 6.0 6.4 0.65 10% Y5E .590 .236 .374 .025 15.0 6.0 9.5 0.65 10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65 10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65
SM103K 10,000
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
EIA Class 2 Temperature/ Frequency Stable Ceramic Capacitors
High Voltage Highlights and Specifications
* * * Highly Efficient for Bypass and Coupling Applications Designed Around EIA Test Spec. RS-165ARadial Leads 100 pF to 10,000 pF 2,000 and 3,000 WVDC 10%. 20% -30 C to +85 C 1 inch minimum 10,000 megohms (min) 2.5% Max 2.5 x rated(5 seconds Max)
Capacitance Range: Voltage Range: Tolerance: Operating Temperature Range: Lead Length: Insulation Resistance: Power Factor @ 1000 Hz: Breakdown Voltage:
Ratings
Size (inches) Temp Part Capacity Number pF Tol Coef Size (Millimeters) Part Capacity Number pF Tol Temp Coef Size (inches) Size (Millimeters)
D
T
S
d
D
T
S
d
D
T
S
d
D
T
S
d
2000 WVDC HS102M 1,000 HS152M 1,500 HS222M 2,200 HS332M 3,300 HS472M 4,700 HS682M 6,800 HS103M 10,000 20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 20% Y5U** .433 .236 .252 .032 11.0 6.0 6.4 20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 3000 WVDC HT101K HT121K HT151K HT181K HT221K HT271K HT331K 100 120 150 180 220 270 330 10% 10% 10% 10% 10% 10% 10% Y5P Y5P Y5P Y5P Y5P Y5P Y5P .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 HT391K HT471K HT561K HT681K HT821K HT102K HT102M HT122K HT152K HT152M HT182K HT182M HT222K HT222M HT272K HT332K HT472M HT682M 390 470 560 680 820 1,000 1,000 1,200 1,500 1,500 1,800 1,800 2,200 2,200 2,700 3,300 4,700 6,800 10% 10% 10% 10% 10% 10% Y5P Y5P Y5P Y5P Y5P Y5P
3000 WVDC .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .394 .236 .374 .032 10.0 6.0 9.5 .433 .236 .374 .032 11.0 6.0 9.5 .433 .236 .374 .032 11.0 6.0 9.5 .590 .236 .374 .032 15.0 6.0 9.5 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
20% Y5U** .394 .236 .374 .032 10.0 6.0 9.5 10% 10% Y5P Y5P .590 .236 .374 .032 15.0 6.0 9.5 .590 .236 .374 .032 11.0 6.0 9.5
20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 10% Y5P .590 .236 .374 .032 15.0 6.0 9.5
20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 10% Y5P .787 .236 .374 .032 20.0 6.0 9.5
20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 10% 10% Y5P Y5P .787 .236 .374 .032 20.0 6.0 9.5 .787 .236 .374 .032 20.0 6.0 9.5
20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 20% Y5U** 0.787 .236 .374 .032 20.0 6.0 9.5
**Please note: Y5U Will no longer be available once stock is depleted. (2/23/05)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of HT102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X