Part Number Hot Search : 
18N50V YMD564 KS24C021 RFM7N40 DS2012SF LM618 FZT658 ADAS1128
Product Description
Full Text Search
 

To Download HPR110C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPR1XXC Series
0.75 Watt Single Output DC/DC Converters
FEATURES
Low Cost Multiple Package Styles Internal Input and Output Filtering Non-Conductive Case High Output Power Density: 10 Watts/Inch3 Extended Temperature Range: -25C to +85C Efficiency to 79% RoHS Compliant
The HPR1XXC Series uses advanced circuit design and packaging technology to deliver superior reliability and performance. A 170kHz push-pull oscillator is used in the input stage. Beat-frequency oscillation problems are reduced when using the HPR1XXC Series with high frequency isolation amplifiers. Reduced parts count and high efficiency add to the reliability of the HPR1XXC Series. The high efficiency of the HPR1XXC Series means less internal power dissipation, as low as 190mW. With reduced heat dissipation the HPR1XXC Series can operate at higher temperatures with no degradation. In addition, the high efficiency of the HPR1XXC Series means the series is able to offer greater than 10 W/inch3 of output power density. Operation down to no load will not impact the reliability of the series, although a >1mA minimum load is needed to realize published specifications. The HPR1XXC Series provides the user a low cost converter without sacrificing reliability. The use of surface mounted devices and advanced manufacturing technologies make it possible to offer premium performance and low cost.
SPECIFICATIONS All specifications are typical at TA = +25C nominal input voltage unless otherwise specified.
PRODUCT SELECTION CHART
MODEL HPR100C HPR101C HPR102C HPR103C HPR104C HPR105C HPR106C HPR107C HPR108C HPR109C HPR110C HPR111C HPR112C HPR113C HPR114C HPR115C HPR116C HPR117C HPR118C HPR119C HPR120C HPR121C HPR122C HPR123C NOMINAL INPUT VOLTAGE (VDC) 5 5 5 5 5 5 12 12 12 12 12 12 15 15 15 15 15 15 24 24 24 24 24 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 RATED OUTPUT CURRENT (mA) 150 62 50 75 30 25 150 62 50 75 30 25 150 62 50 75 30 25 150 62 50 75 30 25 INPUT CURRENT NO LOAD (mA) 20 20 20 20 20 20 10 10 10 10 10 10 8 8 8 8 8 8 8 8 8 8 8 8 RATED LOAD (mA) 216 212 212 218 212 200 90 81 81 88 81 81 72 72 72 72 63 63 48 48 45 45 45 45 REFLECTED RIPPLE CURRENT (mAp-p) 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 15 15 15 15 15 15 EFFICIENCY (%) 69 70 71 68 68 75 69 77 77 71 74 77 69 69 69 69 76 79 65 65 76 69 67 69
Note: Other input to output voltages may be available. Please contact Murata Power Solutions.
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR1xxC.BO1 Page 1 of 4
HPR1XXC Series
0.75 Watt Single Output DC/DC Converters
SPECIFICATIONS, ALL MODELS
PARAMETER
INPUT Voltage Range Specifications are at TA = +25C nominal input voltage unless otherwise specified.
CONDITIONS
MIN
TYP
MAX
UNITS
4.5 5 5.5 VDC 10.8 12 13.2 VDC 13.5 15 16.5 VDC 21.6 24 26.4 VDC Voltage Rise Time See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters" OUTPUT Rated Power 750 mW Voltage Setpoint Accuracy Rated Load, Nominal VIN 5 % Ripple & Noise BW = DC to 10MHz 150 200 mVp-p BW =10Hz to 2MHz 30 40 mVrms Voltage (Over Input Voltage Range) 1mA to Rated Current, VOUT = 5V 4.75 7 VDC 1mA to Rated Current, VOUT = 12V 11.40 15 VDC 1mA to Rated Current, VOUT = 15V 14.25 18 VDC Temperature Coefficent .01 .05 %/ C REGULATION Load Regulation (All other modes) Rated Load to 1mA Load 3 % GENERAL ISOLATION Rated Voltage 750 VDC Test Voltage 60 Hz, 10 Seconds 750 Vrms Resistance 10 G Capacitance 25 100 pF Leakage Current VISO= 240VAC, 60Hz 2 8.5 Arms Switching Frequency 170 kHz Frequency Change Over Line and Load 24 % Package Weight 3 g MTTF per MIL-HDBK-217, Rev. F* Circuit Stress Method Ground Benign TA = +25C 7.9 MHr Fixed Ground TA = +35C 1.9 MHr Naval Sheltered TA = +35C 1.2 MHr Airborne Uninhabited Fighter TA = +35C 300 kHr Moisture Sensitivity Level (MSL) IPC/JEDEC J-STD-20 2 TEMPERATURE Specification -25 +25 +85 C Operation -40 +100 C Storage -40 +110 C
GENERAL
OUTPUT
SOLDERING INFORMATION
The HPR1XXC devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device's plastic body will not be compromised and internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR1xxC.BO1 Page 2 of 4
HPR1XXC Series
0.75 Watt Single Output DC/DC Converters
TYPICAL PERFORMANCE CURVES
Specifications are at TA = +25C nominal input voltage and nominal load.
VOUT VS LOAD (5Vout Models) 5.7 5.5 Vout Vout 5.3 5.1 4.9 0 40 80 120 160 Output Current (mA) VOUT VS LOAD (12Vout Models) 12.6 12.5 12.4 Vout 12.3 12.2 12.1 12.0 0 10 20 30 40 Output Current each load (mA) Vout Vout 15.5 15.3 15.1 14.9 0 20 40 60 80 Output Current each load (mA) OSCILLATION FREQUENCY VS TEMPERATURE 220 Frequency (KHz) 200 180 160 140 80 100 -30 0 30 Temperature (C) 60 90 15.9 15.7 5.4 5.2 Vout 5.0 4.8 12.0 4.6 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) 16.5 16.0 15.5 15.0 14.5 14.0 13.5 0 0.2 0.4 0.6 0.8 1.0 Output Power each load (Watts) 11.9 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) VOUT VS LOAD (5Vout Models) 12.5 12.4 12.3 12.2 12.1 VOUT VS LOAD (12Vout Models)
EFFICIENCY VS LOAD 90 75 Efficiency (%) 60 45 30 15 0 0 20 40 60 % of Rated Load (%)
SAFE OPERATING AREA
600
LOAD CAPACITANCE vs INPUT RISE TIME (5 Vout models)
60
LOAD CAPACITANCE vs INPUT RISE TIME (15 Vout models)
500
50
Total Load Capacitance (uF)
Total Load Capacitance (uF)
400
40
300
30
SAFE OPERATING AREA
200
SAFE OPERATING AREA
20
100
10
0 0 5 10 15 20 25 30 35 Rise Time of Input Voltage (mS) 40 45 50
0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME (12 Vout models)
90
NOTES:
1.) When operated within the SAFE OPERATING AREA as defined by the above curves, the output voltage of HPR1XXC devices is guaranteed to be within 95% of its steady-state value within 100 milliseconds after the input voltage has reached 95% of its steady-state value. 2.) For dual output models, total load capacitance is the sum of the capacitances on the plus and minus outputs.
Total Load Capacitance (uF)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
SAFE OPERATING AREA
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR1xxC.BO1 Page 3 of 4
HPR1XXC Series
0.75 Watt Single Output DC/DC Converters
MECHANICAL
"SIP" PACKAGE/PINOUT
0.77+0.010" (19.56+0.25) 0.240+0.010" (6.09+0.25)
FRONT VIEW
1 2 4 *5 6
0.397+0.010" (10.16+0.25) 0.020+0.010" (0.51+0.25) 0.140" MIN (3.56) 0.02+0.002" (0.51+0.05) 0.18+0.015" (4.57+0.38)
RIGHT SIDE VIEW
Notes: All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015" MATERIAL: Lead material is phosphor bronze; lead finish is 100-300 microinches of matte tin over a nickel barrier layer of 5-40 microinches. *Common pin not present on single output models. PIN CONNECTIONS 1. +VIN 2. -VIN 4. -VOUT 5. COM* 6. +VOUT
0.01+0.002" (0.25+0.05) 0.035+0.015" (0.89+0.38)
BOTTOM VIEW
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation ........................................ 450mW Short Circuit Duration ................................................ Momentary
ORDERING INFORMATION
HPR Device Family HPR Indicates DC/DC Converter Model Number Selected from Table of Electrical Characteristics RoHS Compliant Version 1XX C
USA: UK: France: Japan:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
05/09/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR1xxC.BO1 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of HPR110C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X