Part Number Hot Search : 
0469PWR 2SC374 SDS20WK 9162B MM13204N MBR4060W EPF8147S TCM809RV
Product Description
Full Text Search
 

To Download HES16B-065250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES HES16B & HES16C SERIES
FEATURES:
LOW COST WALLMOUNT ADAPTER DIVERSE AC PLUGS AVAILABLE MEET DIVERSE SAFETY STANDARDS EMI MEET EN 55022 OR FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: HES16B typical 90-132Vac,rating 120Vac. HES16C typical180-264Vac,rating 230Vac. Input Connector: Wallmount Format. HES16B:WM1(U.S.2-blade)/WM2(U.S.3-blade). HES16C:WM3(Euro-stecker)/WM4(Schuko-stecker)/ WM5(UK)/WM5G(UK)/WM6,6G(Australia). Input Frequency: 47-63Hz. Inrush Current: HES16B: 18.0A @ 115Vac typical. HES16C: 28.0A @ 230Vac typical. (by thermister) Input Current: HES16B 0.234A @ 115Vac typical. HES16C 0.133A @ 230Vac typical. Dielectric Withstand: Meet IEC60950. EMI: Meet EN 55022 or FCC Class B. Hold-up Time: 27.6mS@115Vac/53.6mS@230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 16-18 Watts typical. Output Connector: Optional. Line Regulation: 0.65% typical. Load Regulation: 1.5% typical. Noise & Ripple: 1.0% typical peak to peak. OVP: Built-in, By Zener diode clamping. Adjustability: Factory set. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 120-150% max. load. Consult the factory for special OLP setting. Operating Temperature: 0 to +40C with no derating. Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04% /C typical. Cooling: Free air convection. Construction: Impact resistant thermo-plastic enclosure case. Wallmount format.
GENERAL SPECIFICATION
Efficiency: 80% typical. Switching Frequency: 65-75K Hz.@ full load typical. Circuit Topology: Free-running flyback circuit. Transient Response: Output voltage returns typ. 6mS. following a 25% load change. Safety Standard: UL1950/EN60950. Class I or II. Power Density: 1.45 Watts / Cubic inch.
NOTE:(1) All measurements are at nominal input, full load, and +25C. unless otherwise specified. (2) Load regulation is measured at 230Vac or 120Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (%). (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
For the details of safety approval, please consult the factory. Due to requests in market and advances in technology, specifications subject to change without notice.
-21-
MODEL NO. DESCRIPTION: HES16B or C - XXX YYY - S
AC PLUG TYPE: HES16B [1]WM1, [2]WM2 HES16C [3]WM3,[4]WM4,[5]WM5, [5G]WM5G,[6]WM6,[6G]WM6G OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (HiTRON External Switcher): About 16W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
HES16B-050300 HES16C-050300 HES16B-065250 HES16C-065250 HES16B-075200 HES16C-075200 HES16B-090200 HES16C-090200 HES16B-100150 HES16C-100150 HES16B-120150 HES16C-120150 HES16B-150120 HES16C-150120 HES16B-240075 HES16C-240075
AC INPUT
90-132Vac 180-264Vac 90-132Vac 180-264Vac 90-132Vac 180-264Vac 90-132Vac 180-264Vac 90-132Vac 180-264Vac 90-132Vac 180-264Vac 90-164Vac 180-264Vac 90-132Vac 180-264Vac
AC PLUG
WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G WM1/2 WM3/4/5/5G/6/6G
VOLTAGE(Vdc)
5.0V 5.0V 6.5V 6.5V 7.5V 7.5V 9.0V 9.0V 10.0V 10.0V 12.0V 12.0V 15.0V 15.0V 24.0V 24.0V
CURRENT
3.00A 3.00A 2.50A 2.50A 2.00A 2.00A 2.00A 2.00A 1.50A 1.50A 1.50A 1.50A 1.20A 1.20A 0.75A 0.75A
FORMAT
Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount Wallmount
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HES16B/C 150.0g (5.30 Oz.)
HES16B
HES16C
-22-


▲Up To Search▲   

 
Price & Availability of HES16B-065250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X