Part Number Hot Search : 
110CA ALE14B06 AR258 826701VT MA824 AN6295NK SI6975DQ R0800
Product Description
Full Text Search
 

To Download HAE75-24S05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard
Terminal Block
FEATURES * OUTPUT CURRENT UP TO 20A * 4:1 WIDE INPUT VOLTAGE RANGE * HIGH EFFICIENCY UP TO 90% * NO MINIMUM LOAD * SOFT-START * ADJUSTABLE OUTPUT VOLTAGE * UNDER-VOLTAGE LOCKOUT * INPUT REVERSE PROTECTION * INDUSTRY STANDARD HALF-BRICK FOOTPRINT * SIX-SIDED CONTINUOUS SHIELD * INPUT TO OUTPUT BASIC INSULATION * BUS TERMINAL BLOCK OPTION OPTIONS Positive logic remote ON/OFF Pin length Terminal block Heat-sink Terminal block with EMC Filter
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Distributed Power Architectures Semiconductor Equipment
DESCRIPTION HAE75W-SERIES DC/DC converters provide up to 75 watts of output power in an industry standard half-brick package and footprint. All models feature a wide input range, adjustable output voltage.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Voltage adjustability (Note 7) Minimum load Line regulation Load regulation Remote sense (Note 8) Ripple and noise Temperature coefficient Transient response recovery time Over voltage protection threshold Over current protection threshold Short circuit protection 25% load step change (Hiccup) 20MHz bandwidth LL to HL at FL No Load to Full Load Full load and Vin, nom
All specifications are typical at nominal input, full load and 25 otherwise noted
GENERAL SPECIFICATIONS
75 Watts, max. Efficiency 1% +10%, -20% 0% See table See table 10% of Vout, nom See table 0.02%/, max. 200S See table 2250 VDC, min. Isolation voltage 1600 VDC, min. 9 Isolation resistance 10 ohms, min. Isolation capacitance 2500pF, max. Switching frequency 300KHz, typ. Design meet safety standard IEC60950-1, UL60950-1, EN60950-1 Case material Metal Base material FR4 PCB Potting material Silicon (UL94-V0) 2.40 X 2.28 X 0.50 Inches Dimensions (61.0x57.9x12.7 mm) Weight 97g (3.42oz) 6 BELLCORE TR-NWT-000332 1.010 x 10 hrs MTBF (Note 1) 4 7.416 x 10 hrs MIL-HDBK-217F Input to Output (Basic insulation) Input (Output) to Case
115% ~ 130% of Vout, nom 110% ~ 140% of Iout Rated
ENVIRONMENTAL SPECIFICATIONS
Hiccup, automatics recovery Operating ambient Without Heat-sink -40 ~ +35 (without derating) temperature (Note10) +35 ~ +84 (with derating) INPUT SPECIFICATIONS (For 3.3,5,12,15Vout) With Heat-sink -40 ~ +49(without derating) 24V nominal input 9 - 36VDC (0.24" Height) +49~ +88 (with derating) Input voltage range 48V nominal input 18 - 75VDC Operating ambient Without Heat-sink -40 ~ +28 (without derating) 24V nominal input 8.5VDC temperature (Note10) +28 ~ +76 (with derating) Start-up voltage 48V nominal input 17.5VDC (For 24,28,48Vout) With Heat-sink -40 ~ +43(without derating) 24V nominal input 7.5VDC (0.24" Height) +43~ +82 (with derating) Shutdown voltage 48V nominal input 16VDC Maximum case temperature 105 Input filter (Note 14) Pi type Over temperature protection 115 Input surge voltage 100mS max 24V nominal input 50VDC Storage temperature range -55 to +125 48V nominal input 100VDC Thermal impedance without Heat-sink 6.7/watt Input reverse protection (Note 9) Parallel diode (Note 11) with 0.24" Height Heat-sink 5.4/watt with 0.45" Height Heat-sink 4.7/watt Vin, nom and Power up 25mS, typ. Start up time MIL-STD-810F constant resistive load Remote ON/OFF 25mS, typ. Thermal shock Remote ON/OFF (Note 6) Vibration MIL-STD-810F (Negative logic) (Standard) DC-DC ON Short or 0V < Vr < 1.2V Relative humidity 5% to 95% RH DC-DC OFF Open or 3V < Vr < 12V (Positive logic) (Option) DC-DC ON Open or 3V < Vr < 12V EMC CHARACTERISTICS(Note 12) DC-DC OFF Short or 0V < Vr < 1.2V EMI EN55022 Class A Input current of Remote control pin Vin(nom) -0.5mA ~ 1mA Air 8KV Remote off input current Vin(nom) 3mA ESD EN61000-4-2 Perf. Criteria A Contact 6KV Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient EN61000-4-4 2KV Perf. Criteria A Surge EN61000-4-5 1KV Perf. Criteria A Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A Page 1 of 5 Issued Date2009/01/13 1
Model Number
HAE75-24S3P3W HAE75-24S05W HAE75-24S12W HAE75-24S15W HAE75-24S24W HAE75-24S28W HAE75-24S48W HAE75-48S3P3W HAE75-48S05W HAE75-48S12W HAE75-48S15W HAE75-48S24W HAE75-48S28W HAE75-48S48W
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Current Input Current Output Line Load Output (4) (5) Eff (4) (3) (2) Voltage Min. load Full load Regulation Regulation Ripple & Noise No Load (%) Full Load
3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 28 VDC 48 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 28 VDC 48 VDC 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 20 A 15 A 6.3 A 5A 3.2 A 2.7 A 1.6 A 20 A 15 A 6.3 A 5A 3.2 A 2.7 A 1.6 A 7mV 10mV 24mV 30mV 48mV 56mV 96mV 7mV 10mV 24mV 30mV 48mV 56mV 96mV 10mV 15mV 30mV 38mV 48mV 56mV 72mV 10mV 15mV 30mV 38mV 48mV 56mV 72mV 75mVp-p 75mVp-p 100mVp-p 100mVp-p 200mVp-p 200mVp-p 300mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 200mVp-p 200mVp-p 300mVp-p 100mA 185mA 185mA 185mA 85mA 85mA 85mA 80mA 90mA 90mA 90mA 50mA 50mA 50mA 3.216 A 3.613 A 3.642 A 3.613 A 3.743 A 3.684 A 3.743 A 1.590 A 1.766 A 1.780 A 1.786 A 1.850 A 1.821 A 1.871 A 87 88 88 88 87 87 87 88 90 90 89 88 88 87
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40. MIL-HDBK-217F Notice2 @Ta=25, Full load(Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. The ripple and noise of output voltage 48V is measured with a 2.2F/100V X7R MLCC; The ripple and noise of other output voltage is measured with a 4.7F/50V X7R MLCC. 6. The remote ON/OFF control pin voltage is referenced to -Vin. The positive logic and pin length are optional. To order positive logic ON-OFF control add the suffix -P (Ex: HAE75-48S05W-P). (100 + % ) - (100 + 2% ) K V 7. Output voltage is adjustable for 10% trim up or -20% trim down of nominal output voltage RU = OUT 1.225 % % by connecting a single resistor between TRIM and +SENSE pins for trim up or between TRIM and -SENSE pins for trim down. To calculate the value of the resistor RU and RD 100 RD = - 2 K for a particular output voltage uses the following equation: %
8. Maximum output deviation is +10% inclusive of remote sense. If remote sense is not being used, the +SENSE should be connected to its corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding -OUTPUT. 9. Internal fusing is not included, so we suggest to use an input line fuse. 10. Test condition with vertical direction by natural convection (20LFM). 11. Heat sink is optional and P/N: 7G-0021A-F , 7G-0022A-F , 7G-0023A-F , 7G-0024A-F. 12. The HAE75W series meets EMC characteristics only with external components connected before the input pin to the converter. If customer only need to meet EN61000-4-4 and EN61000-4-5, an external input filter capacitor is required The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F /100V, ESR 48m. 13. CASE GROUNDINGWhen you connect the case pin and the four screw bolts to shield plane, the EMI could be better reduced. 14. An external input capacitor is recommended for 24Vin model. Power Mate suggest: 4.7F/50V X7R MLCC or Nippon chemi-con KY series, 68F /100V, ESR 110m or better capacitor. For terminal block version, the capacitor has included in as standard, it isn't required external capacitor.
HAE75-48S05W Derating Curve With 0.24" Height Heat-sink (Note 11 )
OUTPUT POWER (%)
OUTPUT POWER (%)
100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 -40 -20 0 20 40 60 80 100
Natural convection (20LFM) 100LFM 200LFM 300LFM 400LFM 500LFM
HAE75-48S05W Derating Curve
OUTPUT POWER (%)
100 80 60 40 20 0
Natural convection (20LFM) 100LFM 200LFM 300LFM 400LFM 500LFM
HAE75-48S05W Derating Curve With 0.45" Height Heat-sink (Note 11 )
100 80 60 40 20 0 -40 -20 0 20 40 60 80 100
Natural convection (20LFM) 100LFM 200LFM 300LFM 400LFM 500LFM
AMBIENT TEMPERATURE ()
AMBIENT TEMPERATURE ()
AMBIENT TEMPERATURE ()
92 90
HAE75-48S05W Efficiency VS Input Voltage
100 95 90 85 80 75 70 65 60 55 50
HAE75-48S05W Efficiency VS Output Load
EFFICIENCY(%)
88 86 84 82 80 18 24 30
INPUT VOLTAGE (V)
36
42
48
54
60
66
72
EFFICIENCY(%)
10
20
30
OUTPUT LOAD (% of Full Load)
40
50
60
70
80
90
100
Page 2 of 5
Issued Date2009/01/13
2
EMI Filter For EN55022 Class B Recommendation
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows: C1,C5 HAE75-24SXXW 100F/50V HAE75-48SXXW 100F/100V C2,C3,C4,C6,C7 4.7F/50V 1812 MLCC 2.2F/100V 1812 MLCC C8 1000pF/3KV 1808 MLCC 1000pF/3KV 1808 MLCC C9 1000pF/3KV 1808 MLCC 4700pF/3KV 1812 MLCC C10,C11,C12,C13 10nF/2KV 1812 MLCC 10nF/2KV 1812 MLCC C14,C15 1000pF/3KV 1808 MLCC 1000pF/3KV 1808 MLCC L1 Common Choke PMT-073 305H Common Choke PMT-064 1400H L2 Common Choke PMT-073 305H Common Choke PMT-072 156H
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 5
Issued Date2009/01/13
3
Mechanical Drawing
PIN CONNECTION
PIN 1 2 3 4 5 6 7 8 9 Define - INPUT CASE CTRL + INPUT - OUTPUT - SENSE TRIM + SENSE + OUTPUT Diameter 0.04 Inches 0.04 Inches 0.04 Inches 0.04 Inches 0.08 Inches 0.04 Inches 0.04 Inches 0.04 Inches 0.08 Inches
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
TRIM UP
TRIM DOWN
1. Pin 1,2,3,4,6,7,8. DIA. 0.040 (1.02mm) Pin 5,9. DIA. 0.080 (2.03mm) 2. All dimensions in inches (mm) 3. Tolerance :x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 4. Pin pitch tolerance 0.01 (0.25) 5. Pin dimension tolerance 0.004(0.1)
7
RU
6
RD
8
7
Product Option
Product option
Negative remote ON/OFF logic 0.20" pin length 0.145" pin length 0.11" pin length 0.20" pin length 0.145" pin length 0.11" pin length
Suffix
-L -K -P -S -M Heat-sink
Product option
H= 0.24" Vertical H= 0.45" Vertical H= 0.24" Horizontal H= 0.45" Horizontal Without EMC filter With EMC filter 7G-0023A-F 7G-0021A-F 7G-0022A-F 7G-0024A-F
Suffix
- HS2 - HS - HS1 - HS3 -T - TF
Positive remote ON/OFF logic
Terminal Block
Heat-Sink Type (Suffix-HS)
Vertical Fin Orientation Horizontal Fin Orientation
Page 4 of 5
Issued Date2009/01/13
4
Terminal Block Type
NoteTerminal Block without EMC Filter (Suffix-T) and Terminal Block with EMC Filter (Suffix-TF) The terminal block type of HAE75W can meet the EMC characteristics with an EMC filter. Followings are the mechanical drawings for reference. Pin assignments are same as standard type. 1) Terminal Block without EMC Filter (Suffix-T)
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
TRIM UP
TRIM DOWN
7
RU
6
RD
8
7
TERMINAL CONNECTION
Terminal 1 2 3 4 5 6 7 8 9 Define - INPUT CASE CTRL + INPUT - OUTPUT - SENSE TRIM + SENSE + OUTPUT wire range 14 AWG to 16 AWG 14 AWG to 18 AWG 14 AWG to 18 AWG 14 AWG to 16 AWG 10 AWG to 12 AWG 14 AWG to 18 AWG 14 AWG to 18 AWG 14 AWG to 18 AWG 10 AWG to 12 AWG
2) Terminal Block with EMC Filter (Suffix-TF)
All dimensions : inches (mm) Tolerance : x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25)
Page 5 of 5
Issued Date2009/01/13
5


▲Up To Search▲   

 
Price & Availability of HAE75-24S05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X