Part Number Hot Search : 
CXA10 1N6103A MP5005W F4001 KA3031 ZUW61215 09510 164245
Product Description
Full Text Search
 

To Download GG2015SWDNNRNP-V00-NOCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JEWEL HILL ELECTRONIC CO.,LTD.
JEWEL HILL ELECTRONIC CO.,LTD.
SPECIFICATIONS FOR LCD MODULE
Module No.
GG2015
Office Address: Rm. 518,5/F., 101 Shangbu Industrial District, HuaqiangNorthRoad, Shenzhen, China TEL : (86)-755-83362489 83617492 FAX: (86)-755-83286396 83365871 E-mail: sales@jewelhillelectronic.com jhlcd@21cn.com
Website: www.jewelhillelectronic.com
GG2015
VER: 2.0
-0-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
TABLE OF CONTENTS
LCM NUMBER SYSTEM ..................................................................... 2 1. 2. 3. 4. 5. 6. 7. 8. 9. GENERAL DESCRIPTION ........................................................... 3 FEATURES...................................................................................... 3 MECHANICAL SPECIFICATION .............................................. 3 MECHANICAL DIMENSION ....................................................... 4 MAXIMUM RATINGS .................................................................. 5 ELECTRICAL CHARACTERISTICS ......................................... 5 MODULE FUNCTION DESCRIPTION ...................................... 6 ELECTRO-OPTICAL CHARACTERISTICS .......................... 17 RELIABILITY............................................................................... 20
10. PRECAUTIONS FOR USING LCD MODULES ...................... 21 11. USING LCD MODULES .............................................................. 23 12. REVISION HISTORY .................................................................. 25 SAMPLE APPROVED REPORT ....................................................... 26
GG2015
VER: 2.0
-1-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
GG2015
VER: 2.0
-2-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION
The GG2015 is a 96 x 64 Dots Graphic LCD module. It has a FSTN panel composed of 96 segments and 64 commons. The LCM can be easily accessed by microcontroller via parallel or series interface.
2. FEATURES
Display Mode Display Format Input Data Bias Controller LSI Backlight Transflective and positive FSTN module Graphic 96x64 dots 8 bit parallel or series data input from MPU 1/9 Bias S6B0724 None
Multiplexing Ratio 1/65 Duty Viewing Direction 6 O'clock
3. MECHANICAL SPECIFICATION
Item Dimensional outline Resolution Active area Dots pitch Dots size Specifications 26.53 x (27.52+13.0) x 1.7(max) 96segs x 64coms 20.145(W) x 14.705(H) 0.21(W)x0.23(H) 0.195(W)x0.215(H) Unit mm dots mm mm mm
GG2015
VER: 2.0
-3-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
4. MECHANICAL DIMENSION
GG2015
VER: 2.0
-4-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
5. MAXIMUM RATINGS
Item Supply voltage Input Voltage Operating temperature Storage temperature Humidity Symbol VDD - Vss VLCD VIN TOPR TSTR --Min -0.3 -0.3 -0.3 -20 -30 --Max 4.0 18.0 VDD+0.3 +70 +80 90 %RH Unit V V V Note
6. ELECTRICAL CHARACTERISTICS
Item Supply Voltage Input Voltage Logic H level L level Symbol VDD VIH VIL IDD Condition ----VDD=3.0V; VLCD=9.0V,Tamb=25 ;
Min. --0.8VDD VSS ---
Typ. 3.0 -------
Max. --VDD 0.2VDD 1.2
Unit V V
Current Consumption (LCD DRIVER)
mA
LCD Driving Voltage
VLCD
Bias=1/9 VLCD=V0-VSS
---
9.0
---
V
GG2015
VER: 2.0
-5-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No. 1 2 3 4 5 6-13 14 15 16 17 18 19 20 21 22 23 24-27 28 29 30 Symbol Description
CS1B Chip select signal input, Low active. RESETB Reset signal input, Low active
Data/command select signal input, H: Data; L: Command When use 8080 MPU, this is active Low and Write signal input pin. RW_WRB When use 6800 MPU, H: Read; L: Write. When use 8080 MPU, this is active Low and Read signal input pin. E_RDB When use 6800 MPU, this is active High and Enable Clock input pin. 8-bit bi-directional Data bus. When "P/S=L", D0-D5 fixed to "H". DB0-DB7 D6 is serial clock input (SCL), D7 is serial data input (SDA). VDD Power supply for Positive (+3V).
RS
VCI VSS VOUT CAP4+ CAP3+ CAP1CAP1+ CAP2+ CAP2V1-V4 V0 C86 P/S
Refer voltage for LCD voltage converter circuit Power supply for Ground (0V). DC/DC voltage converter. Connect a capacitor between this pin VSS. DC/DC voltage converter. Connect to Vout when use 4-time voltage converter,and connect a capacitor between this pin and CAP2- when use 5-times voltage converter. DC/DC voltage converter. Connect a capacitor between this pin and CAP1-. DC/DC voltage converter. Connect a capacitor between this pin and CAP1+. DC/DC voltage converter. Connect a capacitor between this pin and CAP1-. DC/DC voltage converter. Connect a capacitor between this pin and CAP2-. DC/DC voltage converter. Connect a capacitor between this pin and CAP2+. This is multi-level power supply for liquid crystal driver, and must maintain the relative magnitudes shown below:
V0 V1 V2 V3 V4 Vss
MPU interface select pin, "H": 6800 MPU interface, "L":8080 MPU interface. When "P/S=L", this pin fixed to "H" or "L". Parallel/serial data input select. "H": Parallel data input; "L": Serial data input.
GG2015
VER: 2.0
-6-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
7.2 TIMING CHARACTERISTICS
1.SYSTEM BUS READ/WRITE CHARACTERISTIC
GG2015
VER: 2.0
-7-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
GG2015
VER: 2.0
-8-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
GG2015
VER: 2.0
-9-
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
2. RESET TIMING
3. DISPLAY CONTROL TIMING
GG2015
VER: 2.0
- 10 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
7.3 APPLICATION OF LCM
Reference circuit
GG2015
VER: 2.0
- 11 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
GG2015
VER: 2.0
- 12 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
GG2015
VER: 2.0
- 13 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
GG2015
VER: 2.0
- 14 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
7.4 TABLE OF COMMAND
GG2015
VER: 2.0
- 15 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
8. ELECTRO-OPTICAL CHARACTERISTICS
Item LCD driving voltage Symbol
Condition Temp
Min
Typ.
Max
Units
Note
0 VLCD = =0 25 50 Rise Time (Tr) Decay Time (Tf) Response Time Rise Time (Tr) Decay Time (Tf) Rise Time (Tr) Decay Time (Tf) Contrast Ratio Cr = =0 25 = =0 25 0
8.9 8.7 8.5 ------------5
9.2 9.0 8.8 -----225 240 ----10
9.5 9.3 9.1 ---340 360 ------NOTE4 msec NOTE2 V NOTE1
50
Viewing Angle Range
(25 CR2 )
(
= 0)
= 90
=180
=270
(6") 45
(3") 35
(12") 15
(9") 30 Deg NOTE3
For panel only
GG2015
VER: 2.0
- 16 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
Electro-Optical Characteristics Measuring Equipment(DMS501)
Printer
Detector
Positioning (,)
Display Driver LCD Temperature Control System Illumination (D65)
GG2015
VER: 2.0
- 17 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
Note 1. Definition of Driving Voltage( Vlcd) :
Selected Waveform 100 % 30 % 50 % Non-Selected Waveform 50 %
Vth1 Vlcd
Vth2 Operation Voltage
Note 2.
Definition of Optical Response Time :
NO SEL ECTED W AV EFORM (1 0S EC)
SEL ECTED WA VEFORM (1 0S EC)
9 0%
NO SEL ECTED W AV EFORM (1 0S EC)
1 0% 10 0% Brig htn ess 10 0%
Tr Rise Tim e
Tf Fall Tim e
t
GG2015
VER: 2.0
- 18 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
Note 3. Definition of Viewing Angle and :
Normal : =0 12 O'clock Direction =180
=270 9 O'clock Direction
=90 3 O'clock Direction
=0
Viewing Direction 6 O'clock Direction
Note 4.
Definition of Contrast ratio( CR) :
Brightness of Non-selected Segment (B2) Brightness of Selected Segment (B1)
CR =
Brightness (%)
Brightness Curve for Selected Segment Brightness Curve for Non-selected Segment Contrast CR,max
100%
B2
0%
B1 V,max Driving Voltage
GG2015
VER: 2.0
- 19 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
9. RELIABILITY
9.1. MTBF
The LCD module shall be designed to meet a minimum MTBF value of 50000 hours with normal. (25C in the room without sunlight)
9.2. TESTS
NO. 1 ITEM High Temperature Operating CONDITION 70 120Hrs CRITERION No Defect Of Operational Function In Room Temperature Are Allowable. IDD of LCM in 3 High Temperature/ Humidity Non-Operating High Temperature Non-Operating Low Temperature Non-Operating Temperature Cycling Non-Operating 70 ,90%RH ,120 Hrs Pre-and post-test should follow specification
2
Low Temperature Operating
-20
120Hrs
4
80
120Hrs
5
-30
120Hrs
6
-20 (30Min ) 70 10 CYCLES
(30Min)
Notes: Judgments should be mode after exposure in room temperature for two hours.
GG2015
VER: 2.0
- 20 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
10. PRECAUTIONS FOR USING LCD MODULES
10.1. HANDLING PRECAUTIONS
(1) The display panel is made of glass. Do not subject it to a mechanical shock or impact by dropping it. (2) If the display panel is damaged and the liquid crystal substance leaks out, be sure not to get any in your mouth. If the substance contacts your skin or clothes, wash it off using soap and water. (3) Do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. (4) The polarizer covering the display surface of the LCD module is soft and easily scratched. Handle this polarizer carefully. (5) If the display surface becomes contaminated, breathe on the surface and gently wipe it with a soft dry cloth. If it is heavily contaminated, moisten a cloth with one of the following solvents: - Isopropyl alcohol - Ethyl alcohol (6) Solvents other than those above mentioned may damage the polarizer. Especially, do not use the following: - Water - Ketone - Aromatic solvents (7) Extra care to minimize corrosion of the electrode. Water droplets, moisture condensation or a current flow in a high-humidity environment accelerates corrosion of the electrode. (8) Install the LCD Module by using the mounting holes. When mounting the LCD Module, make sure it is free of twisting, warping and distortion. In particular, do not forcibly pull or bend the I/O cable or the backlight cable. (9) (10) (11) (12) Do not attempt to disassemble or process the LCD Module. NC terminal should be open. Do not connect anything. If the logic circuit power is off, do not apply the input signals. To prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. - Be sure to ground the body when handling he LCD Module. - Tools required for assembling, such as soldering irons, must be properly grounded. -To reduce the amount of static electricity generated, do not conduct assembling and other work under dry conditions.
GG2015 VER: 2.0 - 21 Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
-The LCD Module is coated with a film to protect the display surface. Exercise care when peeling off this protective film since static electricity may be generated.
10.2. STORAGE CONDITIONS
When storing, avoid the LCD module to be exposed to direct sunlight of fluorescent lamps. For stability, to keep it away form high temperature and high humidity environment (The best condition is : 235C, 4520%RH). ESD protection is necessary for long-term storage also.
10.3. OTHERS
Liquid crystals solidify under low temperature (below the storage temperature range) leading to defective orientation or the generation of air bubbles (black or white). Air bubbles may also be generated if the module is subject to a low temperature. If the LCD Module have been operating for a long time showing the same display patterns the display patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear. A normal operating status can be recovered by suspending use for some time. It should be noted that this phenomenon does not adversely affect performance reliability. To minimize the performance degradation of the LCD Module resulting from destruction caused by static electricity etc. exercise care to avoid holding the following sections when handling the modules. - Exposed area of the printed circuit board. - Terminal electrode sections.
GG2015
VER: 2.0
- 22 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
11. Using LCD modules
11.1 LIQUID CRYSTAL DISPLAY MODULES
LCD is composed of glass and polarizer. Pay attention to the following items when handling. (1) Please keep the temperature within specified range for use and storage. Polarization degradation, bubble generation or polarizer peel-off may occur with high temperature and high humidity. (2) Do not touch, push or rub the exposed polarizers with anything harder than a HB pencil lead (glass, tweezers, etc). (3) N-hexane is recommended for cleaning the adhesives used to attach front/rear polarizers and reflectors made of organic substances, which will be damaged by chemicals such as acetone, toluene, toluene, ethanol and isopropyl alcohol. (4) When the display surface becomes dusty, wipe gently with absorbent cotton or other soft material like chamois soaked in petroleum ether. Do not scrub hard to avoid damaging the display surface. (5) Wipe off saliva or water drops immediately, contact with water over a long period of time may cause deformation or color fading. (6) Avoid contacting oil and fats. (7) Condensation on the surface and contact with terminals due to cold will damage, stain or polarizers. After products are tested at low temperature they must be warmed up in a container before coming is contacting with room temperature air. (8) Do not put or attach anything on the display area to avoid leaving marks on. (9) Do not touch the display with bare hands. This will stain the display area and degrade insulation between terminals (some cosmetics are determinate to the polarizers). (10)As glass is fragile, it tends to become or chipped during handling especially on the edges. Please avoid dropping or jarring.
11.2 INSTALLING LCD MODULE
Attend to the following items when installing the LCM. (1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell. (2) When assembling the LCM into other equipment, the spacer to the bit between the LCM and the fitting plate should have enough height to avoid causing stress to the module surface, refer to the individual specifications for measurements. The measurement tolerance should be 0.1mm.
11.3 ELECTRO-STATIC DISCHARGE CONTROL
Since this module uses a CMOS LSI, the same careful attention should be paid for electrostatic discharge as for an ordinary CMOS IC.
GG2015 VER: 2.0 - 23 Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
(1) Make certain that you are grounded when handing LCM. (2) Before removing LCM from its packing case or incorporating it into a set, be sure the module and your body have the same electric potential. (3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron does not leak. (4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground potentiality to minimize as much as possible any transmission of electromagnetic waves produced sparks coming from the commutator of the motor. (5) As far as possible, make the electric potential of your work clothes and that of the workbenches to the ground potential. (6) To reduce the generation of electro-static discharge, be careful that the air in the work is not too dried. A relative humidity of 50%-60% is recommended.
11.4 PRECAUTIONS FOR OPERATION
(1) Viewing angle varies with the change of liquid crystal driving voltage (Vo). Adjust Vo to show the best contrast. (2) Driving the LCD in the voltage above the limit will shorten its lifetime. (3) Response time is greatly delayed at temperature below the operating temperature range. However, this does not mean the LCD will be out of the order. It will recover when it returns to the specified temperature range. (4) If the display area is pushed hard during operation, the display will become abnormal. However, it will return to normal if it is turned off and then on. (5) Condensation on terminals can cause an electrochemical reaction disrupting the terminal circuit. Therefore, this product must be used and stored within the specified condition of 235C, 4520%RH.
(6) When turning the power on, input each signal after the positive/negative voltage becomes stable.
11.5 SAFETY
(1) It is recommended to crush damaged or unnecessary LCDs into pieces and wash them off with solvents such as acetone and ethanol, which should later be burned. (2) If any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off thoroughly with soap and water.
GG2015
VER: 2.0
- 24 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
12. REVISION HISTORY
Version 1.0 2.0 Original version Change specification format Revise record Date 05-01-01 05-11-21
GG2015
VER: 2.0
- 25 -
Issue date: 2005/11/21
JEWEL HILL ELECTRONIC CO.,LTD.
SAMPLE APPROVED REPORT
(
SAMPLE MODEL NO. ( SAMPLE QUANTITY ( COLOR/TYPE ( / ) ) ) ) ) ) ) ) ) / IC) / / ) ) ) VIEWING DIRECTION ( DRIVING METHOD ( LOGIC VOLTAGE (IC LCD VOP (LCD OPERATING TEMP. ( STORAGE TEMP. ( POLARIZER----FRONT ( POLARIZER----BACK ( CONTROLLER/DRIVER IC( BACKLIGHT COLOR/TYPE ( DRAWING REV/NO./QUANTITY ( SPECIFICATION ( ) FSTN/POSITIVE 6:00 1/65Duty, 1/9Bias 3.0V 9.0V -20~70 -30~80 TRANSMISSIVE TRANSFLECTIVE S6B0724 NONE ) ) SAMPLE SERIES NUMBER NO. (
)
GG2015
REMARKS ( ) WRIT BY _________ DATE _________ APROV BY CUSTOMER'S APPROVAL ( 1 FUNCTION 2 DRIVER CONDITION 3 DISPLAY MODE 4 VIEWING ANGLE 5 BACKLIGHT 6 DISPLAYING PATTERN CUSTOMER'S CONCLUSIONS ( )
_________ DATE ________
)
OK N.G. OK N.G. OK N.G. OK N.G. OK N.G. OK N.G. ______________________________________
_______________________________________________________________________________ ________________________________________ CUSTOMER'S SIGNATURE _____________ DATE ( ) ___________
GG2015
VER: 2.0
- 26 -
Issue date: 2005/11/21


▲Up To Search▲   

 
Price & Availability of GG2015SWDNNRNP-V00-NOCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X