Part Number Hot Search : 
TM1130P 30CPQ050 SP706RCN W81C180 C1213A AC60S120 SSM3K3 FP1016A
Product Description
Full Text Search
 

To Download FTLX1371D3BCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY Product Specification
RoHS-6 Compliant 10Gb/s 220m Multi Mode Datacom SFP+ Transceiver FTLX1371D3BCL
PRODUCT FEATURES * * * * * * * * * * * Hot-pluggable SFP+ footprint Supports 9.95 to 10.3Gb/s bit rates Power dissipation < 1W RoHS-6 compliant (lead-free) Commercial temperature range -5C to 70C Single 3.3V power supply Maximum link length of upto 220m Uncooled directly modulated Fabry-Perot (FP) laser at 1310 nm Receiver linear electrical interface Duplex LC connector Built-in digital diagnostic functions APPLICATIONS * * 10GBASE-LRM 10G Ethernet Legacy FDDI multimode links
Finisar's FTLX1371D3BCL 10Gb/s Enhanced Small Form Factor Pluggable SFP+ transceivers are designed for use in 10-Gigabit Ethernet links up to 220m over Multi Mode fiber. They are compliant with SFF-84311, SFF-84322 and IEEE 802.3 aq3 10GBASE-LRM. Digital diagnostics functions are available via a 2-wire serial interface, as specified in SFF-84724. The FTLX1371D3BCL is a "linear module" i.e. it employs a linear receiver. Host board designers using an EDC PHY IC should follow the IC manufacturer's recommended settings for interoperating the host board EDC PHY with a linear receiver SFP+ module. The transceiver is RoHS compliant and lead-free per Directive 2002/95/EC5, and Finisar Application Note AN-20386. PRODUCT SELECTION
FTLX1371D3BCL
(c) Finisar Corporation - April 28, 2008 DRAFT Rev. A3 Page 1
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - April 2007
I.
Description
The Finisar FTLX1371D3BCL SFP+ transceiver is a linear-interface transceiver that enables, in conjunction with an Electronic Dispersion Compensation (EDC) on the host board, an IEEE802.3aq 10GBASE-LRM compliant link. The host board EDC provides correction for the severe modal dispersion that may occur during propagation through multimode fiber links, including legacy installed FDDI multimode fiber (see IEEE802.3aq for detailed information regarding fiber coverage).
EDC
SFP+ LRM
SFP+ LRM
EDC
Host Board
Host Board
Figure 1. Block Diagram of SFP+ LRM Module on Host Board with EDC
Unlike the XFP MSA transceiver requirements, the SFP+ transceiver does not contain internal retiming circuitry, and thus some of the Transmitter Optical Characteristics stated in this data sheet require that the Host Board is compliant to the SFP+ MSA specifications. See Chapter 3 in Reference [1] for further details.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 2
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
II.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Pin Descriptions
Symbol VEET TFAULT TDIS SDA SCL MOD_ABS RS0 RX_LOS RS1 VEER VEER RDRD+ VEER VCCR VCCT VEET TD+ TDVEET Name/Description Transmitter Ground Transmitter Fault Transmitter Disable. Laser output disabled on high or open. 2-wire Serial Interface Data Line 2-wire Serial Interface Clock Line Module Absent. Grounded within the module. No connection required Loss of Signal indication. Logic 0 indicates normal operation. No connection required Receiver Ground Receiver Ground Receiver Inverted DATA out. AC Coupled Receiver Non-inverted DATA out. AC Coupled Receiver Ground Receiver Power Supply Transmitter Power Supply Transmitter Ground Transmitter Non-Inverted DATA in. AC Coupled. Transmitter Inverted DATA in. AC Coupled. Transmitter Ground Ref. 1 2 3 3 3 4 1 1
1
1
1
Notes: 1. Circuit ground is internally isolated from chassis ground. 2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V. 3. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. MOD_ABS pulls line low to indicate module is plugged in. 4. RX_LOS is open collector output. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT 1 VeeT TD2 TX_Fault TD+ 3 TX_Disable VeeT 4 SDA VccT
20
19
18
17
16
Towards Bezel
5
SCL VccR 15
6
MOD_ABS VeeR 14
Towards ASIC
7
RS0 RD+ 13
8
RX_LOS RD12
9
RS1 VeeR 11 VeeR
10
Figure 2. Diagram of Host Board Connector Block Pin Numbers and Names
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 3
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
II.
Absolute Maximum Ratings
TS TA RH -40 -5 0 85 70 85 C C %
Storage Temperature Case Operating Temperature Relative Humidity
1
III.
Electrical Characteristics (TOP = -5 to 70 C, VCC = 3.14 to 3.46 Volts)
Symbol Vcc Icc P Min 3.14 Typ 200 Max 3.46 300 1.0 Unit V mA W Ref.
Parameter Supply Voltage Supply Current Power Dissipation
Exceeding the limits below may damage the transceiver module permanently.
Parameter Maximum Supply Voltage Storage Temperature Case Operating Temperature Relative Humidity Symbol Vcc TS TA RH Min -0.5 -40 -5 0 Typ Max 4.0 85 70 85 Unit V C C % Ref.
1
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 4
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
IV.
Electrical Characteristics (TOP = -5 to 70 C, VCC = 3.14 to 3.46 Volts)
Symbol Vcc Icc P Rin Vin,pp VD VEN
ZM
Parameter Supply Voltage Supply Current Power Dissipation Transmitter Input differential impedance Single ended data input swing Transmit Disable Voltage Transmit Enable Voltage Receiver Termination Mismatch at 1 MHz Single Ended Output Voltage Tolerance Output AC Common Mode Voltage Output Rise and Fall time (20% to 80%) Relative Noise LRM Links with crosstalk
Min 3.14
Typ 200
Max 3.46 300 1.0
Unit V mA W mV V V % V mV RMS Ps dB/Hz
Ref.
100 90 2 Vee 350 Vcc Vee+ 0.8 5 4.0 7.5
2 3 4
-0.3
Tr, Tf dRNx
30 TBD equation per SFF-8431 180 2 Vee 600 VccHOST Vee+0.8 per SFF-8431
5 6
Difference Waveform Distortion Penalty Differential Voltage Modulation Amplitude LOS Fault LOS Normal Power Supply Noise Tolerance
dWDP VMA VLOS fault VLOS norm VccT/VccR
dB mV V V mVpp
7 8 8 9
Notes: 1. Non-condensing. 2. Connected directly to TX data input pins. AC coupling from pins into laser driver IC. 3. Per SFF-8431 Rev 3.0 4. Into 100 ohms differential termination. 5. Measured with Module Compliance Test Board and OMA test pattern. 6. Crosstalk source rise/fall time (20%-80%) is 35 ps. 7. Defined with reference receiver with 14 T/2 spaced FFE taps and 5 T spaced DFE taps. 8. LOS is an open collector output. Should be pulled up with 4.7k - 10k on the host board. Normal operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V. 9. As described in Section 2.8.1, SFF-8431 Rev 3.0.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 5
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
IV.
Optical Characteristics (TOP = -5 to 70 C, VCC = 3. 14 to 3.46 Volts)
Symbol POMA PAVE PMAX rms @1260nm rms @ 1260nm1300nm rms @ 1300nm1355nm ER TWDP POFF Txj RIN12OMA <5m <11m Min -4.5 -6.5 1260 Typ Max +1.5 0.5 3 1355 2.4 See Figure 5-1 4 3.5 0 4.7 -30 0.033 -128 30 81 -12 20 PMAX Precursor Symmetrical Postcursor C Rrx LOSD LOSA +1.5 -6.5 -6.0 -6.5 1355 -12 -11 dB % dB dBm UI dB/Hz % dB dB dBm dBm Nm dB dBm dBm dB 5 6 Unit dBm dBm dBm Nm 1 Ref.
Parameter Transmitter Optical Modulation Amplitude (OMA) Average Launch Power Peak Launch Power Optical Wavelength
RMS Spectral Width
Nm
2
Optical Extinction Ratio Optical Eye Mask Margin Transmitter Waveform Dispersion Penalty Average Launch power of OFF transmitter Uncorrelated Jitter [rms] Relative Intensity Noise Encircled Flux Transmitter Reflectance Optical Return Loss Tolerance Receiver Receiver Overload Comprehensive Stressed Receiver Sensitivity (OMA) @ 10.3125Gb/s Wavelength Range Receiver Reflectance LOS De-Assert LOS Assert LOS Hysteresis
3 4
1260
-30 0.5
Notes: 1. Average power figures are informative only, per IEEE802.3aq 2. Maximum RMS spectral width as specified by Figure 3 3. Optical Eye Mask requires the host board to be SFF-8431 compliant. Optical eye mask per IEEE802.3aq. 4. TWDP figure requires the host board to be SFF-8431compliant. TWDP is calculated using the Matlab code provided in clause 68.6.6.2 of IEEE802.3aq 5. Receiver overload specified in OMA and under the worst comprehensive stressed condition. 6. Conditions of stressed receiver tests per IEEE802.3aq. CSRS testing requires the host board to be SFF-8431 compliant.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 6
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
Figure 3 Transmitter Maximum RMS Spectral Width
V.
General Specifications
Symbol BR BER Min Typ 10.3125 Max 10-12 Units Gb/s Ref. 1 2
Parameter Bit Rate Bit Error Ratio Maximum Supported Distances Fiber Type 1310nm OFL Bandwidth "FDDI" 160MHz/km 62.5m OM1 200MHz/km 400MHz/km 50m OM2 500MHz/km OM3 2000MHz/km
220 Lmax 220 100 Lmax 220 220 m 3 m 3
Notes: 1. 10GBASE-LRM 2. Tested with a 231 - 1 PRBS 3. Operating range as defined by IEEE standards. Longer reach possible depending upon link implementation.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 7
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
VI.
Environmental Specifications
Finisar 1310nm SFP+ transceivers have a commercial operating temperature range from -5 to +70C case temperature.
Parameter Case Operating Temperature Storage Temperature Symbol Top Tsto Min -5 -40 Typ Max 70 85 Units C C Ref.
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with U.S. FDA CDRH regulations. These products are certified by TUV and CSA to meet the Class 1 eye safety requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 8
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
VIII. Digital Diagnostic Functions Finisar FTLX1371D3BCL SFP+ transceivers support the 2-wire serial communication protocol as defined in the SFF-8472 Specification. Finisar SFP+ transceivers provide an enhanced digital diagnostic monitoring interface, which allows real-time access to device operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage. It also defines a sophisticated system of alarm and warning flags, which alerts endusers when particular operating parameters are outside of a factory set normal range. The SFF-8472 Specification defines a 256-byte memory map in E2PROM that is accessible over a 2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally defined serial ID memory map remains unchanged. The operating and diagnostics information is monitored and reported by a Digital Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed through a 2-wire serial interface. When the serial protocol is activated, the serial clock signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the SFP+ transceiver into those segments of the E2PROM that are not write-protected. The negative edge clocks data from the SFP+ transceiver. The serial data signal (SDA, Mod Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with SCL to mark the start and end of serial protocol activation. The memories are organized as a series of 8-bit data words that can be addressed individually or sequentially. For more information, please see the SFF-8472 Specification4.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 9
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
IX. Digital Diagnostic Specifications FTLX1371D3BCL transceivers can be used in host systems that require either internally or externally calibrated digital diagnostics.
Parameter Symbol Accuracy Internally measured transceiver DDTemperature temperature Internally measured transceiver DDVoltage supply voltage Measured TX bias current DDBias Measured TX output power DDTx-Power Measured RX received average DDRx-Power optical power Dynamic Range for Rated Accuracy Internally measured transceiver DDTemperature temperature Internally measured transceiver DDVoltage supply voltage Measured TX bias current DDBias Measured TX output power DDTx-Power Measured RX received average DDRx-Power optical power Max Reporting Range Internally measured transceiver DDTemperature temperature Internally measured transceiver DDVoltage supply voltage Measured TX bias current DDBias Measured TX output power DDTx-Power Measured RX received average DDRx-Power optical power Min Typ Max 3 100 10 2 2 Units C mV % dB dB 1 Ref.
0 3.1 0 tbd tbd
80 3.5 20 tbd 1.5
C V mA dBm dBm
-40 2.8 0 tbd tbd
125 4.0 20 tbd 0
C V mA dBm dBm
Notes: 1. Accuracy of Measured Tx Bias Current is 10% of the actual Bias Current from the laser driver to the laser.
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 10
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
X.
Host - Transceiver Interface Block Diagram
Figure 4-Host-Module Interface
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 11
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
XI.
Mechanical Specifications
Finisar's SFP+ transceivers are compatible with the dimensions defined by the SFP+ Specification SFF-8432. Bail color is orange.
FTLX1371D3BCL Mechanical Dimensions
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 12
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
XII. PCB Layout and Bezel Recommendations
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 13
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 14
FTLX1371 PRELIMINARY Datacom SFP+ Product Specification - July 2008
XIII. References 1. SFF-8431 Specifications for Enhanced 10 Gigabit Small Form Factor Pluggable Module "SFP+" Revision 3.0, May 8, 2008. 2. SFF-8432 Specification for Improved Pluggable Form Factor, Revision 5, July 16, 2007 3. IEEE Std 802.3aq-2006, PMD Type 10GBASE-LRM. IEEE Standards Department, 18 October 2006 4. "Digital Diagnostics Monitoring Interface for Optical Transceivers". SFF Document Number SFF-8472, Revision 10.3, December 1, 2007. 5. Directive 2002/95/EC of the European Council Parliament and of the Council, "on the restriction of the use of certain hazardous substances in electrical and electronic equipment". January 27, 2003. 6. "Application Note AN-2038: Finisar Implementation Of RoHS Compliant Transceivers", Finisar Corporation, January 21, 2005.
XIV. For More Information Finisar Corporation 1389 Moffett Park Drive Sunnyvale, CA 94089-1133 Tel. 1-408-548-1000 Fax 1-408-541-6138 sales@finisar.com www.finisar.com
(c) Finisar Corporation - July 25, 2008 DRAFT Rev. A3
Page 15


▲Up To Search▲   

 
Price & Availability of FTLX1371D3BCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X