Part Number Hot Search : 
SF2223D 2SA0794R 557T080M SB040 SD1564 DTL9503 631CCSD ASI10575
Product Description
Full Text Search
 

To Download F06C30PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 - 600 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Dual rectifier construction, positive centertap * Glass passivated chip junctions * Low power loss * Low forward voltage, high current capability * High surge current capability * Fast recovery times for high efficiency * High temperature soldering guaranteed : 260oC/10 seconds at terminals
F06C05PT THRU F06C60PT
CURRENT 6 Amperes
TO-220
.187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2)
.108 (2.75)
.413 (10.5) .374 (9.5)
.153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8)
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Weight: 2.24 grams ( Approximately )
.610 (15.5) .583 (14.8)
.051 (1.3) .043 (1.1) .035 (0.9) .102 (2.6) .091 (2.3)
.157 (4.0) .583 (14.8) .531 (13.5)
.028 (0.7) .020 (0.5) .126 (3.2)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
TO-220
UNITS Volts Volts Volts Amps Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction capacitance per leg ( NOTE 1 ) Typical thermal resistance ( NOTE 2 ) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ R
JC
F06C05PT F06C10PT F06C15PT F06C20PT F06C30PT F06C40PT F06C50PT F06C60PT
50 35 50
100 70 100
150 105 150
200 140 200 6.0 50
300 210 300
400 280 400
500 350 500
600 420 600
55 5.0 -65 to +175
30
o
pF C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum DC reverse current at rated DC blocking voltage per leg Maximum reverse recovery time ( NOTE 3 ) per leg NOTES : 1. 2. 3. 4. TC = 25 C TC = 100oC
o
SYMBOL VF IR trr
F06C05PT F06C10PT
F06C15PT
F06C20PT
F06C30PT
F06C40PT
F06C50PT
F06C60PT
UNITS Volts uAmps
1.30 5.0 70 150 250
nS 2001-6
Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts Thermal resistance from junction to case per leg mounted on heatsink Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
RATING CHARACTERISTIC CURVES ( F06C05PT THRU F06C60PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 50/100 nS/cm -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
8.0 6.0 4.0 2.0 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
0
25 50 75 100 125 150 175
CASE TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 200 100 60
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Pulse Width = 300uS 1% Duty Cycle
10
TJ =100oC
10 6.0
1.0
TJ =75oC
1.0 0.6
TJ =25oC
.1
TJ =25oC
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0.1 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, ( V ) 1.8
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 70 60 50 40 30 20 10 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 500 JUNCTION CAPACITANCE, ( pF )
TJ = 25oC
200 100 60 40 20 10 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
F06C05PT~F06C20PT F06C30PT~F06C60PT


▲Up To Search▲   

 
Price & Availability of F06C30PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X